Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAN1102F Datasheet(PDF) 3 Page - STANLEY ELECTRIC CO.,LTD.

Part # TAN1102F
Description  Surface Mount IRED/Right Angle Type
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

TAN1102F Datasheet(HTML) 3 Page - STANLEY ELECTRIC CO.,LTD.

  TAN1102F Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. TAN1102F Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. TAN1102F Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. TAN1102F Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. TAN1102F Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. TAN1102F Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. TAN1102F Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. TAN1102F Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. TAN1102F Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
2009.11.15
Page 3
□□1102F
Surface Mount IRED/Right Angle Type
Conditions
TAN
AN
TYP.
1.20
1.22
MAX.
1.40
1.40
Reverse Current
VR=5V
IR
MAX.
10
10
μA
MIN.
0.8
0.35
TYP.
1.6
0.5
Total Output Power
IF=20mA
Po
TYP.
5.7
2
mW
Peak Wavelength
IF=20mA
λ
p
TYP.
940
950
nm
Spectral Half-width
IF=20mA
⊿ λ
TYP.
50
45
nm
30(
θx) 35(θx)
110(
θy) 120(θy)
MIN.
-
-
TYP.
-
-
Response Time
IF=20mA
tr/tf
TYP.
1000
700
ns
Cut-off Frequency
IF=20mADC±5mA,
-3db from 0.1MHz
fc
Half Intensity Angle
IF=20mA
2
θ1/2
TYP.
IF=20mA
deg.
MHz
IE
Item
Symbol
V
mW/sr
Unit
Forward Voltage
IF=20mA
Radiant Intensity
VF
Characteristics
(Ta=25℃)
(Ta=25℃)
TAN
AN
Power Dissipation
Pd
70
75
mW
Forward Current
IF
50
50
mA
Pulse Forward Current
※ 1
IFRM
300
300
mA
⊿ IF
0.67
0.67
mA/
⊿ IFRM
4.00
4.00
mA/
Reverse Voltage
VR
5
5
V
Operating Temperature
Topr
Storage Temperature
Tstg
Unit
Derating
(Ta=25
℃ or higher)
-30
∼+85
-40
∼+100
Absolute Maximum Ratings
Item
Symbol
※1 I
FRM Measurement condition : Pulse Width≦100μs, Duty≦1/100
Absolute Maximum Ratings
Electro-Optical Characteristics
※ θx:Product long side axis,θy:Product short side axis


Similar Part No. - TAN1102F

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
TAN1102W STANLEY-TAN1102W Datasheet
288Kb / 17P
   Surface Mount IRED/Inner Lens Type
More results

Similar Description - TAN1102F

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
AN1111R STANLEY-AN1111R Datasheet
186Kb / 10P
   Surface Mount IRED/Reverse Mount Type
DNK1111R STANLEY-DNK1111R Datasheet
255Kb / 14P
   Surface Mount IRED/Reverse Mount Type
DNK1105W STANLEY-DNK1105W Datasheet
280Kb / 14P
   Surface Mount IRED/Dome Lens Type
AN504 STANLEY-AN504 Datasheet
176Kb / 10P
   Through-hole IRED/Right Angle Type
DNK1101W STANLEY-DNK1101W Datasheet
544Kb / 14P
   Surface Mount IRED/Inner Lens Type
DNK1102W STANLEY-DNK1102W Datasheet
288Kb / 17P
   Surface Mount IRED/Inner Lens Type
AN1102W STANLEY-AN1102W Datasheet
183Kb / 10P
   Surface Mount IRED/Inner Lens Type
DN1102W STANLEY-DN1102W Datasheet
193Kb / 10P
   Surface Mount IRED/Inner Lens Type
AN1111C STANLEY-AN1111C Datasheet
185Kb / 10P
   Surface Mount IRED
logo
List of Unclassifed Man...
DN1102WE ETC2-DN1102WE Datasheet
183Kb / 10P
   Surface Mount IRED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com