Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB360 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # SB360
Description  Power Switch (FPS?? FSL1x7 to Low- Power Supplies
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SB360 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  SB360 Datasheet HTML 1Page - Fairchild Semiconductor SB360 Datasheet HTML 2Page - Fairchild Semiconductor SB360 Datasheet HTML 3Page - Fairchild Semiconductor SB360 Datasheet HTML 4Page - Fairchild Semiconductor SB360 Datasheet HTML 5Page - Fairchild Semiconductor SB360 Datasheet HTML 6Page - Fairchild Semiconductor SB360 Datasheet HTML 7Page - Fairchild Semiconductor SB360 Datasheet HTML 8Page - Fairchild Semiconductor SB360 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.fairchildsemi.com
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0 • 11/2/10
AN-9719
Applying Fairchild Power Switch (FPS™) FSL1x7 to
Low- Power Supplies
1. Introduction
The highly integrated FSL-series consists of an integrated
current-mode Pulse Width Modulator (PWM) and an
avalanche-rugged 700V SenseFET. It is specifically
designed for high-performance offline Switched Mode
Power Supplies (SMPS) with minimal external components.
The features of the integrated PWM controller include a
proprietary
green-mode
function
providing
off-time
modulation to linearly decrease the switching frequency at
light-load
conditions
to
minimize
standby
power
consumption. The PWM controller is manufactured using
the BiCMOS process to further reduce power consumption.
The green mode and burst mode functions with a low
operating current (2mA in green mode) maximize light-load
efficiency so that the power supply can meet stringent
standby power regulations.
The FSL-series has a built-in synchronized slope
compensation to achieve stable peak-current-mode control.
The proprietary external line compensation ensures constant
output power limit over a wide AC input voltage range,
90VAC to 264VAC, and helps optimize the power stage.
Many protection functions; such as open–loop / overload
protection (OLP), over-voltage protection (OVP), and over-
temperature protection (OTP); are fully integrated into FSL-
series. These features improve the SMPS reliability without
increasing system cost.
Compared to a discrete MOSFET and controller or RCC
switching converter solution, the FSL-series reduces total
component count, converter size, and weight while
increasing efficiency, productivity, and system reliability.
These devices provide a basic platform for design of cost-
effective flyback converters.
Figure 1. Typical Application Circuit


Similar Part No. - SB360

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB360 PANJIT-SB360 Datasheet
54Kb / 2P
   3 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
logo
Zibo Seno Electronic En...
SB360 ZSELEC-SB360 Datasheet
114Kb / 2P
   3.0A SCHOTTKY BARRIER DIODE
logo
Fairchild Semiconductor
SB360 FAIRCHILD-SB360 Datasheet
488Kb / 10P
   Power Switch (FPSTM) FSBH-series to Standby Auxiliary Power Supply
SB360 FAIRCHILD-SB360 Datasheet
45Kb / 3P
   Schottky Rectifiers
logo
Vishay Siliconix
SB360 VISHAY-SB360 Datasheet
70Kb / 4P
   Schottky Barrier Rectifier
Revision: 19-Oct-09
More results

Similar Description - SB360

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA5S FAIRCHILD-KA5S_03 Datasheet
213Kb / 16P
   Power Switch(FPS)
KA1M0880D FAIRCHILD-KA1M0880D Datasheet
114Kb / 10P
   Power Switch(FPS)
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com