Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB330 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # SB330
Description  Power Switch (FPS?? FSL1x7 to Low- Power Supplies
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SB330 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  SB330 Datasheet HTML 1Page - Fairchild Semiconductor SB330 Datasheet HTML 2Page - Fairchild Semiconductor SB330 Datasheet HTML 3Page - Fairchild Semiconductor SB330 Datasheet HTML 4Page - Fairchild Semiconductor SB330 Datasheet HTML 5Page - Fairchild Semiconductor SB330 Datasheet HTML 6Page - Fairchild Semiconductor SB330 Datasheet HTML 7Page - Fairchild Semiconductor SB330 Datasheet HTML 8Page - Fairchild Semiconductor SB330 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AN-9719
APPLICATION NOTE
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0 • 11/2/10
3
2.4 Constant Power Control
To constantly limit the output power of the converter, high /
low line compensation is included. Sensing the converter
input voltage through the VIN pin, the high / low line
compensation function generates a line-voltage-dependent
peak-current-limit threshold voltage for constant power
control, as shown in Figure 6.
Figure 6. Constant Power Control
2.5 Protection Functions
The FSL-series provides full protection functions to prevent
the power supply and the load from being damaged. The
protection features is shown in Table 1.
Table 1. Protection Functions
FSL127H
FSL137H
OVP
Latch
Latch
OTP
Latch
Latch
OLP
Auto Restart
Auto Restart
VIN-H
Latch
Latch
VIN-L
Auto Restart
Auto Restart
2.5.1 VDD Over-Voltage Protection (OVP)
VDD over-voltage protection prevents IC damage caused by
over voltage on the VDD pin. The OVP is triggered when
VDD reaches 28V. It has debounce time (typically 130µs) to
prevent false trigger by switching noise.
2.5.2 Over-Temperature Protection (OTP)
The SenseFET and the control IC integration make
temperature detection of the SenseFET easier. When the
junction temperature exceeds approximately 142°C, thermal
shutdown is activated.
2.5.3 Overload Protection (OLP)
When the upper branch of the voltage divider for the shunt
regulator (KA431 shown) is open circuit, as shown in
Figure 7, or an output over-current or short occurs; there is
no current flowing through the opto-coupler transistor. VFB
(feedback voltage) pulls up to 6V. When the feedback
voltage is above 4.6V for longer than 56ms, OLP is
triggered. This protection is also triggered when the SMPS
output drops below the nominal value longer than 56ms due
to the overload condition.
Figure 7. OLP Operator


Similar Part No. - SB330

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB330 PANJIT-SB330 Datasheet
54Kb / 2P
   3 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
logo
Diotec Semiconductor
SB330 DIOTEC-SB330 Datasheet
93Kb / 2P
   Schottky Barrier Rectifier Diodes
logo
Semikron International
SB330 SEMIKRON-SB330 Datasheet
133Kb / 2P
   Schottky barrier rectifiers diodes
logo
DONGGUAN YOU FENG WEI E...
SB330 YFWDIODE-SB330 Datasheet
74Kb / 2P
   3.0Amp Schottky Barrier Rectifiers
logo
Gulf Semiconductor
SB330 GULFSEMI-SB330 Datasheet
98Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 3.0A
More results

Similar Description - SB330

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA5S FAIRCHILD-KA5S_03 Datasheet
213Kb / 16P
   Power Switch(FPS)
KA1M0880D FAIRCHILD-KA1M0880D Datasheet
114Kb / 10P
   Power Switch(FPS)
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com