Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN-9050 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # AN-9050
Description  Power Loss Calculation
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN-9050 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  AN-9050 Datasheet HTML 1Page - Fairchild Semiconductor AN-9050 Datasheet HTML 2Page - Fairchild Semiconductor AN-9050 Datasheet HTML 3Page - Fairchild Semiconductor AN-9050 Datasheet HTML 4Page - Fairchild Semiconductor AN-9050 Datasheet HTML 5Page - Fairchild Semiconductor AN-9050 Datasheet HTML 6Page - Fairchild Semiconductor AN-9050 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
APP NOTE NUMBER
APPLICATION NOTE
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0 • 7/14/09
2
Power Loss Measurement
Figure 2 shows the power loss diagram of a Fairchild
DrMOS evaluation board. The input powers are PIN, PCIN
and PDRV. Output power of the module is PSW. POUT is
total board output power after power loss of the inductor.
POUT is connected to Load.
Figure 2. Ploss Diagram of FDMF6704 Eval Board
When designing a Sync Buck application, critical design
parameters are input/output voltage, output current,
switching frequency and inductor value. Typically input and
output voltages are decided by the system application.
Switching frequency and output inductor are then optimized
to get the best trade-off among dynamic performance, EMI,
thermal, BOM, cost, etc.
Using module power loss as a figure of merit, it is easy to
judge which DrMOS design point is better or not since the
module power loss does not include the inductor power
loss. In other words, even using different inductors, module
power loss can specify the real and accurate power loss of
module itself and it is only slightly affected by inductor
power loss, if the inductor value is correct and the
application design is optimized.
PIN
VIN x IIN [W]
PCIN&PDRV
VCIN x ICIN [W] (including PDRV)
PSW
VSW x IOUT [W]
POUT
VOUT x IOUT [W]
PLmodule
PIN + PCIN&PDRV – PSW [W]
PLinductor
PSW – POUT [W]
Efficiency@SW
PSW/(PIN+PCIN&PDRV)*100 [%]
Efficiency@Out
POUT/(PIN+PCIN&PDRV)*100
[%]
Table 1. Power, Power Loss and Efficiency
Total
Pin
[W]
PLmod
[W]
Psw
[W]
PLind
[W]
Pout
[W]
Effi
@SW
[%]
Effi
@Out
[%]
46.49
6.771
39.72
0.64
39.08
85.44
84.06
Table 2. Power Loss Example at 30A Load
Table 1 and Table 2 show an example of power loss
definition, measurement and calculation. A Fairchild
FDMF6704 evaluation board was used for the testing. Note
that module power loss without inductor power loss makes
SW node efficiency higher than output node efficiency.
Inductor power loss is 0.64 W and it makes output
efficiency 1.3 % lower than SW node efficiency. If the
inductor value is not optimized, the whole system
performance as well as DrMOS will be affected and
decreased. All input/output voltage and current are
measured with precise DMM and current shunt resistors for
accurate data capture.
Power Loss Graph in Datasheet
The evaluation board total efficiency, SW node efficiency
and module power loss are measured and calculated to
represent DrMOS product performance in the datasheet.
The FDMF6704 datasheet has several graphs which indicate
module power loss, output current, normalized module
power loss and each design parameter variations. Figure 3
shows an example of a graph in the datasheet for module
power loss vs. output current.
Figure 3. Module Power Loss vs. Iout
Figure 3 represents a performance of FDMF6704 with
particular parameter values, such as VIN=12 V, VOUT=1.3
V, LOUT=440 nH, Fsw=350 kHz and output current from 0
to 35 A. This graph shows a performance under specific
condition. In order to use the datasheet graphs easily in
various system designs, normalized power loss graphs for
each key parameter are included in the datasheet. In the
Figure 4, power loss of the module is plotted with a
normalized value according to the output voltage change.
The reference value of module power loss for normalization
is chosen as 1.3 Vout because this voltage is typical in a
computing application, such as multi-phase VRD for Vcore.
When the output voltage is 2 V, normalized module power
loss will be around 1.13 times higher compared to 1.3 Vout.
Psw
Pout
DrMOS
FDMF
6704
Pin
Output
Inductor
Pcin&
Pdrv
PLinductor
Effi@SW
Effi@Out
Load
PLmodule


Similar Part No. - AN-9050

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-9052 FAIRCHILD-AN-9052 Datasheet
40Kb / 4P
   Design Guide for Selection of Bootstrap Components
AN-9055 FAIRCHILD-AN-9055 Datasheet
560Kb / 5P
   Assembly Guidelines for MicroFET 2x2 Dual Packaging
More results

Similar Description - AN-9050

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F078CB STMICROELECTRONICS-STM32F078CB Datasheet
1Mb / 120P
   CRC calculation unit
January 2017 Rev 4
logo
Semikron International
AN-11001 SEMIKRON-AN-11001 Datasheet
1Mb / 13P
   Key Words: 3L, NPC, TNPC, NPC2, MNPC, Multilevel, Loss Calculation
logo
STMicroelectronics
STM32F328C8 STMICROELECTRONICS-STM32F328C8 Datasheet
1Mb / 109P
   CRC calculation unit
January 2015 Rev 3
STM32F302XD STMICROELECTRONICS-STM32F302XD Datasheet
2Mb / 168P
   CRC calculation unit
October 2016 Rev 4
STM32F048C6 STMICROELECTRONICS-STM32F048C6 Datasheet
1Mb / 98P
   CRC calculation unit
January 2017 Rev 6
STM32F398VE STMICROELECTRONICS-STM32F398VE Datasheet
1Mb / 151P
   CRC calculation unit
July 2015 Rev 2
AN604 STMICROELECTRONICS-AN604 Datasheet
151Kb / 12P
   Calculation of conduction losses in a power rectifier
logo
Microchip Technology
MCP39F511 MICROCHIP-MCP39F511 Datasheet
1Mb / 62P
   Power-Monitoring IC with Calculation and Energy Accumulation
07/14/15
logo
STMicroelectronics
AN1623 STMICROELECTRONICS-AN1623 Datasheet
78Kb / 6P
   REGULATION LOOPS PRECISION CALCULATION
AN4021 STMICROELECTRONICS-AN4021 Datasheet
126Kb / 10P
   Calculation of reverse losses in a power diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com