Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCPF20N60 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FCPF20N60
Description  PFCPWM Combination Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCPF20N60 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FCPF20N60 Datasheet HTML 5Page - Fairchild Semiconductor FCPF20N60 Datasheet HTML 6Page - Fairchild Semiconductor FCPF20N60 Datasheet HTML 7Page - Fairchild Semiconductor FCPF20N60 Datasheet HTML 8Page - Fairchild Semiconductor FCPF20N60 Datasheet HTML 9Page - Fairchild Semiconductor FCPF20N60 Datasheet HTML 10Page - Fairchild Semiconductor FCPF20N60 Datasheet HTML 11Page - Fairchild Semiconductor FCPF20N60 Datasheet HTML 12Page - Fairchild Semiconductor FCPF20N60 Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
AN-8027
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0 • 8/26/09
9
It is typical to set the maximum power limit of PFC stage
around 1.2~1.5 of its nominal power such that the VEA is
around 4~4.5V at nominal output power. By adjusting the
current-sensing resistor for PFC stage, the maximum power
limit of PFC stage can be programmed.
To filter out the current ripple of switching frequency, an
RC filter is typically used for ISENSE pin. RLF1 should not
be larger than 100Ω and the cut-off frequency of filter
should be 1/2~1/6 of the switching frequency.
Diodes D1 and D2 are required to prevent over-voltage on
ISENSE pin due to the inrush current that might damage
the IC. A fast recovery diode or ultra fast recovery diode is
recommended.
Figure 16. Gain Modulation Block
(Design Example)
Setting the maximum power limit
of PFC stage as 450W, the current sensing resistor is
obtained as:
2
23
.
1
6
72 9 5.7 10
0.098
610 450
MAX
LINE BO
M
CS
MAX
IAC BOUT
VG
R
R
RP
⋅⋅
⋅⋅
×
==
=
Ω
×⋅
Thus, 0.1
Ω resistor is selected.
[STEP-8] PFC Current Loop Design
The transfer function from duty cycle to the inductor
current of boost power stage is given as:
=
)
)
BOUT
L
BOOST
V
i
sL
d
(29)
The transfer function from the output of the current control
error amplifier to the inductor current-sensing voltage is
obtained as:
11
=
)
)
CS
CS
BOUT
IEA
RAMP
BOOST
vR
V
vV
sL
(30)
where VRAMP is the peak to peak voltage of ramp signal for
current control PWM comparator, which is 2.55V.
The transfer function of the compensation circuit is given as:
1
1
2
2
1
2
IC
IEA
II
CS
IP
s
f
vf
s
vs
f
π
π
π
+
=⋅
+
)
)
(31)
where:
11
2
1
,
22
1
2
MI
II
IZ
IC
IC
IC
IP
IC
IC
G
f
fand
CR
C
f
RC
ππ
π
==
⋅⋅
=
⋅⋅
(32)
The procedure to design the feedback loop is as follows:
(a) Determine the crossover frequency (fIC) around
1/10~1/6 of the switching frequency. Then calculate
the gain of the transfer function of Equation (30) at
crossover frequency as:
11
@
2
IC
CS
CS
BOUT
IEA
RAMP
IC
BOOST
ff
vR
V
vV
f
L
π
=
=
⋅⋅
)
)
(33)
(b) Calculate RIC that makes the closed loop gain unity at
crossover frequency:
1
@
1
IC
IC
CS
MI
IEA
ff
R
v
G
v
=
=
)
)
(34)
(c) Since the control-to-output transfer function of power
stage has -20dB/dec slope and -90o phase at the
crossover frequency is 0dB, as shown in Figure 17; it
is necessary to place the zero of the compensation
network (fIZ) around 1/3 of the crossover frequency so
that more than 45
° phase margin is obtained. Then the
capacitor CIC1 is determined as:
1
1
2/ 3
IC
IC
C
C
Rf
π
=
(35)
(d) Place compensator high-frequency pole (fCP) at least a
decade higher than fIC to ensure that it does not
interfere with the phase margin of the current loop at
its crossover frequency.
2
1
2
IC
IP
IC
C
fR
π
=
⋅⋅
(36)


Similar Part No. - FCPF20N60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCPF20N60 FAIRCHILD-FCPF20N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCPF20N60 FAIRCHILD-FCPF20N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCPF20N60 FAIRCHILD-FCPF20N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCPF20N60 FAIRCHILD-FCPF20N60 Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
FCPF20N60FS FAIRCHILD-FCPF20N60FS Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
More results

Similar Description - FCPF20N60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
FAN4800A FAIRCHILD-FAN4800A_09 Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
FAN4800AS FAIRCHILD-FAN4800AS Datasheet
583Kb / 19P
   PFC/PWM Controller Combination
FAN4800AUN FAIRCHILD-FAN4800AUN Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
FAN4800A FAIRCHILD-FAN4800A Datasheet
659Kb / 24P
   PFC/PWM Controller Combination
FAN3988IL6X-F113 FAIRCHILD-FAN3988IL6X-F113 Datasheet
992Kb / 21P
   PFC/ PWM Controller Combination
logo
Texas Instruments
UCC28500-12 TI1-UCC28500-12 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
UCC28521 TI1-UCC28521_16 Datasheet
790Kb / 34P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLER
UCC28500 TI-UCC28500 Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
UCC18500 TI-UCC18500 Datasheet
91Kb / 8P
[Old version datasheet]   BiCMOS PFC/PWM Combination Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com