Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XL1001-BD Datasheet(PDF) 1 Page - Mimix Broadband

Part # XL1001-BD
Description  17.0-35.0 GHz GaAs MMIC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XL1001-BD Datasheet(HTML) 1 Page - Mimix Broadband

  XL1001-BD Datasheet HTML 1Page - Mimix Broadband XL1001-BD Datasheet HTML 2Page - Mimix Broadband XL1001-BD Datasheet HTML 3Page - Mimix Broadband XL1001-BD Datasheet HTML 4Page - Mimix Broadband XL1001-BD Datasheet HTML 5Page - Mimix Broadband XL1001-BD Datasheet HTML 6Page - Mimix Broadband XL1001-BD Datasheet HTML 7Page - Mimix Broadband XL1001-BD Datasheet HTML 8Page - Mimix Broadband XL1001-BD Datasheet HTML 9Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Mimix Broadband’s two stage balanced 17.0-35.0 GHz
GaAs MMIC low noise amplifier has a small signal gain
of 14.0 dB with a noise figure of 2.5 dB across the
band.This MMIC uses Mimix Broadband’s GaAs
PHEMT device model technology, and is based upon
electron beam lithography to ensure high
repeatability and uniformity.The chip has surface
passivation to protect and provide a rugged part with
backside via holes and gold metallization to allow
either a conductive epoxy or eutectic solder die
attach process.This device is well suited for
Millimeter-wave Point-to-Point Radio, LMDS, SATCOM
and VSAT applications.
17.0-35.0 GHz GaAs MMIC
Low Noise Amplifier
Absolute Maximum Ratings
Page 1 of 9
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2010 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
Features
Balanced Design
Excellent Input/Output Match
Self-biased Architecture
14.0 dB Small Signal Gain
2.5 dB Noise Figure
100% On-Wafer RF, DC and Noise Figure Testing
100% Visual Inspection to MIL-STD-883
Method 2010
General Description
Supply Voltage (Vd)
Supply Current (Id)
Input Power (Pin)
Storage Temperature (Tstg)
Operating Temperature (Ta)
Channel Temperature (Tch)1
+6.0 VDC
85 mA
+15.0 dBm
-65 to +165 ºC
-55 to +85 ºC
+175 ºC
(1) Channel temperature affects a device's MTBF. It is
recommended to keep channel temperature as low as
possible for maximum life.
Chip Device Layout
Frequency Range (f)
Input Return Loss (S11)
Output Return Loss (S22)
Small Signal Gain (S21)
Gain Flatness ( S21)
Reverse Isolation (S12)
Noise Figure (NF) @ 21.0-35.0 GHz
Output Power for 1 dB Compression (P1dB)
Output Third Order Intercept Point (OIP3)
Drain Bias Voltage (V5)
Supply Current (Id)
Electrical Characteristics (AmbientTemperature T = 25 oC)
Parameter
Units
GHz
dB
dB
dB
dB
dB
dB
dBm
dBm
VDC
mA
Min.
17.0
8.0
15.0
12.0
-
25.0
-
-
-
-
-
Typ.
-
10.0
18.0
14.0
+/-1.5
30.0
2.5
+4.0
+16.0
+5.0
55
Max.
35.0
-
-
-
-
-
3.5
-
-
+5.5
65
January 2010 - Rev 10-Jan-10
L1001-BD
(2) See plots for additional information.
(3) Unless otherwise indicated min/max over 17.0-35.0 GHz and biased at Vd=5V, Id=55mA.
3
3
3
3
3
2
2


Similar Part No. - XL1001-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XL1001-BD MIMIX-XL1001-BD Datasheet
338Kb / 8P
   17.0-35.0 GHz GaAs MMIC Low Noise Amplifier
XL1001-BD-000V MIMIX-XL1001-BD-000V Datasheet
338Kb / 8P
   17.0-35.0 GHz GaAs MMIC Low Noise Amplifier
XL1001-BD-000W MIMIX-XL1001-BD-000W Datasheet
338Kb / 8P
   17.0-35.0 GHz GaAs MMIC Low Noise Amplifier
XL1001-BD-EV1 MIMIX-XL1001-BD-EV1 Datasheet
338Kb / 8P
   17.0-35.0 GHz GaAs MMIC Low Noise Amplifier
More results

Similar Description - XL1001-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XL1001-BD MIMIX-XL1001-BD Datasheet
338Kb / 8P
   17.0-35.0 GHz GaAs MMIC Low Noise Amplifier
XL1001 MIMIX-XL1001 Datasheet
428Kb / 8P
   17.0-35.0 GHz GaAs MMIC Low Noise Amplifier
logo
M/A-COM Technology Solu...
XP1019-BD MA-COM-XP1019-BD Datasheet
292Kb / 8P
   17.0-24.0 GHz GaAs MMIC
logo
Mimix Broadband
XR1007-BD MIMIX-XR1007-BD_08 Datasheet
270Kb / 8P
   11.0-17.0 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XP1003-BD MA-COM-XP1003-BD Datasheet
554Kb / 6P
   27.0-35.0 GHz GaAs MMIC
XU1006-BD MA-COM-XU1006-BD Datasheet
1Mb / 1P
   35.0-42.0 GHz GaAs MMIC
logo
Mimix Broadband
XP1003-BD MIMIX-XP1003-BD Datasheet
565Kb / 6P
   27.0-35.0 GHz GaAs MMIC
XP1005-BD MIMIX-XP1005-BD_11 Datasheet
932Kb / 7P
   35.0-43.0 GHz GaAs MMIC
B1005-BD MIMIX-B1005-BD_08 Datasheet
727Kb / 12P
   35.0-45.0 GHz GaAs MMIC
XU1010-BD MIMIX-XU1010-BD_09 Datasheet
1Mb / 1P
   17.0-34.0 GHz GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com