Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB340 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # SB340
Description  Power Switch (FPSTM) FSBH-series to Standby Auxiliary Power Supply
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SB340 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  SB340 Datasheet HTML 1Page - Fairchild Semiconductor SB340 Datasheet HTML 2Page - Fairchild Semiconductor SB340 Datasheet HTML 3Page - Fairchild Semiconductor SB340 Datasheet HTML 4Page - Fairchild Semiconductor SB340 Datasheet HTML 5Page - Fairchild Semiconductor SB340 Datasheet HTML 6Page - Fairchild Semiconductor SB340 Datasheet HTML 7Page - Fairchild Semiconductor SB340 Datasheet HTML 8Page - Fairchild Semiconductor SB340 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.fairchildsemi.com
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.1 • 9/18/09
1
AN-8024
Applying Fairchild Power Switch (FPS
TM) FSBH-series to
Standby Auxiliary Power Supply
1. Introduction
The highly integrated FSBH-series consists of an integrated
current mode Pulse Width Modulator (PWM) and an
avalanche-rugged
700V
SenseFET.
It
is
specifically
designed for high-performance offline Switch-Mode Power
Supplies (SMPS) with minimal external components.
The
integrated
PWM
controller
features
include
a
proprietary green-mode function that provides off-time
modulation to linearly decrease the switching frequency at
light-load
conditions
to
minimize
standby
power
consumption. The PWM controller is manufactured using
the BiCMOS process to further reduce power consumption.
The green and burst modes function with a low operating
current (2.5mA in green mode) to maximize the light load
efficiency so that the power supply can meet stringent
standby power regulations.
The
FSBH-series
has
built-in
synchronized
slope
compensation to achieve stable peak-current-mode control.
The proprietary external line compensation ensures constant
output power limit over a wide AC input voltage range, from
90VAC to 264VAC and helps optimize the power stage.
Many protection functions, such as open-loop / overload
protection (OLP), over-voltage protection (OVP), brownout
protection, and over-temperature protection (OTP); are fully
integrated into FSBH-series, which improves the SMPS
reliability without increasing the system cost.
This application note presents design consideration to apply
FSBH-series to a standby auxiliary power supply with single
output. It covers designing the transformer, selecting the
components, feedback loop design, and design tips to
maximize efficiency. For multi-output applications, refer to
Fairchild application note AN-4137.
Figure 1. Typical Application Circuit


Similar Part No. - SB340

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB340 PANJIT-SB340 Datasheet
54Kb / 2P
   3 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
logo
Diotec Semiconductor
SB340 DIOTEC-SB340 Datasheet
138Kb / 2P
   Schottky Barrier Rectifier Diodes
logo
Vishay Siliconix
SB340 VISHAY-SB340 Datasheet
70Kb / 4P
   Schottky Barrier Rectifier
Revision: 19-Oct-09
SB340 VISHAY-SB340 Datasheet
76Kb / 4P
   Schottky Barrier Plastic Rectifier
Revision: 13-Aug-13
logo
Fairchild Semiconductor
SB340 FAIRCHILD-SB340 Datasheet
45Kb / 3P
   Schottky Rectifiers
More results

Similar Description - SB340

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM101 FAIRCHILD-FSDM101 Datasheet
542Kb / 14P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0565RB FAIRCHILD-FSDM0565RB_06 Datasheet
470Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM311 FAIRCHILD-FSDM311 Datasheet
721Kb / 16P
   Green Mode Fairchild Power Switch (FPSTM)
FSDL0365RN FAIRCHILD-FSDL0365RN_05 Datasheet
938Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0565RBWDTU FAIRCHILD-FSDM0565RBWDTU Datasheet
267Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDH0170RNB FAIRCHILD-FSDH0170RNB Datasheet
598Kb / 19P
   Green Mode Fairchild Power Switch (FPSTM)
FSDL0165RN FAIRCHILD-FSDL0165RN Datasheet
479Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0365RN FAIRCHILD-FSDM0365RN Datasheet
935Kb / 22P
   Green Mode Fairchild Power Switch (FPSTM)
FSD210 FAIRCHILD-FSD210 Datasheet
391Kb / 18P
   Green Mode Fairchild Power Switch (FPSTM)
FSDH0265RN FAIRCHILD-FSDH0265RN_05 Datasheet
938Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com