Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN-8024 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # AN-8024
Description  Power Switch (FPSTM) FSBH-series to Standby Auxiliary Power Supply
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN-8024 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button AN-8024 Datasheet HTML 2Page - Fairchild Semiconductor AN-8024 Datasheet HTML 3Page - Fairchild Semiconductor AN-8024 Datasheet HTML 4Page - Fairchild Semiconductor AN-8024 Datasheet HTML 5Page - Fairchild Semiconductor AN-8024 Datasheet HTML 6Page - Fairchild Semiconductor AN-8024 Datasheet HTML 7Page - Fairchild Semiconductor AN-8024 Datasheet HTML 8Page - Fairchild Semiconductor AN-8024 Datasheet HTML 9Page - Fairchild Semiconductor AN-8024 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AN-8024
APPLICATION NOTE
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.1 • 9/18/09
6
The typical voltage and current margins for the rectifier
diode are:
1.3
RRM
DO
VV
>⋅
(18)
1.5
RMS
FDO
II
>⋅
(19)
where VRRM is the maximum reverse voltage and IF is the
current rating of the diode.
(Design Example)
The diode voltage and current are
calculated as:
373
5
25.5
18.18
MAX
IN
DO
O
V
VV
V
n
=+
= +
=
1
10.47
18.18 0.36
6.9
0.47
RMS
RMS
MAX
DO
DS
MAX
D
In I
D
A
=⋅
=⋅
=
Two 5A and 40V diodes in parallel are selected for the
rectifier diode.
[STEP-10] Feedback Circuit Configuration
Since FSBH-series employs current-mode control, the
feedback loop can be implemented with a one-pole and one-
zero compensation circuit.
The current control factor of FPS, K is defined as:
3.2
LIM
LIM
SAT
FB
I
I
K
V
==
(20)
where ILIM is the pulse-by-pulse current limit and VFB
SAT is
the feedback saturation voltage. which is typically 3.2V.
As described in step 4, it is typical to design the flyback
converter to operate in CCM for heavy load condition. For
CCM operation, the control-to-output transfer function of a
flyback converter using current mode control is given by:
ˆ
ˆ
(/
) (1
/
)(1
/
)
2(1
/
)
ωω
ω
=
⋅⋅
+−
=⋅
++
o
vc
FB
LIN
P
S
Z
RZ
RO
IN
P
v
G
v
KR V
N
N
ss
VV
s
(21)
where RL is the load resistance and the pole and zeros of
Equation (21) are obtained as:
2
2
(1
)
1(1
)
,
(/
)
L
ZRZ
P
CO
M
S
P
L
O
RD
D
and
R CDL
N
N
R C
ωω
ω
+
==
=
where D is the duty cycle of the FPS and RC is the ESR of CO.
Notice that there is a right half plane (RHP) zero (ωRZ) in the
control-to-output
transfer
function
of
Equation
(21).
Because the RHP zero reduces the phase by 90 degrees, the
crossover frequency should be placed below the RHP zero.
Figure 7 shows the variation of a CCM flyback converter
control-to-output
transfer
function
for
different
input
voltages. This figure shows the system poles and zeros
together with the DC gain change for different input
voltages. The gain is highest at the high input voltage
condition and the RHP zero is lowest at the low input
voltage condition.
Figure 7.
CC
M Flyback Converter Control-to Output Trans-
fer Function Variation for Different
Input Voltages
Figure 8 shows the variation of a CCM flyback converter
control-to-output transfer function for different loads. This
figure shows that the low frequency gain does not change for
different loads and the RHP zero is lowest at the full load
condition.
Figure 8. CCM Flyback Converter Control-to Output
Transfer Function Variation for Different
Loads
When the input voltage and the load current vary over a wide
range, it is not easy to determine the worst case for the
feedback loop design. The gain, together with zeros and poles,
vary according to the operating conditions. Moreover, even
though the converter is designed to operate in CCM or at the
boundary of DCM and CCM in the minimum input voltage
and full load condition, the converter enters into DCM,


Similar Part No. - AN-8024

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-8021 FAIRCHILD-AN-8021 Datasheet
360Kb / 13P
   Building Variable Output Voltage Boost PFC Converters
AN-8023 FAIRCHILD-AN-8023 Datasheet
363Kb / 6P
   Negative Voltage Management
AN-8027 FAIRCHILD-AN-8027 Datasheet
620Kb / 17P
   PFCPWM Combination Controller
More results

Similar Description - AN-8024

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM101 FAIRCHILD-FSDM101 Datasheet
542Kb / 14P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0565RB FAIRCHILD-FSDM0565RB_06 Datasheet
470Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM311 FAIRCHILD-FSDM311 Datasheet
721Kb / 16P
   Green Mode Fairchild Power Switch (FPSTM)
FSDL0365RN FAIRCHILD-FSDL0365RN_05 Datasheet
938Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0565RBWDTU FAIRCHILD-FSDM0565RBWDTU Datasheet
267Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDH0170RNB FAIRCHILD-FSDH0170RNB Datasheet
598Kb / 19P
   Green Mode Fairchild Power Switch (FPSTM)
FSDL0165RN FAIRCHILD-FSDL0165RN Datasheet
479Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0365RN FAIRCHILD-FSDM0365RN Datasheet
935Kb / 22P
   Green Mode Fairchild Power Switch (FPSTM)
FSD210 FAIRCHILD-FSD210 Datasheet
391Kb / 18P
   Green Mode Fairchild Power Switch (FPSTM)
FSDH0265RN FAIRCHILD-FSDH0265RN_05 Datasheet
938Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com