Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPF2194 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FPF2194
Description  Reliable USB Modem Design Using the Combination of an Integrated Load Switch and a Buck Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2194 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FPF2194 Datasheet HTML 1Page - Fairchild Semiconductor FPF2194 Datasheet HTML 2Page - Fairchild Semiconductor FPF2194 Datasheet HTML 3Page - Fairchild Semiconductor FPF2194 Datasheet HTML 4Page - Fairchild Semiconductor FPF2194 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AN-8019
APPLICATION NOTE
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.1 • 5/3/10
4
Table 2.
Transient Performance Data
Parameter
GSM Mode
GPRS Class 10
PA Minimum
3.0V Minimum
3.0V Minimum
PA Peak Current
2A for 577µs
2A for 1.5ms
VOUT Drop
-300mV
-520mV
Input Current Limit by FPF2195
600mA
600mA
Protection and Efficiency
The FPF2195 and FAN8060 offer two key advantages. The
FPF2195 provides input OCP to ensure the pulsed load
during GSM/GPRS transmission does not damage the USB
hub side of the power management block or cause it to be
reset unexpectedly. The FAN8060 supplies the required 2A
peak current and recharges the output capacitance. This
limits the input current from the 5V USB input source to
600mA. In addition, the FAN8060 provides maximum
output current limit protection, which protects against a
dead-short condition at the output load, as shown in Figure
8. As soon as the FAN8060’s inductor current reaches a
preset threshold value at the short condition, the internal
error amplifier signal is pulled to ground and the inductor
current reduces to zero. Until the inductor current rises to
the output OCP threshold, the input current is limited to
600mA by the FPF2195 to ensure the output short condition
does not affect USB input capacity.
VOUT of FAN8060 [1V/div.]
VIN of FPF2195 [2V/div.]
Load Current [2A/div.]
Input current
Limit by FPF2195
[20ms/div.]
[500mA/div.]
Figure 8. FAN8060 Output OCP at a Given
Pulse Load of 4A to 0.4A
The FPF2195 and FAN8060 power supply reaches 95%
efficiency at the average current consumption range shown
in Figure 9. The average load current over a 4.62ms period
of GSM and GPRS transmission is 340mA and 570mA,
respectively.
64
68
72
76
80
84
88
92
96
100
0
0.2
0. 4
0.6
0. 8
1
Load [A]
Figure 9. Efficiency of FPF2195 and FAN8060
at VIN=5V, VOUT=3.6V
Conclusion
The combination of the FPF2195 and FAN8060 offers a
reliable solution for GSM/GPRS modems powered by a
USB source. The input current protection provided by the
FPF2195 prevents the USB input source from overloading
and the maximum output current limit
Author
Ilsoo Yang, Technical Product Marketing, and
SungGeun Yoon, Sr. Applications Engineer
Related Datasheets
FPF2193/4/5 — Full Function Load Switch with Adjustable
Current Limit
FAN8060 — 1.2MHz Synchronous Step-Down DC/DC
Regulator
s.


Similar Part No. - FPF2194

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2194 FAIRCHILD-FPF2194 Datasheet
529Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
FPF2194 FAIRCHILD-FPF2194 Datasheet
895Kb / 14P
   Full-Function Load Switch with Adjustable Current Limit
logo
ON Semiconductor
FPF2194 ONSEMI-FPF2194 Datasheet
955Kb / 14P
   Full-Function Load Switch with Adjustable Current Limit
December-2017, Rev. 2
logo
Fairchild Semiconductor
FPF2194 FAIRCHILD-FPF2194_12 Datasheet
895Kb / 14P
   Full-Function Load Switch with Adjustable Current Limit
More results

Similar Description - FPF2194

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
ST-OV4-24DC PHOENIX-ST-OV4-24DC Datasheet
126Kb / 7P
   Reliable detection and indication of an open circuit on the load side
logo
Texas Instruments
SLVA343A TI-SLVA343A Datasheet
380Kb / 8P
[Old version datasheet]   Medium Integrated Power Solution Using a Dual DC/DC Converter and an LDO
logo
PHOENIX CONTACT
2700993 PHOENIX-2700993 Datasheet
58Kb / 3P
   The ILC 130 SBT STARTERKIT is a combination of hardware and an example project.
logo
NXP Semiconductors
NX5P3201 NXP-NX5P3201 Datasheet
1Mb / 25P
   3 A USB power switch and 6 A high-side load switch
Rev. 1 ??11 December 2015
logo
Silicon Laboratories
AN611 SILABS-AN611 Datasheet
1Mb / 10P
   USING THE ISOVOLT DC/DC CONVERTER REFERENCE DESIGN
logo
Richtek Technology Corp...
RT8265 RICHTEK-RT8265 Datasheet
263Kb / 13P
   The RT8265 is an asynchronous high voltage buck converter
logo
Shenzhen Guan Hua Wei Y...
WSF30100D WIINSOK-WSF30100D Datasheet
1Mb / 5P
   High Frequency Point-of-Load Synchronous Buck Converter
WSG02P06 WIINSOK-WSG02P06 Datasheet
2Mb / 5P
   High Frequency Point-of-Load Synchronous Buck Converter.
logo
Analog Devices
CN-0232 AD-CN-0232 Datasheet
246Kb / 6P
   Minimizing Spurious Outputs Using a Synthesizer with an Integrated VCO and an External PLL Circuit
REV. 0
logo
International Rectifier
IRF7805ZTRPBF IRF-IRF7805ZTRPBF Datasheet
275Kb / 10P
   High Frequency Point-of-Load Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com