Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN-8021 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # AN-8021
Description  Building Variable Output Voltage Boost PFC Converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN-8021 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button AN-8021 Datasheet HTML 4Page - Fairchild Semiconductor AN-8021 Datasheet HTML 5Page - Fairchild Semiconductor AN-8021 Datasheet HTML 6Page - Fairchild Semiconductor AN-8021 Datasheet HTML 7Page - Fairchild Semiconductor AN-8021 Datasheet HTML 8Page - Fairchild Semiconductor AN-8021 Datasheet HTML 9Page - Fairchild Semiconductor AN-8021 Datasheet HTML 10Page - Fairchild Semiconductor AN-8021 Datasheet HTML 11Page - Fairchild Semiconductor AN-8021 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
AN-8021
APPLICATION NOTE
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.1 • 6/1/10
8
A few other problems, which should be seriously considered
when the output levels are selected, are the amplitude of the
line frequency ripple voltage across the converter’s output
capacitor and hold-up time requirements. The issue is that
energy stored in the capacitor is proportional to the square
of the output voltage. Assume that the output capacitor is
calculated for 400V output and +/-20V (i.e. +/-5%) line
frequency ripple at full load. At 300V output, the ripple
would grow to +/-35V (or +/-12%) and, at 200V, it would
reach +/-80V (equal to +/-40%). Generally, the lower the
output voltage set point is, especially VOUT,L, the output
capacitance of the converter must be significantly over
designed to keep the line frequency ripple under control.
Similarly, meeting the hold-up time requirement at a
drastically lowered output voltage level imposes a severe
penalty in output capacitance.
Once the suitable output voltages are established, the circuit
diagram shown in Figure 13 can be used to implement a
two-level boost power factor corrector.
The circuit implementation includes two sections, R8, R9
and the “ideal, sink-only diode” comprised of U1 and D1 is
used to establish the VOUT,L voltage level. In the other
section of the circuit, U2 is configured as a comparator,
where its threshold for the output voltage switchover is
determined by R11 and R12. The transistor Q1 and R13
provides hysteresis for the comparator. The output of the
comparator, together with D2, R10 current limiting resistor,
and C3 filter capacitor; is used to override the voltage
presented at the non-inverting input of U1. Once the peak
input voltage exceeds the desired value corresponding to
VIN,SW, the comparator output goes HIGH and peak charges
C3 filter capacitor to approximately a diode forward voltage
drop less than U2’s 5V bias voltage. At that point, D1
becomes reverse biased and CSS is charged to its nominal
3V level, which corresponds to the nominal output voltage
of the converter, VOUT,H. The wide hysteresis established by
R13 and Q1 ensures that the output of U2 remains HIGH
for approximately one quarter of a line period to be able to
charge C3 to the final voltage level at the first trigger event
of the comparator.
The design procedure of this circuit starts by setting VOUT,L.
The lower output voltage level is established by R8 and R9
and these resistors, together with R10 and C3, also define
the time constant of the comparator’s output filter. The
impedance has to be quite high to reduce the C3 capacitor
value. It is recommended to set the divider current to 10µA,
which means:
500kΩ
10μ0
5V
R9
R8
=
=
+
(19)
Figure 13. Two-Level Boost Output Voltage Implementation


Similar Part No. - AN-8021

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-8023 FAIRCHILD-AN-8023 Datasheet
363Kb / 6P
   Negative Voltage Management
AN-8024 FAIRCHILD-AN-8024 Datasheet
488Kb / 10P
   Power Switch (FPSTM) FSBH-series to Standby Auxiliary Power Supply
AN-8027 FAIRCHILD-AN-8027 Datasheet
620Kb / 17P
   PFCPWM Combination Controller
More results

Similar Description - AN-8021

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3424 LINER-LTC3424_15 Datasheet
212Kb / 12P
   Low Output Voltage, 3MHz Micropower Synchronous Boost Converters
LTC3423 LINER-LTC3423_15 Datasheet
212Kb / 12P
   Low Output Voltage, 3MHz Micropower Synchronous Boost Converters
logo
Linear Integrated Syste...
LTC3423 LINEAR-LTC3423 Datasheet
203Kb / 12P
   Low Output Voltage 3MHz Micropower Synchronous Boost Converters
logo
Linear Technology
LTC3423 LINER-LTC3423 Datasheet
206Kb / 12P
   Low Output Voltage, 3MHz Micropower Synchronous Boost Converters
logo
PCA ELECTRONICS INC.
EPC3246-XX PCA-EPC3246-XX_15 Datasheet
126Kb / 5P
   PFC Boost Inductor
logo
Cooper Bussmann, Inc.
CTX16-17309 COOPER-CTX16-17309 Datasheet
200Kb / 1P
   INDUCTOR, BOOST PFC
CTX16-17769-R COOPER-CTX16-17769-R Datasheet
219Kb / 1P
   INDUCTOR, BOOST PFC
logo
Coilcraft lnc.
JA4224 COILCRAFT-JA4224 Datasheet
150Kb / 1P
   PFC Boost Inductor
logo
PCA ELECTRONICS INC.
EPC3245-XX PCA-EPC3245-XX Datasheet
113Kb / 5P
   PFC Boost Inductor
EPC3246-XX PCA-EPC3246-XX Datasheet
125Kb / 5P
   PFC Boost Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com