Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDS3670 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FDS3670
Description  Power Converter Topology and MOSFET Selection for 48-V Telecom
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS3670 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FDS3670 Datasheet HTML 4Page - Fairchild Semiconductor FDS3670 Datasheet HTML 5Page - Fairchild Semiconductor FDS3670 Datasheet HTML 6Page - Fairchild Semiconductor FDS3670 Datasheet HTML 7Page - Fairchild Semiconductor FDS3670 Datasheet HTML 8Page - Fairchild Semiconductor FDS3670 Datasheet HTML 9Page - Fairchild Semiconductor FDS3670 Datasheet HTML 10Page - Fairchild Semiconductor FDS3670 Datasheet HTML 11Page - Fairchild Semiconductor FDS3670 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Rev. A, June 2001
©2001 Fairchild Semiconductor Corporation
and copper. For example, we pack fiberglass in our walls to insulate our homes. Hardly the
kind of material we would choose to conduct large amounts of heat away from our power
devices. Copper is the primary means of conducting heat away from the source and into the
air stream. Probably the biggest mistakes made in laying out PCBs for power devices are the
removal of copper in the vicinity of the power devices, and the reliance on inner layers for inter-
connecting the power devices. When possible, leave as much copper around the power
devices, and interconnect devices using topside copper. This allows the generated heat to
spread laterally and to be removed into the air stream passing over the board. Thicker copper
is better, and with most of the manufacturing technology currently in use, thermal reliefs are
not required, nor should they be used.
Whenever possible, leave the plane areas under and around the power devices, and the inner
layers and backside of the board intact. This helps with the heat spread and power dissipation.
For optimal thermal control, add an area of large diameter vias around the power device that
connect into the inner and back layers of the board. If possible, allow these vias to fill with
solder to form a thermal pipe between all the layers. Avoid vias for power path interconnects,
especially the commonly used micro-vias. If vias must be used to run power between layers,
use a minimum of one via per amp of average current – two vias per amp are preferred.
Another consideration is the use of thermal pads for conduction of heat to the chassis.
Manufacturers such as Bergquist, Avid, and Thermalloy, produce thick,
compliant silicone pads that are loaded with thermally conductive materials. If the power
devices can be mounted on the back side of a PCB, and a thermally conductive pad sand-
wiched between the PCB and a steel chassis, a great deal of heat will be very effectively
removed. Surface mount heatsinks are also available from some of the previously mentioned
manufacturers which drastically improve the PCB’s ability to transfer heat to the airstream.
In all cases, airflow across the PCB is very important. Even a small amount of air movement
will make a big difference in the device temperatures. Try to avoid putting the power devices in
the airflow shadow of tall components such as a microprocessor or the power supply’s own
input or output capacitors.
Reference:
Marty Brown, "What Everyone Should Know About Switching Power Supplies"
Rudolf Severns, Gordon Bloom, "Modern DC-DC Switchmode Power Converter
Circuits"


Similar Part No. - FDS3670

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS3670 FAIRCHILD-FDS3670 Datasheet
204Kb / 8P
   100V N-Channel PowerTrench??MOSFET
FDS3670 FAIRCHILD-FDS3670 Datasheet
85Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDS3670_0011 FAIRCHILD-FDS3670_0011 Datasheet
85Kb / 5P
   100V N-Channel PowerTrench MOSFET
More results

Similar Description - FDS3670

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
7004 FAIRCHILD-7004 Datasheet
85Kb / 12P
   Power Converter Topology
logo
ON Semiconductor
NCP1561 ONSEMI-NCP1561 Datasheet
250Kb / 22P
   Push-Pull PWM Controller for 48 V Telecom Systems
August, 2004 ??Rev. 3
NCP1031MNTXG ONSEMI-NCP1031MNTXG Datasheet
444Kb / 19P
   Low Power PWM Controller with On--Chip Power Switch and Startup Circuits for 48 V Telecom Systems
December, 2010 -- Rev. 10
NCP1030 ONSEMI-NCP1030 Datasheet
142Kb / 18P
   Low Power PWM Controller with On-Chip Power Switch and Startup Circuits for 48 V Telecom Systems
December, 2010 -- Rev. 10
NCP1030 ONSEMI-NCP1030_06 Datasheet
166Kb / 18P
   Low Power PWM Controller with On?묬hip Power Switch and Startup Circuits for 48V Telecom Systems
January, 2006 ??Rev. 6
NCP1030 ONSEMI-NCP1030 Datasheet
444Kb / 19P
   Low Power PWM Controller with On--Chip Power Switch and Startup Circuits for 48 V Telecom Systems
December, 2010 -- Rev. 10
logo
Vishay Siliconix
SI9117 VISHAY-SI9117 Datasheet
132Kb / 15P
   High-Frequency Converter for Telecom Applications
Rev. E, 19-Apr-04
logo
ALPS ELECTRIC CO.,LTD.
SDDE ALPS-SDDE Datasheet
1,014Kb / 3P
   One switch for main power, mode selection and start
logo
International Rectifier
IRF7823PBF IRF-IRF7823PBF Datasheet
669Kb / 10P
   Power MOSFET Selection for Non-Isolated DC/DC Converters
logo
Vishay Siliconix
SIHW47N65E VISHAY-SIHW47N65E Datasheet
161Kb / 7P
   Server and telecom power supplies
Rev. C, 02-Dec-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com