Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDP20N50T Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDP20N50T
Description  Power Factor Correction Converter Design
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP20N50T Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDP20N50T Datasheet HTML 1Page - Fairchild Semiconductor FDP20N50T Datasheet HTML 2Page - Fairchild Semiconductor FDP20N50T Datasheet HTML 3Page - Fairchild Semiconductor FDP20N50T Datasheet HTML 4Page - Fairchild Semiconductor FDP20N50T Datasheet HTML 5Page - Fairchild Semiconductor FDP20N50T Datasheet HTML 6Page - Fairchild Semiconductor FDP20N50T Datasheet HTML 7Page - Fairchild Semiconductor FDP20N50T Datasheet HTML 8Page - Fairchild Semiconductor FDP20N50T Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AN-6982
APPLICATION NOTE
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0 • 6/8/10
2
Functional Description
Widely used operation modes for the boost converter are
continuous conduction mode (CCM) and boundary
conduction mode (BCM). These two descriptive names
refer to the current flowing through the energy storage
inductor of the boost converter, as depicted in Figure 2.
The inductor current in CCM is continuous; while in BCM,
the new switching period is initiated when the inductor
current returns to zero, which is at the boundary of
continuous conduction and discontinuous conduction
operations. CCM PFC is commonly used for high-power
applications above 300W since the inductor current has a
small ripple and higher power factor can be obtained than
BCM operation. Due to the reverse-recovery current of the
output diode, using a high-speed diode with a small reverse
recovery current is crucial to achieve high efficiency and
low EMI.
Figure 2. CCM vs. BCM Control
Current and Voltage Control of PFC
As shown in Figure 3, the FAN6982 employs two control
loops for power factor correction: a current-control loop
and a voltage-control loop. The current-control loop shapes
inductor current, as shown in Figure 4, such that voltage
drop across the internal resistor RM should be same as the
averaged voltage drop across the sensing resistor, RCS,
during one switching cycle:
0
()
S
T
LCS
MO
M
S
I Rdt
I
R
T
1
⋅=
(1)
where the internal resistor RM is typically 5.7kΩ; the
output current of gain modulator, IMO, is given as a
function of input current of IAC pin; and voltages of the
VRMS and VEA pins are calculated as:
2
10.5 (
- 0.7)
(- 0.7)
EA
MO
AC
MAX
RMS
EA
V
II
VV
×
(2)
Figure 3. Current and Voltage Control
Feedback Circuit
M
MO
CS
R
I
R
=⋅
Figure 4. Operation Waveforms of CCM PFC
The voltage-control loop regulates PFC output voltage
using an internal error amplifier such that the FBPFC
voltage is same as the internal reference of 2.5V. Note that,
from Equation (2), the voltages of VEA should be almost
constant to obtain pure sinusoidal reference for the input
current shaping. Because there is always twice the line
frequency ripple in the PFC output voltage, a narrow
bandwidth should be used for the output voltage-control
loop to minimize the line frequency ripple. Otherwise, the
control loop tries to remove the output voltage ripple,
changing the error amplifier output voltage as shown in
Figure 5, which causes distortion of the input current.


Similar Part No. - FDP20N50T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP20N50T FAIRCHILD-FDP20N50T Datasheet
620Kb / 17P
   PFCPWM Combination Controller
More results

Similar Description - FDP20N50T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN4107 FAIRCHILD-AN4107 Datasheet
491Kb / 14P
   Design of Power Factor Correction
AN-6026 FAIRCHILD-AN-6026 Datasheet
352Kb / 23P
   Design of Power Factor Correction Circuit
AN4121 FAIRCHILD-AN4121 Datasheet
130Kb / 22P
   Design of Power Factor Correction Circuit
AN-6027 FAIRCHILD-AN-6027 Datasheet
422Kb / 16P
   Design of Power Factor Correction Circuit
logo
Emerson Network Power
LPT80 EMERSON-NETWORKPOWER-LPT80 Datasheet
281Kb / 3P
   Power Factor Correction
logo
EPCOS
B25667B4287A375 EPCOS-B25667B4287A375 Datasheet
136Kb / 3P
   Power Factor Correction
B25667B4497A375 EPCOS-B25667B4497A375 Datasheet
125Kb / 3P
   Power Factor Correction
B25667B5197A375 EPCOS-B25667B5197A375 Datasheet
100Kb / 3P
   Power Factor Correction
B25667B5217A175 EPCOS-B25667B5217A175 Datasheet
131Kb / 3P
   Power Factor Correction
B25667B3497A375 EPCOS-B25667B3497A375_05 Datasheet
103Kb / 3P
   Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com