Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDM15-06KC5 Datasheet(PDF) 2 Page - IXYS Corporation

Part # FDM15-06KC5
Description  CoolMOS Power MOSFET with HiPerDyn FRED Buck and Boost Topologies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

FDM15-06KC5 Datasheet(HTML) 2 Page - IXYS Corporation

  FDM15-06KC5 Datasheet HTML 1Page - IXYS Corporation FDM15-06KC5 Datasheet HTML 2Page - IXYS Corporation FDM15-06KC5 Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© 2009 IXYS All rights reserved
2 - 3
20090209c
FMD 15-06KC5
FDM 15-06KC5
IXYS reserves the right to change limits, test conditions and dimensions.
Advanced Technical Information
MOSFET T
Source-Drain Diode
Symbol
Conditions
Characteristic Values
(T
VJ = 25°C, unless otherwise specified)
min.
typ.
max.
I
S
V
GS = 0 V
12
A
V
SD
I
F = 12 A; VGS = 0 V
0.9
1.2
V
t
rr
Q
RM
I
RM
I
F = 12 A; -diF /dt = 100 A/µs; VR = 400 V
390
7.5
38
ns
µC
A
Component
Symbol
Conditions
Maximum Ratings
T
VJ
T
stg
operating
storage
-55...+150
-55...+125
°C
°C
V
ISOL
I
ISOL < 1 mA; 50/60 Hz
2500
V~
F
C
mounting force with clip
20...120
N
Symbol
Conditions
Characteristic Values
min.
typ.
max.
C
P
coupling capacity between shorted pins
and mounting tab in the case
40
pF
d
S, dA
d
S, dA
pin - pin
pin - backside metal
1.7
5.5
mm
mm
Weight
9
g
Symbol
Conditions
Characteristic Values
min.
typ.
max.
V
F
I
F = 15 A
T
VJ =
25
°C
I
F = 30 A
2.50
3.00
V
V
I
F = 15 A
T
VJ = 150°C
I
F = 30 A
2.00
2.55
A
A
I
R
V
R = VRRM
T
VJ =
25
°C
T
VJ = 150°C
1
0.08
µA
mA
I
FSM
t = 10 ms (50 Hz), sine;
T
VJ =
45
°C
150
A
I
RM
t
rr
I
F = 20 A; VR = 100 V;
T
VJ =
25
°C
-di
F /dt = 200 A/µs
3
35
A
ns
R
thJC
R
thJH
with heat transfer paste
0.8
2.4
K/W
K/W
Diode D (data for series connection)
Symbol
Conditions
Maximum Ratings
V
RRM
T
VJ = 25°C to 150°C
600
V
I
F25
I
F90
T
C = 25°C
T
C = 90°C
15
8
A
A


Similar Part No. - FDM15-06KC5

ManufacturerPart #DatasheetDescription
logo
Fujikura Ltd.
FDM-02PDSR FUJIKURA-FDM-02PDSR Datasheet
201Kb / 5P
   Sensing element / Differential
FDM-05PDSR FUJIKURA-FDM-05PDSR Datasheet
201Kb / 5P
   Sensing element / Differential
FDM-07PDSR FUJIKURA-FDM-07PDSR Datasheet
201Kb / 5P
   Sensing element / Differential
FDM-120PDSR FUJIKURA-FDM-120PDSR Datasheet
201Kb / 5P
   Sensing element / Differential
FDM-15PDSR FUJIKURA-FDM-15PDSR Datasheet
201Kb / 5P
   Sensing element / Differential
More results

Similar Description - FDM15-06KC5

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
FMD47-06KC5 IXYS-FMD47-06KC5 Datasheet
83Kb / 3P
   CoolMOS Pow er MOSFET with HiPerDyn FRED Buck and Boost Topologies
logo
Allegro MicroSystems
A4450 ALLEGRO-A4450 Datasheet
680Kb / 34P
   Buck-Boost Controller with Integrated Buck MOSFET
logo
Microsemi Corporation
APTC60BBM24T3G MICROSEMI-APTC60BBM24T3G Datasheet
571Kb / 8P
   Boost buck chopper MOSFET Power Module
logo
Linear Technology
LTC3586 LINER-LTC3586_15 Datasheet
454Kb / 36P
   High Efficiency USB Power Manager with Boost, Buck-Boost and Dual Bucks
LTC3586-1 LINER-LTC3586-1_15 Datasheet
454Kb / 36P
   High Efficiency USB Power Manager with Boost, Buck-Boost and Dual Bucks
LTC3586-3 LINER-LTC3586-3_15 Datasheet
699Kb / 36P
   High Efficiency USB Power Manager with Boost, Buck-Boost and Dual Bucks
logo
Analog Devices
ADP5360 AD-ADP5360 Datasheet
1Mb / 60P
   Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
logo
Bright Power Semiconduc...
BP1808 BPS-BP1808 Datasheet
309Kb / 2P
   Boost, Buck and Buck-Boost DC/DC LED Driver
logo
Powersem GmbH
PSHM40D-06 POWERSEM-PSHM40D-06 Datasheet
104Kb / 2P
   CoolMOS Power MOSFET
logo
IXYS Corporation
IXKP13N60C5M IXYS-IXKP13N60C5M Datasheet
106Kb / 4P
   CoolMOS Power MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com