Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN-6961 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # AN-6961
Description  Critical Conduction Mode PFC Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN-6961 Datasheet(HTML) 7 Page - Fairchild Semiconductor

  AN-6961 Datasheet HTML 1Page - Fairchild Semiconductor AN-6961 Datasheet HTML 2Page - Fairchild Semiconductor AN-6961 Datasheet HTML 3Page - Fairchild Semiconductor AN-6961 Datasheet HTML 4Page - Fairchild Semiconductor AN-6961 Datasheet HTML 5Page - Fairchild Semiconductor AN-6961 Datasheet HTML 6Page - Fairchild Semiconductor AN-6961 Datasheet HTML 7Page - Fairchild Semiconductor AN-6961 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AN-6961
APPLICATION NOTE
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.2 • 4/8/09
7
Determine the Output Capacitor Co
The output capacitor is determined by the requirement of
sufficient hold-up time tHold:
η
=
2
min
.
o
2
o
hold
o
o
V
V
t
P
2
C
(11)
where tHold is the output capacitor hold-up time, which is
measured from the time the AC input turns off to before the
output voltage falls below the minimum operating voltage of
the following DC/DC stage.
The output ripple voltage ΔVO is expressed as:
o
o
o
o
V
C
P
V
=
Δ
ω
(12)
where:
ω= 2 π f,
f is AC line frequency,
IO is the output current.
Determine the Compensation Capacitor CEA
As discussed previously, to achieve a low input current THD,
the variation of the on-time within one input AC cycle should
be very small. To achieve this, the bandwidth should be
lower than 20Hz. The capacitance CEA connected between
COMP and GND can be obtained as:
BW
2
g
C
m
EA
=
π
(13)
where BW is PFC control loop bandwidth and establishes it
as 20Hz. The error amplifier is a trans-conductance
amplifier that converts voltage to current with a 125µmho
output conductance.
Design Example
This section shows a design example of a 90W (19V/4.74A)
adaptor. From the specification, all critical components are
treated and final measurement results are given.
The basic design specification are shown as following:
AC Input Voltage Range Vrms: 90 ~ 264 VAC
Rated Output Power PO: 90 W
Minimum Switching Frequency fs,min: 35KHz
High Regulated Output Voltage: 400V (at 180 ~ 264VAC)
Low Regulated Output Voltage: 250V (at 90 ~ 132VAC)
Based on the given design guideline, the critical parameters
are calculated and summarized in Table 1:
Table 1. Critical System Parameters
Lb
530µH
ton,fix(90Vrms)
13.86µs
ipk
3.327A
ton,fix(132Vrms)
6.44µs
Nb
65T
ton,fix(180Vrms)
3.46µs
Naux
7T
ton,fix(264Vrms)
1.61µs
CO
68µF/450V
ΔVO(VO = 250V)
14.043V
CEA
1μF
ΔVO(VO = 400V)
8.77V
Reference Circuit
The complete circuit diagram is shown in Figure 19 and
the Bill of Materials for the PFC stage is shown in Table 2.
Table 2. BOM List of PFC Stage
Reference
Components
Reference
Components
F1
4A/250V
C2
0.33μ/275V
R1
510K
C3
Open
R2
510K
C4
Open
R3
10K
C5
Open
R4
1M
C7
0.47μF/400V
R5
18.7K
C8
0.47μF/400V
R6
1M
C11
2.2μF/50V
R7
430K
C12
68μF/450V
R8
1M
C24
104pF
R13
Open
C25
Open
R14
24K
C27
Open
R15
68K(47K)
C28
Open(22p)
R16
10
Ω
C29
221pF
R17
0
Ω
Q1
2N-7002
R18
0.18
Ω/2W
Q2
2SK-2482/
TO-220
R55
Open
BD1
KBP205G
R56
Open
ZD1
ZD24V
R57
Open
D2
R860/TO-220
R58
Open
D3
1N4148
R59
0
Ω
L1
1mH
MOV1
470V/7D
L2
13mH
TR1
055
L4
RM-10/
530µH
U1
FAN6961
L5
400μH
C1
224pF


Similar Part No. - AN-6961

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6902 FAIRCHILD-AN-6902 Datasheet
545Kb / 12P
   Control a CCM PFC and Flyback/PWM Power Supply
logo
Analog Devices
AN-692 AD-AN-692 Datasheet
369Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
logo
Fairchild Semiconductor
AN-6920MR FAIRCHILD-AN-6920MR Datasheet
683Kb / 17P
   Integrated Critical-Mode PFC / Quasi-Resonant Current-Mode PWM Controller FAN6920
AN-6921 FAIRCHILD-AN-6921 Datasheet
618Kb / 16P
   Integrated Critical Mode PFC / Quasi-Resonant Current Mode PWM Controller
AN-6982 FAIRCHILD-AN-6982 Datasheet
682Kb / 15P
   Power Factor Correction Converter Design
More results

Similar Description - AN-6961

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
   Critical Conduction Mode PFC Controller
September-2017, Rev. 2
logo
Alpha & Omega Semicondu...
AOZ7111 AOSMD-AOZ7111 Datasheet
912Kb / 15P
   Critical Conduction Mode PFC Controller
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930C ONSEMI-FAN7930C Datasheet
982Kb / 22P
   Critical Conduction Mode PFC Controller
December-2017, Rev. 3
logo
Fairchild Semiconductor
FAN7930MX FAIRCHILD-FAN7930MX Datasheet
1Mb / 22P
   FAN7930 Critical Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com