Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG6902 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # SG6902
Description  Control a CCM PFC and Flyback/PWM Power Supply
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SG6902 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button SG6902 Datasheet HTML 3Page - Fairchild Semiconductor SG6902 Datasheet HTML 4Page - Fairchild Semiconductor SG6902 Datasheet HTML 5Page - Fairchild Semiconductor SG6902 Datasheet HTML 6Page - Fairchild Semiconductor SG6902 Datasheet HTML 7Page - Fairchild Semiconductor SG6902 Datasheet HTML 8Page - Fairchild Semiconductor SG6902 Datasheet HTML 9Page - Fairchild Semiconductor SG6902 Datasheet HTML 10Page - Fairchild Semiconductor SG6902 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AN-6902
APPLICATION NOTE
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.2.1 • 5/1/08
7
Figure 9. Multi-vector Error Amplifier
Equation 22 shows the output of the voltage error
amplifier, VEA, controls the total input power and the
power delivered to the load.
Although the PFC stage has a low bandwidth voltage loop
for better input power factor, the innovative multi-vector
error amplifier provides a fast transient response to clamp
the overshoot and undershoot of PFC output voltage.
Figure 10 shows the block diagram of the multi-vector
error amplifier. When the variation of the feedback
voltage (FBPFC) exceeds ±5% of the reference voltage
(3V), the trans-conductance error amplifier programs its
output current to speed up the loop response. If RA is
open circuit, SG6902 is turned off immediately to prevent
over-voltage on the output capacitor.
Two-level PFC Output voltage
For universal input (90VAC ~ 264VAC), the output voltage
of PFC is usually designed to 250V at low line and 400V
at high line. This improves efficiency of the power
converter for low-line input. The RANGE pin (open-
drain) is used for the two-level output voltage setting.
Figure 10 shows the RANGE output that programs the
PFC output voltage. The RANGE output is shorted to
ground when the VRMS voltage exceeds 1.95V. It is a
high-impedance output (open) whenever the VRMS voltage
drops below 1.6V. The output voltages can be determined
using below equations:
V
3
R
R
R
V
Open
Range
B
B
A
O
×
+
=
=
(23)
()
()
V
3
R
//
R
R
//
R
R
V
GND
Range
C
B
C
B
A
O
×
+
=
=
(24)
Determine the resistor divider ratio RA/RB:
1
3
V
R
R
O
B
A
=
(25)
33
.
82
1
3
250
R
R
B
A
=
=
(26)
Assume RA = 3MΩ, RB = 36.5KΩ, and RC = 60KΩ. Refer to
Figure 10. At high line input, maximum output voltage is:
V
420
1
R
//
R
R
15
.
3
V
C
B
A
)
MAX
(
O
=
⎟⎟
⎜⎜
+
=
×
=
(27)
Another circuit provides further over-voltage protection
to inhibit the PFC switching once the feedback voltage
exceeds the 3.25V the output voltage is clamped at:
V
433
1
R
//
R
R
25
.
3
V
C
B
A
)
OVP
(
O
=
⎟⎟
⎜⎜
+
×
=
(28)
Figure 10.
Feedback Voltage of PFC
PWM SECTION
Soft-starting the PWM stage
The soft-start pin controls the rising time of the output
voltage and prevents the overshoot during power on. The
soft-start capacitor value for the soft-start period tSS is
given by:
OZ
SS
SS
SS
V
I
t
C
×
=
(29)
where VOZ is the zero-duty threshold of FBPWM voltage.
VO
RB
RC
RA
VEA
FBPFC
RANGE
3V
+
SG69XX
(PFC)


Similar Part No. - SG6902

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6902 FAIRCHILD-SG6902 Datasheet
856Kb / 22P
   Green-Mode PFC / Flyback-PWM Controller
SG6902SZ FAIRCHILD-SG6902SZ Datasheet
856Kb / 22P
   Green-Mode PFC / Flyback-PWM Controller
More results

Similar Description - SG6902

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6901 FAIRCHILD-SG6901 Datasheet
721Kb / 19P
   CCM PFC/Flyback PWM Combination Controller
AN-6858 FAIRCHILD-AN-6858 Datasheet
256Kb / 7P
   Control a Flyback Power Supply
SG6901A FAIRCHILD-SG6901A Datasheet
710Kb / 18P
   PFC / Flyback PWM Controller
AN-6741 FAIRCHILD-AN-6741 Datasheet
307Kb / 8P
   Flyback Power Supply Control
AN-6756 FAIRCHILD-AN-6756 Datasheet
575Kb / 13P
   Applying FAN6756 to Control a Flyback Power Supply
SG6902 FAIRCHILD-SG6902 Datasheet
856Kb / 22P
   Green-Mode PFC / Flyback-PWM Controller
SG6905 FAIRCHILD-SG6905 Datasheet
689Kb / 21P
   Green mode PFC/Flyback-PWM Controller
AN-6747 FAIRCHILD-AN-6747 Datasheet
427Kb / 12P
   Control a Flyback Power Supply with Peak Current Output
AN-6846 FAIRCHILD-AN-6846 Datasheet
343Kb / 8P
   Control a Flyback Power Supply with Surge Current Output
logo
Renesas Technology Corp
HA16158P RENESAS-HA16158P_07 Datasheet
227Kb / 24P
   PFC & PWM Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com