Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN6755 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FAN6755
Description  Design Guideline to Replace FAN6753 with FAN6755
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6755 Datasheet(HTML) 8 Page - Fairchild Semiconductor

  FAN6755 Datasheet HTML 1Page - Fairchild Semiconductor FAN6755 Datasheet HTML 2Page - Fairchild Semiconductor FAN6755 Datasheet HTML 3Page - Fairchild Semiconductor FAN6755 Datasheet HTML 4Page - Fairchild Semiconductor FAN6755 Datasheet HTML 5Page - Fairchild Semiconductor FAN6755 Datasheet HTML 6Page - Fairchild Semiconductor FAN6755 Datasheet HTML 7Page - Fairchild Semiconductor FAN6755 Datasheet HTML 8Page - Fairchild Semiconductor FAN6755 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
AN-6755
APPLICATION NOTE
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.2 • 1/14/11
8
Printed Circuit Board (PCB) Layout
High-frequency switching current / voltage makes PCB
layout a very important design consideration. Good PCB
layout minimizes excessive EMI and helps the power
supply survive during surge / ESD tests.
Guidelines:
To improve EMI performance and reduce line frequency
ripples, the output of the bridge rectifier should be
connected to capacitor C1 first, then to the switching
circuits.
The high-frequency current loop shown in Figure 18 is C1 –
Transformer – MOSFET – RS. The area enclosed by this
current loop should be as small as possible. Keep the traces
(especially 41) short, and wide. High-voltage traces
related to the drain of the MOSFET and RCD snubber
should be kept way from control circuits to prevent
unnecessary interference. If a heatsink is used for the
MOSFET, connect this heatsink to ground.
As indicated by 3, the ground for the control circuits should
be connected together, then to the current-loop ground 2 at a
single point close to the ground connection of capacitor C3.
As indicated by 2, the area enclosed by transformer
auxiliary winding, D1, C2, D2, and C3 should also be
kept small. Place C3 close to the FAN6755 for good
decoupling. For high-level surge, this auxiliary ground must
be connected to the bulk capacitor directly. This method can
improve the surge capability of the system.
Two suggestions with different pro and cons for ground
connections are offered:
GND3241: This may avoid common impedance
interference for sense signals.
GND3214: This can be better for EMI testing where
the earth ground is not available on the power supply.
Regarding the EMI discharge path, the charges go from
secondary through the transformer stray capacitance to
GND2 first. The charges then go from GND2 to GND1 and
back to the mains. Control circuits should not be placed on
the discharge path. Point discharge for common choke can
decrease high-frequency impedance and increase EMI
immunity.
Should a Y-cap between primary and secondary be
required, connect this Y-cap to the positive terminal of C1.
If this Y-cap is connected to the primary GND, it should be
connected to the negative terminal of C1 (GND1) directly.
Point discharge of this Y-cap also helps for EMI; however,
the creepage between these two pointed ends should be
large enough to satisfy the requirements of applicable
standards.
Figure 18.Layout Considerations


Similar Part No. - FAN6755

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6755 FAIRCHILD-FAN6755 Datasheet
851Kb / 16P
   Highly Integrated Green-Mode PWM Controller
FAN6755MY FAIRCHILD-FAN6755MY Datasheet
851Kb / 16P
   Highly Integrated Green-Mode PWM Controller
FAN6755MY FAIRCHILD-FAN6755MY Datasheet
854Kb / 16P
   Highly Integrated Green-Mode PWM Controller
FAN6755UW FAIRCHILD-FAN6755UW Datasheet
1Mb / 17P
   mWSaver??PWM Controller
FAN6755UWMY FAIRCHILD-FAN6755UWMY Datasheet
1Mb / 17P
   mWSaver??PWM Controller
More results

Similar Description - FAN6755

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6754 FAIRCHILD-AN-6754 Datasheet
352Kb / 8P
   Design Guideline to Replace SG6742
AN-6754A FAIRCHILD-AN-6754A Datasheet
470Kb / 9P
   Design Guideline to Replace SG6742 with FAN6754A
logo
STMicroelectronics
AN4218 STMICROELECTRONICS-AN4218 Datasheet
1Mb / 26P
   Hardware design guideline
AN3326 STMICROELECTRONICS-AN3326 Datasheet
308Kb / 21P
   SPC56EL60x hardware design guideline
AN2450 STMICROELECTRONICS-AN2450 Datasheet
752Kb / 35P
   LLC resonant half-bridge converter design guideline
logo
List of Unclassifed Man...
SP-K10 ETC2-SP-K10 Datasheet
337Kb / 2P
   Designed to replace ceramic insulators
Q-PAD-II ETC2-Q-PAD-II Datasheet
373Kb / 2P
   Designed to replace thermal grease
logo
Fairchild Semiconductor
AN-9738 FAIRCHILD-AN-9738 Datasheet
1Mb / 25P
   Design Guideline on 150W Power Supply for LED Street Lighting Design Using FL7930B and FAN7621S
logo
Micross Components
LSK170 MICROSS-LSK170 Datasheet
303Kb / 1P
   Replace discontinued Toshiba 2SK170 with LSK170
logo
Fuji Electric
EDS11-139A FUJI-EDS11-139A Datasheet
99Kb / 6P
   REPLACE CASE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com