Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15-22-R6G6C-A32-2T Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # 15-22-R6G6C-A32-2T
Description  Chip LED with Bi-Color (Multi-Color)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

15-22-R6G6C-A32-2T Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  15-22-R6G6C-A32-2T Datasheet HTML 1Page - Everlight Electronics Co., Ltd 15-22-R6G6C-A32-2T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 15-22-R6G6C-A32-2T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 15-22-R6G6C-A32-2T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 15-22-R6G6C-A32-2T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 15-22-R6G6C-A32-2T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 15-22-R6G6C-A32-2T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 15-22-R6G6C-A32-2T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 15-22-R6G6C-A32-2T Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev 1 Page: 1 of 12
Device No:DSE-0000333
Prepared date: 31-Oct-2008
Prepared by: Qilong Chen
Technical Data Sheet
Chip LED with Bi-Color (Multi-Color)
15-22/R6G6C-A32/2T
Features
Package in 8mm tape on 7〞diameter reel.
Compatible with automatic placement equipment.
Compatible with infrared and vapor phase reflow
solder process.
Multi-color type.
Pb-free.
The product itself will remain within RoHS compliant version.
Descriptions
The 15-22 SMD LED is much smaller than
lead frame type components, thus enable
smaller board size, higher packing density,
reduced storage space and finally smaller
equipment to be obtained.
Besides, lightweight makes them ideal for
miniature applications. etc.
Applications
Backlighting in dashboard and switch.
Telecommunication: indicator and backlighting in
telephone and fax.
Flat backlight for LCD, switch and symbol.
General use.
Device Selection Guide
Chip
Type
Material
Emitted Color
Resin Color
R6
AlGaInP
Brilliant Red
G6
AlGaInP
Brilliant Yellow Green
Water Clear


Similar Part No. - 15-22-R6G6C-A32-2T

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
15-22-R6G6C-A32-2T TO-GRACE-15-22-R6G6C-A32-2T Datasheet
1Mb / 10P
   Package in 8mm tape on 7?엀iameter reel.
More results

Similar Description - 15-22-R6G6C-A32-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-226-R6G7C-A01-2T EVERLIGHT-19-226-R6G7C-A01-2T Datasheet
209Kb / 12P
   Chip LED with Bi-Color (Multi-Color)
19-22-R6G6C-A01-2T EVERLIGHT-19-22-R6G6C-A01-2T Datasheet
199Kb / 12P
   Chip LED with Bi-Color(Multi-Color)
19-123-Y2ST1D-C30-2T EVERLIGHT-19-123-Y2ST1D-C30-2T_11 Datasheet
309Kb / 14P
   Chip LED with Bi-Color(Multi-Color)
19-223-Y2G6C-A01-2T EVERLIGHT-19-223-Y2G6C-A01-2T Datasheet
174Kb / 11P
   Chip LED with Bi-Color(Multi-Color)
logo
HK TO-GRACE TECHNOLOGY ...
18-225-R6G6C-A01-3T TO-GRACE-18-225-R6G6C-A01-3T Datasheet
971Kb / 12P
   Chip LED with Bi-Color(Multi-Color)
11-22-R6G6C-QSANP-2T TO-GRACE-11-22-R6G6C-QSANP-2T Datasheet
829Kb / 11P
   Chip LED with Bi-Color (Multi-Color)
19-22-R6G6C-A01-2T TO-GRACE-19-22-R6G6C-A01-2T Datasheet
842Kb / 12P
   Chip LED with Bi-Color(Multi-Color)
19-223-R7BHC-A30-2T TO-GRACE-19-223-R7BHC-A30-2T Datasheet
994Kb / 12P
   Chip LED with Bi-Color(Multi-Color)
logo
Everlight Electronics C...
19-223-Y2G6C-A01-2T EVERLIGHT-19-223-Y2G6C-A01-2T_11 Datasheet
350Kb / 11P
   Chip LED with Bi-Color(Multi-Color)
11-22-R6G6C-QSANP-2T EVERLIGHT-11-22-R6G6C-QSANP-2T Datasheet
178Kb / 11P
   Chip LED with Bi-Color (Multi-Color)
19-223-R7BHC-A30-2T EVERLIGHT-19-223-R7BHC-A30-2T Datasheet
219Kb / 12P
   Chip LED with Bi-Color(Multi-Color)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com