Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN9611 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FAN9611
Description  Design Consideration for Interleaved Boundary Conduction Mode PFC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN9611 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN9611 Datasheet HTML 5Page - Fairchild Semiconductor FAN9611 Datasheet HTML 6Page - Fairchild Semiconductor FAN9611 Datasheet HTML 7Page - Fairchild Semiconductor FAN9611 Datasheet HTML 8Page - Fairchild Semiconductor FAN9611 Datasheet HTML 9Page - Fairchild Semiconductor FAN9611 Datasheet HTML 10Page - Fairchild Semiconductor FAN9611 Datasheet HTML 11Page - Fairchild Semiconductor FAN9611 Datasheet HTML 12Page - Fairchild Semiconductor FAN9611 Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
AN-6086
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.4 • 4/22/10
9
(Design Example) Setting the limited output power as
120% of nominal output power, the maximum on time is
given as:
,,
,
22
,,
6
2
2(
) 2
(1.2 200) 2 202 10
14.1
85
0.95
MAX CH
MAX
OUT CH
ON MAX
LINE MIN
LINE MIN
P
LK
P
L
t
VV
s
ηη
μ
⋅⋅
==
⋅⋅
⋅⋅ ⋅
×
==
Then, the resistor on MOT pin is obtained as:
,IN2
,
2
12
IN1
IN2
6
2
12
2
()
230 10
14.1 10
18.9
2 85
()
78
18.9
2000
230 10
ON MAX
LINE MIN
MOT
tR
V
R
RR
k
=
+
×
×⋅
==
Ω
+
×
The maximum flux density during overload condition is
obtained as:
6
,
max
6
71.2 202 10
161 10
30
0.35
LPK
MAX
e
BOOST
IK
L
B
AN
tesla
⋅⋅
⋅⋅
×
==
×⋅
=
[STEP-5] Design Feedback Circuit
To regulate the output voltage to a desired value, the
voltage divider for feedback should be designed to result in
3V to the feedback (FB) pin, expressed as:
2
12
3
FB
OUT
FB
FB
R
VV
RR
⋅=
+
(21)
(Design Example)
Selecting RFB1 as 1MΩ, RFB2 is
obtained as:
6
1
2
110
7.56
400
1
1
3
3
FB
FB
OUT
R
R
k
V
×
==
=
Ω
[STEP-6] Design OVP Circuit
FAN9611/12 has two levels of over-voltage protection
(OVP) for the output. Non-latching OVP is combined with
the feedback (FB) pin and trips when the output voltage
exceeds 108% of its nominal value. The latching OVP uses
dedicated pin and trips when the OVP pin voltage exceeds
an independent threshold of 3.5V, expressed as:
2
,
12
3.5
FB
OUT LATCH
FB
FB
R
VV
RR
⋅=
+
(22)
When the latching OVP is combined with FB pin, it trips at
115% of the nominal output voltage.
(Design Example)
Selecting OVP level as 472V and
ROV1 as 2MΩ, ROV2 is obtained as:
6
1
2
,
210
14.9
472
1
1
3.5
3.5
OV
OV
OUT LATCH
R
R
k
V
×
==
=
Ω
[STEP-7] Determine current sensing resistor
It is typical to set the pulse-by-current limit level a little
higher than the maximum inductor current at maximum
power limit condition as:
,
,
,
22
MAX CH
CS LIM
LINE MIN
P
I
V
η
≥⋅
(23)
Then, the sensing resistor is selected as:
.
0.2
CS
CS LIM
R
I
=
(24)
(Design Example)
,
,
,
200 1.2
22
2 2
8.4
85 0.95
MAX CH
CS LIM
LINE MIN
P
I
A
V
η
≥⋅
=
=
⋅⋅
Choosing ICS.LIM as 9.1A (10% margin on 8.4A), the
sensing resistor is selected as:
.
0.2
0.2
0.022
9.1
CS
CS LIM
R
I
=
==
Ω
[STEP-8] Output Capacitor Selection
The output voltage ripple should be considered when
selecting the output capacitor. Figure 16 shows the twice
line frequency ripple on the output voltage. With a given
specification of output ripple, the condition for the output
capacitor is obtained as:
,
2
OUT
OUT
LINE
OUT RIPPLE
I
C
fV
π
>
⋅⋅
(25)
where IOUT is total nominal output current of two boost
PFC stage and VOUT,RIPPLE is the peak-to-peak output
voltage ripple specification.
Since too large ripple on the output voltage may cause
premature OVP during normal operation, the peak-to-peak
ripple specification should be smaller than 15% of the
nominal output voltage.
The holdup time also should be considered when
determining the output capacitor as:
22
,
2
OUT
HOLD
OUT
OUT
OUT MIN
Pt
C
VV
>
(26)
where:
POUT is total nominal output power of two boost PFC stage
(2POUT,CH);
tHOLD is the required holdup time; and
VOUT,MIN is the allowable minimum output voltage during
the holdup time.


Similar Part No. - FAN9611

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN9611 FAIRCHILD-FAN9611 Datasheet
1Mb / 35P
   Interleaved Dual BCM PFC Controllers
FAN9611 FAIRCHILD-FAN9611 Datasheet
5Mb / 30P
   Dual BCM PFC Controller
FAN9611 FAIRCHILD-FAN9611 Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controllers
FAN9611 FAIRCHILD-FAN9611 Datasheet
1Mb / 36P
   Interleaved Dual BCM PFC Controllers
FAN9611MX FAIRCHILD-FAN9611MX Datasheet
1Mb / 35P
   Interleaved Dual BCM PFC Controllers
More results

Similar Description - FAN9611

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-8035 FAIRCHILD-AN-8035 Datasheet
1Mb / 22P
   Boundary Conduction Mode Power Factor Correction (PFC)
logo
Renesas Technology Corp
R2A20118ASP RENESAS-R2A20118ASP_16 Datasheet
282Kb / 10P
   Critical Conduction Mode Interleaved PFC Control IC
R2A20118ASP RENESAS-R2A20118ASP Datasheet
102Kb / 10P
   Critical Conduction Mode Interleaved PFC Control IC
R2A20112ASP RENESAS-R2A20112ASP_15 Datasheet
111Kb / 9P
   Critical Conduction Mode Interleaved PFC Control IC
R2A20112SPDD RENESAS-R2A20112SPDD_15 Datasheet
330Kb / 8P
   Critical Conduction Mode Interleaved PFC Control IC
logo
Sanken electric
SSC2102S SANKEN-SSC2102S Datasheet
600Kb / 21P
   Discontinuous Conduction Mode (DCM) Interleaved PFC IC
logo
Renesas Technology Corp
R2A20118ASP RENESAS-R2A20118ASP_15 Datasheet
102Kb / 10P
   Critical Conduction Mode Interleaved PFC Control IC
R2A20112ASP RENESAS-R2A20112ASP_16 Datasheet
272Kb / 9P
   Critical Conduction Mode Interleaved PFC Control IC
R2A20112ASP RENESAS-R2A20112ASP_V01 Datasheet
271Kb / 9P
   Critical Conduction Mode Interleaved PFC Control IC
Jan 08, 2016
R2A20112SP RENESAS-R2A20112SP Datasheet
85Kb / 8P
   Critical Conduction Mode Interleaved PFC Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com