Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG6742HL Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # SG6742HL
Description  Highly Integrated Green-Mode PWM Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SG6742HL Datasheet(HTML) 6 Page - Fairchild Semiconductor

  SG6742HL Datasheet HTML 1Page - Fairchild Semiconductor SG6742HL Datasheet HTML 2Page - Fairchild Semiconductor SG6742HL Datasheet HTML 3Page - Fairchild Semiconductor SG6742HL Datasheet HTML 4Page - Fairchild Semiconductor SG6742HL Datasheet HTML 5Page - Fairchild Semiconductor SG6742HL Datasheet HTML 6Page - Fairchild Semiconductor SG6742HL Datasheet HTML 7Page - Fairchild Semiconductor SG6742HL Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AN-6077
APPLICATION NOTE
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.2 • 12/1/08
6
Output Driver / Soft Driving
The output stage is a fast totem-pole gate driver capable of
directly driving an external MOSFET. An internal Zener
diode clamps the driver voltage under 18V to protect the
MOSFET against over-voltage. By integrating special
circuits to control the slew rate of switch-on rising time, the
external resistor RG may not be necessary to reduce
switching noise, improving Electromagnetic Interference
(EMI) performance.
ON/OFF
Driver
V DD
18V
SG6742
GATE
RG
Figure 13.
Gate Driver
Thermal Protection
A constant current IRT (IRT = 100µA) is provided from the
RT pin. For over-temperature protection, an NTC thermistor
RT in series with a resistor Ra can be connected between the
RT pin and ground. When VRT, the voltage level of the RT
pin, is less than 1.05V; PWM output is latched off after a
debounce time of tD-OTP1, which is added to prevent false
triggering. If VRT is less than 0.7V, PWM output latches off
after a very short debounce time of tD-OTP2.
If the thermal protection is not used, connect a small
capacitor (around 0.47nF is recommended) from the RT pin
to the GND pin to prevent noise interference. This RT
capacitor cannot be larger than 1nF or the thermal protection
is triggered before a successful startup of output voltage.
Over-Temperature Protection (OTP)
The built-in temperature-sensing circuit shuts down PWM
output once the junction temperature exceeds 135°C. While
PWM output is shut down, VDD gradually drops to the
UVLO voltage (around 7.5V). Then VDD charges up to the
startup threshold voltage of 15.5V through the startup
resistor until PWM output is restarted. This hiccup-mode
protection occurs repeatedly as long as the temperature
remains above 130°C. The temperature hysteresis window
for the OTP circuit is 25°C.


Similar Part No. - SG6742HL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6742HL FAIRCHILD-SG6742HL Datasheet
712Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6742HL/HR FAIRCHILD-SG6742HL/HR Datasheet
712Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6742HLSY FAIRCHILD-SG6742HLSY Datasheet
712Kb / 13P
   Highly Integrated Green-Mode PWM Controller
More results

Similar Description - SG6742HL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
376Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG5842A FAIRCHILD-SG5842A_09 Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com