Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMS3810 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FMS3810
Description  PCB Layout Considerations for Video Filter / Drivers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS3810 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FMS3810 Datasheet HTML 1Page - Fairchild Semiconductor FMS3810 Datasheet HTML 2Page - Fairchild Semiconductor FMS3810 Datasheet HTML 3Page - Fairchild Semiconductor FMS3810 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AN-6041
APPLICATION NOTE
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.1 • 12/7/06
3
Printed Circuit Board (PCB) Layers
It is best to use, as a minimum, a four-layer PCB. Assign one inner layer to the dedicated signal ground plane and one inner
layer to the single or split power plane, as shown in Figure 5.
Figure 5.
Recommended PCB Layers
Layout Considerations
General layout and supply bypassing play major roles in
high-frequency performance and thermal characteristics.
Fairchild offers a demonstration board for each product to
guide layout and aid device evaluation. The demo boards
are four-layer boards with full power and ground planes.
Following this layout configuration provides the optimum
performance and thermal characteristics for the device. For
the best results, follow the steps and recommended routing
rules listed below.
Recommended Routing/Layout Rules
Do not run analog and digital signals in parallel.
Use separate analog and digital power planes to supply
power.
Traces should run on top of the ground plane at all times.
No trace should run over ground/power splits.
Avoid routing at 90-degree angles.
Minimize clock and video data trace length differences.
Thermal Considerations
Since the interior of most systems, such as set-top boxes,
TVs, and DVD players are at +70ºC; adequate heat sink
must be provided for the device package for heat
dissipation. When designing a system board, determine how
much power each device dissipates. Make sure devices of
high power are not placed in the same location, such as
directly above (top plane) and below (bottom plane) each
other on the PCB.
PCB Thermal Layout Considerations
Understand the system power requirements and
environmental conditions.
Maximize thermal performance of the PCB.
Consider using 70µm of copper for high-power
designs.
Make the PCB as thin as possible by reducing FR4
thickness.
Use vias in power pad to tie adjacent layers together.
Remember that baseline temperature is a function of
board area, not copper thickness.
Modeling techniques can provide a first-order
approximation.


Similar Part No. - FMS3810

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS3810 FAIRCHILD-FMS3810 Datasheet
168Kb / 11P
   Triple Video D/A Converters 3 x 8 bit, 150 Ms/s
FMS3810KRC FAIRCHILD-FMS3810KRC Datasheet
168Kb / 11P
   Triple Video D/A Converters 3 x 8 bit, 150 Ms/s
More results

Similar Description - FMS3810

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
AN04-006 LINEAGEPOWER-AN04-006 Datasheet
476Kb / 4P
   PWB Layout Considerations
logo
Silicon Laboratories
AN583 SILABS-AN583 Datasheet
347Kb / 11P
   Safety Considerations and Layout Recommendations for Digital Isolators
logo
Agamem Microelectronic ...
AA8615 AGAMEM-AA8615 Datasheet
39Kb / 1P
   Triple, SDTV Video Filter Drivers
logo
Rosenberger Hochfrequen...
MB-522 ROSENBERGER-MB-522 Datasheet
172Kb / 2P
   Leiterplatten-Layout PCB Layout
21.08.2019
logo
Samtec, Inc
XDMX SAMTEC-XDMX Datasheet
41Kb / 1P
   Recommended PCB Layout For XDMX
Rev. A
logo
STMicroelectronics
AN2797 STMICROELECTRONICS-AN2797 Datasheet
421Kb / 23P
   PCB layout guidelines for SPEAr600
AN2674 STMICROELECTRONICS-AN2674 Datasheet
549Kb / 22P
   PCB layout guidelines for SPEAr3xx
logo
E-SWITCH
P010401 E-SWITCH-P010401 Datasheet
28Kb / 1P
   Updated PCB Layout
logo
STMicroelectronics
AN576 STMICROELECTRONICS-AN576 Datasheet
55Kb / 6P
   PCB LAYOUT OPTIMISATION
logo
Samtec, Inc
QTH-040-01-F-D-DP-A SAMTEC-QTH-040-01-F-D-DP-A Datasheet
113Kb / 2P
   RECOMMENDED PCB LAYOUT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com