Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN-6083 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # AN-6083
Description  Highly Integrated, Dual-PWM Combination Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN-6083 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  AN-6083 Datasheet HTML 1Page - Fairchild Semiconductor AN-6083 Datasheet HTML 2Page - Fairchild Semiconductor AN-6083 Datasheet HTML 3Page - Fairchild Semiconductor AN-6083 Datasheet HTML 4Page - Fairchild Semiconductor AN-6083 Datasheet HTML 5Page - Fairchild Semiconductor AN-6083 Datasheet HTML 6Page - Fairchild Semiconductor AN-6083 Datasheet HTML 7Page - Fairchild Semiconductor AN-6083 Datasheet HTML 8Page - Fairchild Semiconductor AN-6083 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AN-6083
APPLICATION NOTE
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.2 • 3/11/09
3
function internally. The frequency variation ranges from
around 61KHz to 69KHz for a center frequency 65KHz. The
frequency hopping function helps reduce EMI emission of a
power supply with minimum line filters.
RI
GND
FAN6791
RI
Figure 5. Setting the PWM Frequency
For power saving, flyback PWM stage has a green mode
function. Frequency linearly decreases when VFBFYB is
within VG and VN. Once VFBFYB is lower than VG, switching
frequency disables, and it enters burst mode.
Figure 6. Oscillation Frequency in Green Mode
Line Voltage Detection (VRMS)
Xxx Figure 7 shows a resistive divider with low-pass
filtering for line-voltage detection on VRMS pin. The VRMS
voltage is used for brownout protection: when VRMS drops
below 0.8V, OPWM turns off.
Figure 7. Line-Voltage Detection on VRMS Pin
Remote On/Off
Figure 8 shows the remote on / off function. When the
supervisor FPO pin pulls down and enables the system by
connecting an opto-coupler, VREF applies to the ON/OFF
pin to enable forward PWM stage.
Figure 8. Remote On/Off
Interleave Switching
The FAN6791 uses interleaved switching to synchronize the
stand-by PWM / forward PWM stages. This reduces
switching noise and spreads the EMI emissions. Figure 9
shows off-time tOFF is inserted in between the turn-off of the
stand-by gate drives and the turn-on of the forward PWM.
Figure 9. Interleaved Switching
FBFYB and FBPWM
The FAN6791 is designed for peak-current-mode control. A
current-to-voltage conversion is done externally with a
current-sense resistor RS. Under normal operations, the peak
inductor is controlled by an FBFYB level as:
1.3
3.2
=
×
FBFYB
PEAK
S
V
I
R
(5)
when VFBFYB is less than 1.3V, the FAN6791 terminates the
output pulses.
Figure 10 is a typical feedback circuit consisting mainly of a
shunt regulator and an opto-coupler. R1 and R2 form a
voltage divider for the output voltage regulation. R3 and C1
are adjusted for control-loop compensation. A small-value
RC filter (e.g. RFB = 47Ω, CFB = 1nF) placed on the FB pin
to the GND can further increase the stability.


Similar Part No. - AN-6083

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6086 FAIRCHILD-AN-6086 Datasheet
762Kb / 18P
   Design Consideration for Interleaved Boundary Conduction Mode PFC
More results

Similar Description - AN-6083

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6791 FAIRCHILD-FAN6791 Datasheet
724Kb / 19P
   Highly Integrated, Dual-PWM Combination Controller
logo
ON Semiconductor
NCP1565 ONSEMI-NCP1565_16 Datasheet
994Kb / 31P
   Highly Integrated Dual-Mode Active Clamp PWM Controller
January, 2016 ??Rev. 4
NCP1566 ONSEMI-NCP1566 Datasheet
2Mb / 38P
   Highly Integrated Dual-Mode Active Clamp PWM Controller
July, 2019 ??Rev. 4
NCP1565 ONSEMI-NCP1565 Datasheet
113Kb / 2P
   PWM Controller, Highly Integrated Dual-Mode Active Clamp
9/17/2014
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com