Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B1014-QT Datasheet(PDF) 5 Page - Mimix Broadband

Part # B1014-QT
Description  37.0-40.0 GHz GaAs MMIC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

B1014-QT Datasheet(HTML) 5 Page - Mimix Broadband

  B1014-QT Datasheet HTML 1Page - Mimix Broadband B1014-QT Datasheet HTML 2Page - Mimix Broadband B1014-QT Datasheet HTML 3Page - Mimix Broadband B1014-QT Datasheet HTML 4Page - Mimix Broadband B1014-QT Datasheet HTML 5Page - Mimix Broadband B1014-QT Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
37.0-40.0 GHz GaAs MMIC
Buffer Amplifier, QFN
B1014-QT
Page 5 of 6
App Note [1] Biasing - It is recommended to bias the amplifier with Vd=4.0V and Id
TOTAL=250mA. It is also recommended to use active
biasing to keep the currents constant as the RF power and temperature vary; this gives the most reproducible results. Depending on the
supply voltage available and the power dissipation constraints, the bias circuit may be a single transistor or a low power operational
amplifier, with a low value resistor in series with the drain supply used to sense the current.The gate of the pHEMT is controlled to maintain
correct drain current and thus drain voltage.The typical gate voltage needed to do this is -0.3V.Typically the gate is protected with Silicon
diodes to limit the applied voltage. Also, make sure to sequence the applied voltage to ensure negative gate bias is available before applying
the positive drain supply.
App Note [2] Bias Arrangement -
Each DC pin (Vd and Vg) needs to have DC bypass capacitance (100pF/10nF/1uF) as close to the package as possible.
MTTF
Typical Application
Factory Automation and Identification
Mixer
Mimix Broadband MMIC-based 37.0-40.0 GHz Transmitter Block Diagram
RF OUT
37.0-39.5 GHz
XU1019-QH
XP1080-QK
XB1014-QT
Coupler
IF In
2 GHz
LO
Buffer
X2
X
XB1014-QT: MTTF hours vs. Package Base Temperature
Vd1,2,3=4V; Id1=Id2=62.5mA, Id3=125mA
1.0E+03
1.0E+04
1.0E+05
1.0E+06
1.0E+07
1.0E+08
1.0E+09
1.0E+10
1.0E+11
1.0E+12
1.0E+13
1.0E+14
20
30
40
50
60
70
80
90
100
110
120
Package Base Temp (ºC)
XB1014-QT: Tch (max) vs. Package Base Temperature
Vd1,2,3=4V; Id1=Id2=62.5mA, Id3=125mA
0
20
40
60
80
100
120
140
160
180
200
20
30
40
50
60
70
80
90
100
110
120
Package Base Temp (ºC)
XB1014-QT: Operating Power De-rating Curve
(continuous)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
20
30
40
50
60
70
80
90
100
110
120
130
140
150
Package Base Temp (ºC)
Mimix
Designator
-QT
Package
Type
QFN (3x3mm)
P
1 Component
Pitch
8mm
P
0 Hole
Pitch
4mm
W Tape
Width
12mm
Number of
leads offered
16
Reel
Diameter
329mm (13in)
Units
per Reel
2000
Component Orientation:
Parts are to be oriented with the PIN 1 closest to the tape's round sprocket holes on the tape’s trailing edge.
Note: Tape and Reel packaging is ordered with a -000T suffix. Package is available in 500 unit reels through designated sales channels.
Minimum order quantities should be discussed with your local sales representative.
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2011 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
January 2011 - Rev 10-Jan-11


Similar Part No. - B1014-QT

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
B10140AA1 DBLECTRO-B10140AA1 Datasheet
243Kb / 1P
   FEMALE HEADER PROFILE : 8.6mm STRAIGHT
B10140AB1 DBLECTRO-B10140AB1 Datasheet
243Kb / 1P
   FEMALE HEADER PROFILE : 8.6mm STRAIGHT
B10140AC1 DBLECTRO-B10140AC1 Datasheet
243Kb / 1P
   FEMALE HEADER PROFILE : 8.6mm STRAIGHT
B10140AD1 DBLECTRO-B10140AD1 Datasheet
243Kb / 1P
   FEMALE HEADER PROFILE : 8.6mm STRAIGHT
B10140AG1 DBLECTRO-B10140AG1 Datasheet
243Kb / 1P
   FEMALE HEADER PROFILE : 8.6mm STRAIGHT
More results

Similar Description - B1014-QT

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1012 MIMIX-XP1012 Datasheet
158Kb / 6P
   37.0-40.0 GHz GaAs MMIC Power Amplifier
XB1014-QT MIMIX-XB1014-QT Datasheet
672Kb / 6P
   37.0-40.0 GHz GaAs MMIC Buffer Amplifier, QFN
logo
M/A-COM Technology Solu...
XR1008-QB MA-COM-XR1008-QB Datasheet
972Kb / 7P
   37.0-40.0 GHz GaAs Receiver
logo
Mimix Broadband
XP1031-QK MIMIX-XP1031-QK_09 Datasheet
224Kb / 6P
   37.0-40.0 GHz GaAs Power Amplifier
XP1080-QU MIMIX-XP1080-QU_11 Datasheet
966Kb / 6P
   37.0-40.0 GHz GaAs Power Amplifier
logo
M/A-COM Technology Solu...
XP1018-BD MA-COM-XP1018-BD Datasheet
353Kb / 8P
   37.0-42.0 GHz GaAs MMIC
logo
Mimix Broadband
XP1080-QU MIMIX-XP1080-QU Datasheet
955Kb / 6P
   37.0-40.0 GHz GaAs Power Amplifier QFN, 7x7mm
XL1000-BD MIMIX-XL1000-BD_10 Datasheet
1Mb / 7P
   20.0-40.0 GHz GaAs MMIC
XU1019-QH_1003 MIMIX-XU1019-QH_1003 Datasheet
1Mb / 10P
   37.0-40.0 GHz Up-Converter
logo
M/A-COM Technology Solu...
XU1019-QH MA-COM-XU1019-QH Datasheet
1Mb / 10P
   37.0-40.0 GHz Up-ConverterQFN
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com