Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN-6073 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # AN-6073
Description  Highly Integrated Green-Mode PWM Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN-6073 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button AN-6073 Datasheet HTML 5Page - Fairchild Semiconductor AN-6073 Datasheet HTML 6Page - Fairchild Semiconductor AN-6073 Datasheet HTML 7Page - Fairchild Semiconductor AN-6073 Datasheet HTML 8Page - Fairchild Semiconductor AN-6073 Datasheet HTML 9Page - Fairchild Semiconductor AN-6073 Datasheet HTML 10Page - Fairchild Semiconductor AN-6073 Datasheet HTML 11Page - Fairchild Semiconductor AN-6073 Datasheet HTML 12Page - Fairchild Semiconductor AN-6073 Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AN-6073
APPLICATION NOTE
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0 • 9/26/08
10
Typical Application Circuit
Application
Output Power
Input Voltage Range
Output Voltage/Maximum Current
LCD Monitor
Power Supply
44W
Universal Input
(90-264VAC)
12V/2A
5V/4A
Features
High-Voltage Startup
Built-in 5ms Soft-Start Function
Built-in VIN Pin Pull-High (> 4.7V) Recovery Function for Second-Side Output OVP
Brownout Protection with Hysteresis
Low Standby Mode Power Consumption (Input Wattage <0.3W at No-Load Condition)
Key Design Notes
Resistors R12 and R13 work as a startup resistor to provide necessary current for IC startup. After startup, there is no
power loss on these resistors. The recommended values for R12 and R13 are 130KΩ(1/4W) and 51KΩ(1/4W).
Because the VIN pin is connected through a resistive divider R3 and R16 to the rectified AC input line voltage, it can also
be used for brownout protection. If the VIN voltage is less than 0.7V, the PWM output is shut off. As the VIN voltage
reaches 0.92V, the PWM output is turned on again. The hysteresis window for ON/OFF is 0.22V. The recommended
values for R3+R15, R16, and C16 are 10MΩ (5MΩ+5MΩ), 100KΩ, and 2.2µF. Using these values in the test board, the
power supply is turned off at 66V (maximum load) and recovered at 70V.
The secondary-side over-voltage protection (OVP) is achieved by pulling the VIN pin high. ZD1, ZD2, R29, R30, R31, R32,
C15, and U3 form a secondary-side over-voltage protection (OVP) circuit. When each output reaches OVP, photocoupler
U3 pulls the VIN pin high. The OVP voltages of the 12V-output and 5V-output are 15V and 6.8V, respectively.
Figure 23. Schematic


Similar Part No. - AN-6073

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6075 FAIRCHILD-AN-6075 Datasheet
690Kb / 11P
   Compact Green-Mode Adapter
AN-6076 FAIRCHILD-AN-6076 Datasheet
504Kb / 13P
   Bootstrap Circuit for High-Voltage Gate-Drive IC
AN-6077 FAIRCHILD-AN-6077 Datasheet
325Kb / 8P
   Highly Integrated Green-Mode PWM Controller
More results

Similar Description - AN-6073

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
376Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG5842A FAIRCHILD-SG5842A_09 Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com