Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B1007-BD Datasheet(PDF) 3 Page - Mimix Broadband

Part # B1007-BD
Description  4.0-11.0 GHz GaAs MMIC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

B1007-BD Datasheet(HTML) 3 Page - Mimix Broadband

  B1007-BD_09 Datasheet HTML 1Page - Mimix Broadband B1007-BD_09 Datasheet HTML 2Page - Mimix Broadband B1007-BD_09 Datasheet HTML 3Page - Mimix Broadband B1007-BD_09 Datasheet HTML 4Page - Mimix Broadband B1007-BD_09 Datasheet HTML 5Page - Mimix Broadband B1007-BD_09 Datasheet HTML 6Page - Mimix Broadband B1007-BD_09 Datasheet HTML 7Page - Mimix Broadband B1007-BD_09 Datasheet HTML 8Page - Mimix Broadband B1007-BD_09 Datasheet HTML 9Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Buffer Amplifier Measurements (cont.)
Page 3 of 9
4.0-11.0 GHz GaAs MMIC
Buffer Amplifier
B1007-BD
XB1007-BD Vd=4.5 V, Id=130 mA, Vg2=Open
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
Frequency (GHz)
+95 Deg C
-30 Deg C
+25 Deg C
XB1007-BD Vd=4.5 V, Id=130 mA, Vg2=Open
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
Frequency (GHz)
+95 Deg C
-30 Deg C
+25 Deg C
XB1007-BD Vd=4.5 V, Id=130 mA, Vg2=Open
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
Frequency (GHz)
+95 Dec C
-30 Deg C
+25 Deg C
*Includes fixture losses
XB1007-BD Vd=4.5 V, Id=130 mA, Vg2=Open
-30
-25
-20
-15
-10
-5
0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
Frequency (GHz)
+95 Deg C
-30 Deg C
+25 Deg C
*Includes fixture losses
XB1007-BD Vd=4.5 V, Id=130 mA, Vg2=Open
Pin=+5 dBm
19.0
19.5
20.0
20.5
21.0
21.5
22.0
22.5
23.0
23.5
24.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
Frequency (GHz)
+95 deg C
-30 deg C
+25 deg C
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2009 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
October 2009 - Rev 10-Oct-09


Similar Part No. - B1007-BD_09

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
B1007 PULSE-B1007 Datasheet
121Kb / 4P
   BROADBAND xDSL, HPN, CMCs
logo
MicroPower Direct, LLC
B1007RW MPD-B1007RW Datasheet
74Kb / 2P
   Compact 1 x 2 Inch 10W Wide Input Range DC/DC Converters
B1007RW MPD-B1007RW Datasheet
187Kb / 2P
   B1000RW SERIES
More results

Similar Description - B1007-BD_09

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XB1007-QT MIMIX-XB1007-QT_10 Datasheet
684Kb / 6P
   4.0-11.0 GHz GaAs MMIC
XB1007-BD MIMIX-XB1007-BD Datasheet
224Kb / 9P
   4.0-11.0 GHz GaAs MMIC Buffer Amplifier
XB1007-BD MIMIX-XB1007-BD_07 Datasheet
224Kb / 9P
   4.0-11.0 GHz GaAs MMIC Buffer Amplifier
XB1007-QT MIMIX-XB1007-QT Datasheet
972Kb / 6P
   4.0-11.0 GHz GaAs MMIC Buffer Amplifier, QFN
CMM1118-QT MIMIX-CMM1118-QT_10 Datasheet
1Mb / 6P
   11.0-20.0 GHz GaAs MMIC
XR1007-BD MIMIX-XR1007-BD_08 Datasheet
270Kb / 8P
   11.0-17.0 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XB1007-QT MA-COM-XB1007-QT Datasheet
684Kb / 6P
   4.0-11.0 GHz GaAs MMICBuffer Amplifier
logo
Mimix Broadband
XR1007 MIMIX-XR1007 Datasheet
190Kb / 8P
   11.0-17.0 GHz GaAs MMIC Receiver
XR1007_0610 MIMIX-XR1007_0610 Datasheet
443Kb / 8P
   11.0-17.0 GHz GaAs MMIC Receiver
XP1014 MIMIX-XP1014 Datasheet
165Kb / 5P
   8.5-11.0 GHz GaAs MMIC Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com