Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN-3002 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # AN-3002
Description  Low Current Input Circuit Ideas
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN-3002 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  AN-3002 Datasheet HTML 1Page - Fairchild Semiconductor AN-3002 Datasheet HTML 2Page - Fairchild Semiconductor AN-3002 Datasheet HTML 3Page - Fairchild Semiconductor AN-3002 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AN-3002
APPLICATION NOTE
2
REV. 4.00 4/30/02
The resulting LED forward current that will keep the output
circuitry conducting is shown as the result of proper design.
Figure 3. Pulse Train Waveforms
A desired sine wave to be present is shown in Figure 4.
The resulting LED forward current that will keep the output
circuitry conducting is shown as the result of proper design.
Figure 4. Sine Wave Waveforms
Matrices Opto-Coupling
With the low input LED current advantage of the 6N139, the
ability to drive matrices with but one TTL output is now pos-
sible as shown in Figure 5.
Figure 5. Opto-Coupling out of Matrices
Non-Loading Line Receiver
For virtual non-loading, the 6N139 is compatible with the
differential amplifier circuit of Figure 6.
Figure 6. Differential Amplifier Drive
For a virtual no-load optoisolator circuit use:
X=Non-latching output circuitry to follow
LED=Input diode of 6N139
Current requirement at “in” will be less than 20 micro
Amperes.
Example:
If “VREF” is made to be +1.4 Volts and the RE is 1.2 KΩ, the
circuit will respond nicely to TTL “0” and “1” levels. That is,
a “0” at “In” will cause LED current resulting in the conduc-
tion of the output circuitry. Conversely, a “1” at “In” will
result in no LED current. Notice that depending upon which
collector the LED is in series with it will give the option of
LED current flowing with a “0” or a “1” at “In”.
6N139 Output Circuitries
The following are two examples of 6N139 output circuitry.
One latching (Figure 7); the other non-latching (Figure 8),
but both capable of driving a TTL gate directly.
Referring to Figure 7 and assuming that the “RESET” has
been actuated by a momentary ground and no input signal is
being received, all transistors shown are non-conducting
(Output high, “1”). The arrival of an input signal will cause
all transistors to turn on. (Output low, “0”). The PNP transis-
tor, being turned on by the output transistor, will in turn latch
that same output transistor or until the “RESET” is again
initiated.
In Figure 8, where no signal is being received, the input
transistor is not conducting. The output transistor is very
slightly conducting. The 4.7M
Ω resistor causing this slight
conduction will not bring the “Output” to a “0” level.
The purpose of this slight conduction is to reduce the
turn-on delay time. When a signal is received, both input
INPUT
(Volts)
+
t=0
OUTPUT
(Volts)
5.0
0.4
LED
(mA)
1.0
0.5
0
INPUT
(Volts)
+
0
t=0
OUTPUT
(Volts)
5.0
0.4
LED
(mA)
1.0
0.5
0
1 of 16
ACTIVE
LOW
SCAN
CONTROL
16 X 16
MATRIX
5V
5.5K
RESISTORS
ALL
ARE INPUT DIODES OF 6N139
IN
10K
or
here
+V
6N139
AS EXAMPLE
VREF
VREF
RE
LED
0.5 mA
X
1mA
+V


Similar Part No. - AN-3002

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-3001 FAIRCHILD-AN-3001 Datasheet
358Kb / 7P
   Application Note AN-3001 Optocoupler Input Drive Circuits
AN-3005 FAIRCHILD-AN-3005 Datasheet
286Kb / 2P
   Design Fundamentals for Phototransistor Circuits
More results

Similar Description - AN-3002

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
VM114 SITI-VM114 Datasheet
259Kb / 8P
   Low input current
logo
COSMO Electronics Corp...
K1010W COSMO-K1010W_16 Datasheet
224Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
logo
Solid State Optronic
SP946-X SSOUSA-SP946-X Datasheet
197Kb / 6P
   Low Input Control Current
logo
COSMO Electronics Corp...
K1010Z COSMO-K1010Z Datasheet
977Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K1010Z COSMO-K1010Z_16 Datasheet
224Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K1010W COSMO-K1010W Datasheet
1Mb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K1010T COSMO-K1010T_16 Datasheet
223Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
logo
Vishay Siliconix
IL201 VISHAY-IL201 Datasheet
124Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current, Low Input Current, with Base Connection
Rev. 1.5, 08-May-08
logo
AVAGO TECHNOLOGIES LIMI...
6N139 AVAGO-6N139 Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers Low input current requirements ??0.5 mA
logo
Sharp Corporation
PC3H410NIP SHARP-PC3H410NIP Datasheet
74Kb / 5P
   AC Input, Low Input Current Type Photocoupler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com