Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG1577A Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # SG1577A
Description  SG1577A Layout Guidelines
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SG1577A Datasheet(HTML) 2 Page - Fairchild Semiconductor

  SG1577A Datasheet HTML 1Page - Fairchild Semiconductor SG1577A Datasheet HTML 2Page - Fairchild Semiconductor SG1577A Datasheet HTML 3Page - Fairchild Semiconductor SG1577A Datasheet HTML 4Page - Fairchild Semiconductor SG1577A Datasheet HTML 5Page - Fairchild Semiconductor SG1577A Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AN-1577
APPLICATION NOTE
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0 • 7/31/09
2
Figure 1. Power Loop
Practical Cases
SG1577A is used for ATX power supply field, so SG1577A
hosts the single-layer board or a daughter board plugged into
the main board. The below sections provide good possible
layouts for two cases.
Case 1: Single-Layer
Power Loop
CLNx trace between high-side and low-side MOSFET
should be copper-filled polygons. Do not use a jumper
(which results in a parasitic inductance and induce a
negative spike on this node).
The specification for CLN to GND is:
CLN to GND for 100ns Transient:
-4V Min.
18V Max
The high-current loop should be small to prevent EMI
issues.
The input capacitors (ceramic and E/C) and output
capacitors should be near the relative rail.
For a jumper used in the low-side MOSFET GND to VIN
GND, consider the rating current. Two/three pieces of
paralleled jumpers not only improved the rating current, but
also reduced the parasitic inductance. Due to this jumper,
the IC PGND should not be connected here!
SG1577
CIN
CIN
CIN
CIN
COUT
COUT
COUT
COUT
Upper
Upper
Lower
Lower
Lower
Lower
Snubber
Snubber
CIN (Ceramic)
CIN (Ceramic)


Similar Part No. - SG1577A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG1577A FAIRCHILD-SG1577A Datasheet
582Kb / 15P
   Dual Synchronous DC/DC Controller
SG1577A FAIRCHILD-SG1577A Datasheet
856Kb / 15P
   Dual Synchronous DC/DC Controller
SG1577ASY FAIRCHILD-SG1577ASY Datasheet
582Kb / 15P
   Dual Synchronous DC/DC Controller
SG1577ASY FAIRCHILD-SG1577ASY Datasheet
856Kb / 15P
   Dual Synchronous DC/DC Controller
SG1577A FAIRCHILD-SG1577A_10 Datasheet
856Kb / 15P
   Dual Synchronous DC/DC Controller
More results

Similar Description - SG1577A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-5061 FAIRCHILD-AN-5061 Datasheet
129Kb / 4P
   Layout Guidelines
logo
Silicon Laboratories
AN644 SILABS-AN644 Datasheet
1Mb / 15P
   Si477X LAYOUT GUIDELINES
logo
STMicroelectronics
AN2797 STMICROELECTRONICS-AN2797 Datasheet
421Kb / 23P
   PCB layout guidelines for SPEAr600
AN2674 STMICROELECTRONICS-AN2674 Datasheet
549Kb / 22P
   PCB layout guidelines for SPEAr3xx
logo
Texas Instruments
TLV320AIC24 TI-TLV320AIC24 Datasheet
983Kb / 53P
[Old version datasheet]   Layout and Grounding Guidelines for TLV320AIC2x
logo
Silicon Laboratories
AN400 SILABS-AN400 Datasheet
1Mb / 20P
   Si474X ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN383 SILABS-AN383 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
logo
NXP Semiconductors
AN10778 PHILIPS-AN10778 Datasheet
280Kb / 14P
   PCB layout guidelines for NXP MCUs in BGA packages
Rev. 2-15 April 2011
logo
Silicon Laboratories
AN350 SILABS-AN350 Datasheet
1Mb / 8P
   Si4708/09 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN738 SILABS-AN738 Datasheet
1Mb / 37P
   Si4825/36-A ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com