Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15-21-R6C-B0Q1R2B0E-2T-AM Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # 15-21-R6C-B0Q1R2B0E-2T-AM
Description  1206 Package Chip LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

15-21-R6C-B0Q1R2B0E-2T-AM Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  15-21-R6C-B0Q1R2B0E-2T-AM Datasheet HTML 1Page - Everlight Electronics Co., Ltd 15-21-R6C-B0Q1R2B0E-2T-AM Datasheet HTML 2Page - Everlight Electronics Co., Ltd 15-21-R6C-B0Q1R2B0E-2T-AM Datasheet HTML 3Page - Everlight Electronics Co., Ltd 15-21-R6C-B0Q1R2B0E-2T-AM Datasheet HTML 4Page - Everlight Electronics Co., Ltd 15-21-R6C-B0Q1R2B0E-2T-AM Datasheet HTML 5Page - Everlight Electronics Co., Ltd 15-21-R6C-B0Q1R2B0E-2T-AM Datasheet HTML 6Page - Everlight Electronics Co., Ltd 15-21-R6C-B0Q1R2B0E-2T-AM Datasheet HTML 7Page - Everlight Electronics Co., Ltd 15-21-R6C-B0Q1R2B0E-2T-AM Datasheet HTML 8Page - Everlight Electronics Co., Ltd 15-21-R6C-B0Q1R2B0E-2T-AM Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: 3 Months
Release Date:2009-08-11 09:48:30.0
Technical Data Sheet
1206 Package Chip LED
Preliminary
15-21-R6C-B0Q1R2B0E-2T-AM
Everlight Electronics Co., Ltd.
http://www.everlight.com
:
Page:
1 of 13
Device No:DSE-0001993
Lead (Pb) Free Product - RoHS Compliant
Feature
RoHS compliant.
Chip LED package.
Colorless clear resin
Wide viewing angle 130o.
Brightness: 71 to180 mcd at 20 mA.
Qualification according to AEC-Q101.
Precondition: Bases on JEDEC J-STD 020 Level 3.
Automotive reflow profile (IR reflow or wave soldering))
Applications
Automotive backlighting or indicator: Dashboard, switch, audio and video equipments… etc.
Backlight: LCD, switches, symbol, mobile phone and illuminated advertising.
Display for indoor and outdoor application.
Ideal for coupling into light guides.
Substitution of traditional light.
Optical indicator.
General applications.
Device Selection Guide
Chip
Material
Emitted Color
Resin Color
AlGaInP
Brilliant Red
Water Clear
This is a preliminary specification
intended for design purposes and
subject to change without prior
notice.


Similar Part No. - 15-21-R6C-B0Q1R2B0E-2T-AM

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
15-21-R6C-B0Q1R2B0E-2T-AM TO-GRACE-15-21-R6C-B0Q1R2B0E-2T-AM Datasheet
941Kb / 13P
   1206 Package Chip LED
More results

Similar Description - 15-21-R6C-B0Q1R2B0E-2T-AM

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
15-21-G6C-A0N1P2B0E-2T-AM TO-GRACE-15-21-G6C-A0N1P2B0E-2T-AM Datasheet
634Kb / 13P
   1206 Package Chip LED
logo
Everlight Electronics C...
15-21-G6C-A0N1P2B0E-2T-AM EVERLIGHT-15-21-G6C-A0N1P2B0E-2T-AM Datasheet
232Kb / 13P
   1206 Package Chip LED
15-21-R6C-B0Q1R2B0E EVERLIGHT-15-21-R6C-B0Q1R2B0E Datasheet
426Kb / 12P
   1206 Package Chip LED
logo
HK TO-GRACE TECHNOLOGY ...
15-21-R6C-B0Q1R2B0E-2T-AM TO-GRACE-15-21-R6C-B0Q1R2B0E-2T-AM Datasheet
941Kb / 13P
   1206 Package Chip LED
15-21-Y2C-A0P1Q2B0E-2T-AM TO-GRACE-15-21-Y2C-A0P1Q2B0E-2T-AM Datasheet
975Kb / 13P
   1206 Package Chip LED
logo
Everlight Electronics C...
15-21-Y2C-A0P1Q2B0E-2T-AM EVERLIGHT-15-21-Y2C-A0P1Q2B0E-2T-AM Datasheet
300Kb / 13P
   1206 Package Chip LED
IR15-21C-TR8 EVERLIGHT-IR15-21C-TR8_15 Datasheet
236Kb / 9P
   1206 Package Chip Infrared LED
EAIST3215A0 EVERLIGHT-EAIST3215A0 Datasheet
550Kb / 9P
   1206 Package Chip Infrared LED
15-21-R6C-AN1P2-2T EVERLIGHT-15-21-R6C-AN1P2-2T Datasheet
160Kb / 10P
   1206 Package Chip LED(1.1mm Height)
15-21-R6C-FQ1R1B-2T EVERLIGHT-15-21-R6C-FQ1R1B-2T Datasheet
137Kb / 10P
   1206 Package Chip LED(1.1mm Height)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com