Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMM2000-QT Datasheet(PDF) 9 Page - Mimix Broadband

Part # CMM2000-QT
Description  1.5-6.0 GHz GaAs MMIC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM2000-QT Datasheet(HTML) 9 Page - Mimix Broadband

Back Button CMM2000-QT_10 Datasheet HTML 3Page - Mimix Broadband CMM2000-QT_10 Datasheet HTML 4Page - Mimix Broadband CMM2000-QT_10 Datasheet HTML 5Page - Mimix Broadband CMM2000-QT_10 Datasheet HTML 6Page - Mimix Broadband CMM2000-QT_10 Datasheet HTML 7Page - Mimix Broadband CMM2000-QT_10 Datasheet HTML 8Page - Mimix Broadband CMM2000-QT_10 Datasheet HTML 9Page - Mimix Broadband CMM2000-QT_10 Datasheet HTML 10Page - Mimix Broadband CMM2000-QT_10 Datasheet HTML 11Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Page 9 of 11
Package Pin-out Table
Pin Designator
1,2,4,6,7,8,9,
11,12,13,14,15,16
3
10
5
Description
NC
RF Input
RF Output
Vd
Evaluation Board Layout
Evaluation Board Schematic
C1 = 1000pF
C2 = 1µF
We recommend to ground all non-connected pins and to have as many via holes as possible under the ground paddle.
CMM2000-QT
1.5-6.0 GHz GaAs MMIC
Packaged Driver Amplifier
The input and output require DC blocking capacitors if external DC voltages are present on the RF lines.
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2010 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
March 2010 - Rev 13-Mar-10


Similar Part No. - CMM2000-QT_10

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM2000-QT-0G00 MIMIX-CMM2000-QT-0G00 Datasheet
1Mb / 11P
   1.5-6.0 GHz GaAs MMIC Packaged Driver Amplifier
CMM2000-QT-0G0T MIMIX-CMM2000-QT-0G0T Datasheet
1Mb / 11P
   1.5-6.0 GHz GaAs MMIC Packaged Driver Amplifier
More results

Similar Description - CMM2000-QT_10

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM9000-QT MIMIX-CMM9000-QT_10 Datasheet
2Mb / 11P
   1.5-6.0 GHz GaAs MMIC
CMM9000-QT MIMIX-CMM9000-QT Datasheet
1Mb / 11P
   1.5-6.0 GHz GaAs MMIC Packaged Driver Amplifier
CMM2000-QT MIMIX-CMM2000-QT Datasheet
1Mb / 11P
   1.5-6.0 GHz GaAs MMIC Packaged Driver Amplifier
CMM-5-BD MIMIX-CMM-5-BD Datasheet
1Mb / 5P
   2.0-6.0 GHz GaAs MMIC Amplifier
CMM-2 MIMIX-CMM-2 Datasheet
446Kb / 4P
   2.0-6.0 GHz GaAs MMIC Amplifier
logo
Hittite Microwave Corpo...
HMC280MS8G HITTITE-HMC280MS8G Datasheet
216Kb / 6P
   GaAs MMIC POWER AMPLIFIER 5.0 - 6.0 GHz
logo
SIRENZA MICRODEVICES
SNA-286 SIRENZA-SNA-286 Datasheet
350Kb / 4P
   DC-6.0 GHz, Cascadable GaAs MMIC Amplifier
logo
M/A-COM Technology Solu...
MAAM26100-P1 MA-COM-MAAM26100-P1 Datasheet
104Kb / 3P
   GaAs MMIC Power Amplifier 2.0 - 6.0 GHz
logo
Mimix Broadband
CMM0618-BD MIMIX-CMM0618-BD_07 Datasheet
154Kb / 5P
   6.0-18.0 GHz GaAs MMIC Power Amplifier
logo
Hittite Microwave Corpo...
HMC280MS8G HITTITE-HMC280MS8G_05 Datasheet
290Kb / 6P
   GaAs MMIC POWER AMPLIFIER 5.0 - 6.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com