Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN-768 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # AN-768
Description  ECL Backplane Design
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN-768 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  AN-768 Datasheet HTML 1Page - Fairchild Semiconductor AN-768 Datasheet HTML 2Page - Fairchild Semiconductor AN-768 Datasheet HTML 3Page - Fairchild Semiconductor AN-768 Datasheet HTML 4Page - Fairchild Semiconductor AN-768 Datasheet HTML 5Page - Fairchild Semiconductor AN-768 Datasheet HTML 6Page - Fairchild Semiconductor AN-768 Datasheet HTML 7Page - Fairchild Semiconductor AN-768 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
BOARD DESIGN CONSIDERATIONS (Continued)
FIGURE 4. PC Board Pin Distribution
FIGURE 5. PC Board Power Planes
Inductance is always present in any conductor. As the rate
of change in current through an inductor increases, the
greater the induced voltage will be since V
= L(di/dt). With
digital systems changing logic levels, a change in current
will inevitably occur and produce unwanted voltage drops.
Oscillations are also connected with additional inductance
present in digital circuits. This implies that inductance in
board design should be kept at a minimum.
Inductance is very dependant on geometry, with solid sheet
conductors being the best for keeping inductance at the
lowest possible level. This is the reason why planes (as in
Figure 5) instead of grids, combs, or traces are used for
power and ground. It is best to mount IC’s directly over
ground planes and connect the device ground pins to it
whenever possible. It is also recommended that decoupling
capacitors of 0.01
µF to 0.1 µF be placed between V
EE and
VCC, and between VTT and VCC.
The power required for different IC’s will vary, meaning that
the heat dissipated by each will change. In order to main-
tain gate junction temperatures, cooling devices may be
necessary. As an example, planes can be used as thermal
mass resulting in an effective heat sink. Cooling is impor-
tant because if junction temperatures exceed manufacturer
specifications, circuits can fail, degrade, or function incor-
rectly.
SYSTEM DESIGN CONSIDERATIONS
Wired-OR Configuration
F100K 300 Series devices have an emitter follower config-
uration on each output. The open emitter outputs of several
devices can be tied together to create a Wired-OR configu-
ration. An example of this is shown in Figure 6. This config-
uration has the advantage of obtaining the OR operation
without using an external gate, thus reducing the package
count of the design. The Wired-OR also saves on power by
LAYER 1
Signal
LAYER 2
TTL Ground
LAYER 3
TTL
+5V
LAYER 4
VTT
LAYER 5
Signal/Thermal
LAYER 6
ECL
−4.5V (V
EE)
LAYER 7
ECL 0.0V (VCC)
LAYER 8
Signal


Similar Part No. - AN-768

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AN-763 AD-AN-763 Datasheet
348Kb / 4P
   Dual Universal Precision Op Amp Evaluation Board
REV. B
More results

Similar Description - AN-768

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HS-820 ETC-HS-820 Datasheet
257Kb / 2P
   ECL-100K ECL Supplement
logo
Nel Frequency Controls,...
SJ-2810 NEL-SJ-2810 Datasheet
263Kb / 2P
   ECL
HS-800 NEL-HS-800 Datasheet
260Kb / 2P
   ECL
logo
Zarlink Semiconductor I...
SP1648 ZARLINK-SP1648 Datasheet
184Kb / 7P
   ECL OSCILLATOR
logo
Toshiba Semiconductor
TD6102P TOSHIBA-TD6102P Datasheet
608Kb / 7P
   ECL PRESCALLER
logo
ON Semiconductor
MC10H424 ONSEMI-MC10H424_06 Datasheet
134Kb / 5P
   Quad TTL to ECL Translator with ECL Strobe
August, 2006 ??Rev. 10
MC10H424 ONSEMI-MC10H424 Datasheet
102Kb / 4P
   Quad TTL-to-ECL Translator with ECL Strobe
1996 REV 5
MC10H424 ONSEMI-MC10H424_00 Datasheet
117Kb / 4P
   Quad TTL to ECL Translator with ECL Strobe
March, 2000 ??Rev. 6
logo
Golledge Electronics Lt...
GXO-E93 GOLLEDGE-GXO-E93 Datasheet
65Kb / 1P
   ECL/ PECL OSCILLATOR
logo
Nel Frequency Controls,...
HA-A870 NEL-HA-A870 Datasheet
262Kb / 2P
   Positive ECL (PECL)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com