Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMM0015-BD Datasheet(PDF) 6 Page - Mimix Broadband

Part # CMM0015-BD
Description  Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM0015-BD Datasheet(HTML) 6 Page - Mimix Broadband

Back Button CMM0015-BD Datasheet HTML 2Page - Mimix Broadband CMM0015-BD Datasheet HTML 3Page - Mimix Broadband CMM0015-BD Datasheet HTML 4Page - Mimix Broadband CMM0015-BD Datasheet HTML 5Page - Mimix Broadband CMM0015-BD Datasheet HTML 6Page - Mimix Broadband CMM0015-BD Datasheet HTML 7Page - Mimix Broadband CMM0015-BD Datasheet HTML 8Page - Mimix Broadband CMM0015-BD Datasheet HTML 9Page - Mimix Broadband CMM0015-BD Datasheet HTML 10Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Page 6 of 10
2.0-22.0 GHz GaAs MMIC
Power Amplifier
CMM0015-BD
S-Parameters
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2009 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
September 2009 - Rev 22-Sep-09
Typical S-Parameter Data for CMM0015
Vd=12.0 V Id=359 mA
Frequency
S11
S11
S21
S21
S12
S12
S22
S22
(GHz)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
1.0
0.245
-81.34
3.674
-172.50
0.0012
-23.38
0.228
164.84
2.0
0.162
-98.46
3.408
137.44
0.0018
142.02
0.081
153.23
3.0
0.168
-117.97
3.352
102.81
0.0006
-148.53
0.047
-152.04
4.0
0.152
-144.15
3.237
71.89
0.0007
153.22
0.101
-119.67
5.0
0.132
-169.37
3.170
42.27
0.0010
103.59
0.164
-124.58
6.0
0.083
173.67
3.103
14.19
0.0007
50.06
0.216
-135.95
7.0
0.044
171.01
3.071
-13.91
0.0008
60.23
0.251
-148.23
8.0
0.032
-127.59
3.059
-41.50
0.0012
37.44
0.264
-160.10
9.0
0.074
-113.58
3.090
-69.18
0.0019
13.98
0.252
-170.35
10.0
0.118
-128.24
3.154
-97.34
0.0025
-0.11
0.220
-177.00
11.0
0.149
-147.51
3.237
-126.07
0.0032
-48.60
0.182
-174.03
12.0
0.162
-169.43
3.323
-155.80
0.0038
-62.84
0.179
-159.67
13.0
0.153
167.75
3.388
173.80
0.0055
-98.99
0.229
-151.03
14.0
0.122
144.59
3.419
143.10
0.0058
-124.12
0.300
-155.84
15.0
0.070
123.85
3.423
112.52
0.0072
-150.01
0.356
-167.61
16.0
0.010
160.34
3.439
82.35
0.0084
-179.28
0.374
177.64
17.0
0.069
-130.58
3.524
51.93
0.0094
150.16
0.350
162.34
18.0
0.131
-157.64
3.685
20.52
0.0103
131.14
0.271
147.09
19.0
0.172
172.78
3.908
-13.25
0.0122
101.70
0.150
147.87
20.0
0.185
139.81
4.064
-49.58
0.0155
69.58
0.143
-158.46
21.0
0.166
102.34
4.065
-87.36
0.0178
38.14
0.276
-154.58
22.0
0.110
62.50
3.949
-124.83
0.0181
2.57
0.387
-171.89
23.0
0.023
13.55
3.826
-161.58
0.0182
-33.59
0.416
168.36
24.0
0.091
152.94
3.845
160.80
0.0207
-66.60
0.372
150.42
25.0
0.211
102.76
3.902
118.58
0.0218
-104.81
0.266
139.33
26.0
0.275
57.09
3.685
71.22
0.0245
-143.67
0.181
156.00
27.0
0.253
26.86
3.079
22.89
0.0245
175.08
0.245
179.54
28.0
0.290
26.33
2.343
-22.44
0.0202
140.31
0.368
168.56
29.0
0.442
6.06
1.337
-66.96
0.0192
117.76
0.448
120.17
30.0
0.544
-17.38
1.746
-85.78
0.0189
74.39
0.249
175.57
31.0
0.600
-39.83
1.427
-136.46
0.0205
48.67
0.276
148.59
32.0
0.613
-57.56
1.103
177.14
0.0194
14.52
0.193
143.54
33.0
0.612
-70.51
0.811
130.36
0.0181
-10.37
0.164
170.53
34.0
0.628
-80.22
0.585
87.42
0.0133
-36.95
0.245
-177.20
35.0
0.645
-89.37
0.415
43.07
0.0125
-106.35
0.325
170.73
36.0
0.663
-97.58
0.294
-5.39
0.0092
-123.98
0.312
156.64
37.0
0.689
-105.12
0.184
-55.09
0.0046
-143.96
0.236
165.21
38.0
0.720
-112.46
0.095
-99.78
0.0065
149.07
0.348
-177.05
39.0
0.752
-119.12
0.047
-142.19
0.0008
170.46
0.515
173.38
40.0
0.777
-126.07
0.023
-166.75
0.0038
-146.72
0.650
155.12


Similar Part No. - CMM0015-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM0015-BD MIMIX-CMM0015-BD Datasheet
203Kb / 6P
   2.0-22.0 GHz GaAs MMIC Power Amplifier
CMM0015-BD-000V MIMIX-CMM0015-BD-000V Datasheet
203Kb / 6P
   2.0-22.0 GHz GaAs MMIC Power Amplifier
More results

Similar Description - CMM0015-BD

ManufacturerPart #DatasheetDescription
logo
RFHIC
RFM1842-10 RFHIC-RFM1842-10 Datasheet
220Kb / 3P
   Power Amplifier
RFA0902-04 RFHIC-RFA0902-04 Datasheet
171Kb / 3P
   Power Amplifier
RFW0902-10 RFHIC-RFW0902-10 Datasheet
158Kb / 3P
   Power Amplifier
logo
M/A-COM Technology Solu...
XP1003-BD MA-COM-XP1003-BD_15 Datasheet
554Kb / 6P
   Power Amplifier
XP1005-BD-V2 MA-COM-XP1005-BD-V2 Datasheet
899Kb / 9P
   Power Amplifier
logo
List of Unclassifed Man...
STK2038II ETC-STK2038II Datasheet
195Kb / 4P
   POWER AMPLIFIER
logo
M/A-COM Technology Solu...
MAAP-011027 MA-COM-MAAP-011027_15 Datasheet
1Mb / 8P
   Amplifier, Power
MAAP-011170 MA-COM-MAAP-011170 Datasheet
2Mb / 6P
   Power Amplifier
MAAP-011199 MA-COM-MAAP-011199 Datasheet
1Mb / 9P
   Power Amplifier
logo
Analog Devices
HMC8114 AD-HMC8114 Datasheet
237Kb / 10P
   Power Amplifier
logo
TOKO, Inc
TK10417 TOKO-TK10417 Datasheet
63Kb / 8P
   POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com