Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15-13D-R6GHBHC-A01-2T Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # 15-13D-R6GHBHC-A01-2T
Description  Full Color Chip LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

15-13D-R6GHBHC-A01-2T Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  15-13D-R6GHBHC-A01-2T Datasheet HTML 1Page - Everlight Electronics Co., Ltd 15-13D-R6GHBHC-A01-2T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 15-13D-R6GHBHC-A01-2T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 15-13D-R6GHBHC-A01-2T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 15-13D-R6GHBHC-A01-2T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 15-13D-R6GHBHC-A01-2T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 15-13D-R6GHBHC-A01-2T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 15-13D-R6GHBHC-A01-2T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 15-13D-R6GHBHC-A01-2T Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2008-09-20 00:15:55.0
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 1 of 12
Device No. : DSE-153-A01
Prepared date: 07-Mar-2005
Prepared by : Esther Yan
Technical Data Sheet
Full Color Chip LED
15-13D/R6GHBHC-A01/2T
Features
․Package in 8mm tape on 7〞diameter reel.
․Compatible with automatic placement equipment.
․Compatible with infrared and vapor phase reflow
solder process.
․Multi-color type.
․Pb-free.
․ESD Protect.
․The product itself will remain within RoHS
compliant version.
Descriptions
․The 15-13D SMD Taping is much smaller
than lead frame type components, thus
enable smaller board size, higher packing
density, reduced storage space and finally
smaller equipment to be obtained.
․Besides, lightweight makes them ideal for
miniature applications. etc.
Applications
․Backlighting in dashboard and switch.
․Telecommunication: indicator and backlighting in
telephone and fax.
․Flat backlight for LCD, switch and symbol.
․General use.
Device Selection Guide
Chip
Type
Material
Emitted Color
Resin Color
R6
AlGaInP
Brilliant Red
GH
InGaN
Brilliant Green
BH
InGaN
Blue
Water Clear


Similar Part No. - 15-13D-R6GHBHC-A01-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
15-13D-R6GHBHC-A01-2T EVERLIGHT-15-13D-R6GHBHC-A01-2T Datasheet
204Kb / 12P
   Full Color Chip LED
logo
HK TO-GRACE TECHNOLOGY ...
15-13D-R6GHBHC-A01-2T TO-GRACE-15-13D-R6GHBHC-A01-2T Datasheet
800Kb / 11P
   Package in 8mm tape on 7?엀iameter reel.
logo
Everlight Electronics C...
15-13D-R6GHBHC-A01-2T EVERLIGHT-15-13D-R6GHBHC-A01-2T_11 Datasheet
204Kb / 12P
   Full Color Chip LED
More results

Similar Description - 15-13D-R6GHBHC-A01-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-237B-R6GHBHC-C01-2T EVERLIGHT-19-237B-R6GHBHC-C01-2T Datasheet
236Kb / 12P
   Full Color Chip LED
19-237A-BHR6GHC-A01-2T EVERLIGHT-19-237A-BHR6GHC-A01-2T Datasheet
227Kb / 12P
   Full Color Chip LED
23-23B-R6GHBHC-A01-2A EVERLIGHT-23-23B-R6GHBHC-A01-2A Datasheet
222Kb / 12P
   Full Color Chip LED
R6GHBHC EVERLIGHT-R6GHBHC Datasheet
199Kb / 12P
   Full Color Chip LED
19-237B-R6GHBHC-C01-2T EVERLIGHT-19-237B-R6GHBHC-C01-2T_11 Datasheet
216Kb / 12P
   Full Color Chip LED
logo
HK TO-GRACE TECHNOLOGY ...
19-237B-R6GHBHC-C01-2T TO-GRACE-19-237B-R6GHBHC-C01-2T Datasheet
928Kb / 12P
   Full Color Chip LED
LTST-S310F3WT TO-GRACE-LTST-S310F3WT Datasheet
808Kb / 11P
   Full color chip LED.
19-237-R6GHBHC-A04-2T TO-GRACE-19-237-R6GHBHC-A04-2T Datasheet
1,004Kb / 12P
   Full Color Chip LED
19-237A-BHR6GHC-A01-2T TO-GRACE-19-237A-BHR6GHC-A01-2T Datasheet
1Mb / 12P
   Full Color Chip LED
logo
Everlight Electronics C...
15-13D-R6GHBHC-A01-2T EVERLIGHT-15-13D-R6GHBHC-A01-2T_11 Datasheet
204Kb / 12P
   Full Color Chip LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com