Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15-13D-R6GHBHC-A01-2T Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # 15-13D-R6GHBHC-A01-2T
Description  Full Color Chip LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

15-13D-R6GHBHC-A01-2T Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

Back Button 15-13D-R6GHBHC-A01-2T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 15-13D-R6GHBHC-A01-2T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 15-13D-R6GHBHC-A01-2T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 15-13D-R6GHBHC-A01-2T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 15-13D-R6GHBHC-A01-2T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 15-13D-R6GHBHC-A01-2T Datasheet HTML 9Page - Everlight Electronics Co., Ltd 15-13D-R6GHBHC-A01-2T Datasheet HTML 10Page - Everlight Electronics Co., Ltd 15-13D-R6GHBHC-A01-2T Datasheet HTML 11Page - Everlight Electronics Co., Ltd 15-13D-R6GHBHC-A01-2T Datasheet HTML 12Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2008-09-20 00:15:55.0
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 9 of 12
Device No. : DSE-153-A01
Prepared date: 07-Mar-2005
Prepared by : Esther Yan
15-13D/R6GHBHC-A01/2T
Carrier Tape Dimensions: Loaded quantity 2000 PCS per reel
Note: The tolerances unless mentioned is ±0.1mm ,Unit = mm
Moisture Resistant Packaging
Label
Desiccant
Label
Aluminum moisture-proof bag


Similar Part No. - 15-13D-R6GHBHC-A01-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
15-13D-R6GHBHC-A01-2T EVERLIGHT-15-13D-R6GHBHC-A01-2T Datasheet
204Kb / 12P
   Full Color Chip LED
logo
HK TO-GRACE TECHNOLOGY ...
15-13D-R6GHBHC-A01-2T TO-GRACE-15-13D-R6GHBHC-A01-2T Datasheet
800Kb / 11P
   Package in 8mm tape on 7?엀iameter reel.
logo
Everlight Electronics C...
15-13D-R6GHBHC-A01-2T EVERLIGHT-15-13D-R6GHBHC-A01-2T_11 Datasheet
204Kb / 12P
   Full Color Chip LED
More results

Similar Description - 15-13D-R6GHBHC-A01-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-237B-R6GHBHC-C01-2T EVERLIGHT-19-237B-R6GHBHC-C01-2T Datasheet
236Kb / 12P
   Full Color Chip LED
19-237A-BHR6GHC-A01-2T EVERLIGHT-19-237A-BHR6GHC-A01-2T Datasheet
227Kb / 12P
   Full Color Chip LED
23-23B-R6GHBHC-A01-2A EVERLIGHT-23-23B-R6GHBHC-A01-2A Datasheet
222Kb / 12P
   Full Color Chip LED
R6GHBHC EVERLIGHT-R6GHBHC Datasheet
199Kb / 12P
   Full Color Chip LED
19-237B-R6GHBHC-C01-2T EVERLIGHT-19-237B-R6GHBHC-C01-2T_11 Datasheet
216Kb / 12P
   Full Color Chip LED
logo
HK TO-GRACE TECHNOLOGY ...
19-237B-R6GHBHC-C01-2T TO-GRACE-19-237B-R6GHBHC-C01-2T Datasheet
928Kb / 12P
   Full Color Chip LED
LTST-S310F3WT TO-GRACE-LTST-S310F3WT Datasheet
808Kb / 11P
   Full color chip LED.
19-237-R6GHBHC-A04-2T TO-GRACE-19-237-R6GHBHC-A04-2T Datasheet
1,004Kb / 12P
   Full Color Chip LED
19-237A-BHR6GHC-A01-2T TO-GRACE-19-237A-BHR6GHC-A01-2T Datasheet
1Mb / 12P
   Full Color Chip LED
logo
Everlight Electronics C...
15-13D-R6GHBHC-A01-2T EVERLIGHT-15-13D-R6GHBHC-A01-2T_11 Datasheet
204Kb / 12P
   Full Color Chip LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com