Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15-11-W1D-APQHY-2T Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # 15-11-W1D-APQHY-2T
Description  1206 Package Chip LED (1.1mm Height)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

15-11-W1D-APQHY-2T Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  15-11-W1D-APQHY-2T Datasheet HTML 1Page - Everlight Electronics Co., Ltd 15-11-W1D-APQHY-2T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 15-11-W1D-APQHY-2T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 15-11-W1D-APQHY-2T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 15-11-W1D-APQHY-2T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 15-11-W1D-APQHY-2T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 15-11-W1D-APQHY-2T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 15-11-W1D-APQHY-2T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 15-11-W1D-APQHY-2T Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
15-11/W1D-APQHY/2T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev 1
Page: 3 of 12
Device No:SZDSE-511-W01
Prepared date: 22-Aug-2005
Prepared by:Zhang huali
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
25
mA
Operating Temperature
Topr
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +90
Electrostatic Discharge(HBM)
ESD
2000
V
Power Dissipation
Pd
110
mW
Peak Forward Current
(Duty 1/10 @1KHz)
IFP
100
mA
Soldering Temperature
Tsol
Reflow Soldering : 260 ℃ for 10 sec.
Hand Soldering : 350 ℃ for 3 sec.
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Luminous Intensity
IV
45.0
-----
112
mcd
Viewing Angle
2θ1/2
-----
150
-----
deg
Forward Voltage
VF
2.70
-----
3.15
V
IF=5mA
Notes:
1.Tolerance of Luminous Intensity ±10%
2.Tolerance of Forward Voltage ±0.1V


Similar Part No. - 15-11-W1D-APQHY-2T

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
15-11-W1D-APQHY-2T TO-GRACE-15-11-W1D-APQHY-2T Datasheet
886Kb / 12P
   1206 Package Chip LED (1.1mm Height)
More results

Similar Description - 15-11-W1D-APQHY-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
15-11-BHC-AN1P2-2T EVERLIGHT-15-11-BHC-AN1P2-2T Datasheet
163Kb / 10P
   1206 Package Chip LED (1.1mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
23-21-R8C-AN2Q1B-2T TO-GRACE-23-21-R8C-AN2Q1B-2T Datasheet
1Mb / 10P
   1206 Package Chip LED ( 1.1mm Height )
15-21-R6C-AN1P2-2T TO-GRACE-15-21-R6C-AN1P2-2T Datasheet
738Kb / 10P
   1206 Package Chip LED(1.1mm Height)
logo
Everlight Electronics C...
15-21-R6C-AN1P2-2T EVERLIGHT-15-21-R6C-AN1P2-2T Datasheet
160Kb / 10P
   1206 Package Chip LED(1.1mm Height)
15-21-R6C-FQ1R1B-2T EVERLIGHT-15-21-R6C-FQ1R1B-2T Datasheet
137Kb / 10P
   1206 Package Chip LED(1.1mm Height)
15-21-W1D-APQHY-2T EVERLIGHT-15-21-W1D-APQHY-2T Datasheet
156Kb / 11P
   1206 Package Chip LED (1.1mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
15-11-W1D-APQHY-2T TO-GRACE-15-11-W1D-APQHY-2T Datasheet
886Kb / 12P
   1206 Package Chip LED (1.1mm Height)
15-21-W1D-APQHY-2T TO-GRACE-15-21-W1D-APQHY-2T Datasheet
679Kb / 11P
   1206 Package Chip LED (1.1mm Height)
logo
Everlight Electronics C...
23-21UYC-S530-A3-TR8 EVERLIGHT-23-21UYC-S530-A3-TR8 Datasheet
223Kb / 9P
   1206 Package Chip LED ( 1.1mm Height )
23-21SYGC-S530-E2-TR8 EVERLIGHT-23-21SYGC-S530-E2-TR8 Datasheet
121Kb / 9P
   1206 Package Chip LED ( 1.1mm Height )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com