Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXFN20N120 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFN20N120
Description  HiPerFET Power MOSFETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN20N120 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFN20N120 Datasheet HTML 1Page - IXYS Corporation IXFN20N120 Datasheet HTML 2Page - IXYS Corporation IXFN20N120 Datasheet HTML 3Page - IXYS Corporation IXFN20N120 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2003 IXYS All rights reserved
Features
International standard package
miniBLOC, withAluminiumnitride
isolation
Low R
DS (on) HDMOS
TM
process
Ruggedpolysilicongatecellstructure
UnclampedInductiveSwitching(UIS)
rated
Lowpackageinductance
FastintrinsicRectifier
Applications
DC-DC converters
Batterychargers
Switched-modeandresonant-mode
power supplies
DC choppers
Temperatureandlightingcontrols
Advantages
Easy to mount
Space savings
High power density
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS = 0 V, ID = 1 mA
1200
V
V
GH(th)
V
DS = VGS, ID = 8 mA
2.5
4.5
V
I
GSS
V
GS = ±30 VDC, VDS = 0
±100 nA
I
DSS
V
DS = VDSS
T
J =
25
°C
100
µA
V
GS = 0 V
T
J = 125°C2
mA
R
DS(on)
V
GS = 10 V, ID = 0.5 • ID25
0.75
Pulse test, t
≤ 300 µs,
duty cycle d
≤ 2 %
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J = 25°C to 150°C
1200
V
V
DGR
T
J = 25°C to 150°C; RGS = 1 MΩ
1200
V
V
GS
Continuous
±30
V
V
GSM
Transient
±40
V
I
D25
T
C
= 25
°C, Chip capability
20
A
I
DM
T
C
= 25
°C, pulse width limited by T
JM
80
A
I
AR
T
C
= 25
°C10
A
E
AR
T
C
= 25
°C40
mJ
E
AS
T
C
= 25
°C2
J
dv/dt
I
S ≤ IDM, di/dt ≤ 100 A/µs, VDD ≤ VDSS,
5
V/ns
T
J≤ 150°C, RG = 2 Ω
P
D
T
C= 25°C
780
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
2500
V~
I
ISOL ≤ 1 mA
t = 1 s
3000
V~
M
d
Mounting torque
1.5/13 Nm/lb.in.
Terminal connection torque
1.5/13 Nm/lb.in.
Weight
30
g
HiPerFETTM
Power MOSFETs
N-Channel Enhancement Mode
Avalanche Rated, High dv/dt, Low t
rr
DS99116(11/03)
D
S
G
S
S
G
S
D
miniBLOC, SOT-227 B (IXFN)
E153432
G = Gate
D = Drain
S = Source
TAB = Drain
Either Source terminal at miniBLOC can be used
as Main or Kelvin Source
IXFN 20N120
V
DSS
= 1200 V
I
D25
=
20 A
R
DS(on) =
0.75
t
rr
≤≤≤≤≤ 300 ns
Advanced Technical Information


Similar Part No. - IXFN20N120

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN20N120P IXYS-IXFN20N120P Datasheet
113Kb / 4P
   Polar Power MOSFET HiPerFET
More results

Similar Description - IXFN20N120

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH21N50 IXYS-IXFH21N50 Datasheet
562Kb / 4P
   HiPerFET Power MOSFETs MOSFETs
IXFH10N90 IXYS-IXFH10N90 Datasheet
85Kb / 4P
   HiPerFET Power MOSFETs
IXFH36N55Q2 IXYS-IXFH36N55Q2 Datasheet
562Kb / 5P
   HiPerFET Power MOSFETs
IXFK25N90 IXYS-IXFK25N90 Datasheet
118Kb / 4P
   HiPerFET Power MOSFETs
IXFA3N80 IXYS-IXFA3N80 Datasheet
100Kb / 2P
   HiPerFET Power MOSFETs
IXFH88N20Q IXYS-IXFH88N20Q Datasheet
194Kb / 4P
   HiPerFET Power MOSFETs
IXFH7N80 IXYS-IXFH7N80 Datasheet
78Kb / 4P
   HiPerFET Power MOSFETs
IXFH13N50 IXYS-IXFH13N50 Datasheet
82Kb / 4P
   HiPerFET Power MOSFETs
IXFJ40N30 IXYS-IXFJ40N30 Datasheet
37Kb / 2P
   HiPerFET Power MOSFETs
IXFK27N80 IXYS-IXFK27N80 Datasheet
157Kb / 4P
   HiPerFET Power MOSFETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com