Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH50D18RLDNP-151MC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH50D18RLDNP-151MC
Description  Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH50D18RLDNP-151MC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH50D18RLDNP-151MC Datasheet HTML 1Page - Sumida Corporation CDRH50D18RLDNP-151MC Datasheet HTML 2Page - Sumida Corporation CDRH50D18RLDNP-151MC Datasheet HTML 3Page - Sumida Corporation CDRH50D18RLDNP-151MC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Electrical Characteristics specification.
Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH50D18R/LD
※1 Measuring frequency inductance at 100kHz, 1V .
※2 Saturation current: The DC current at which the inductance decreases to 70% of its nominal value.
※3 Temperature rise current: The DC current at which the temperature rise is △t=40℃.(Ta=20℃)
0.34
0.15
0.18
1420
±20%
150
±20%
P
CDRH50D18RLDNP-151MC
14
0.50
0.20
0.22
760
±20%
100
±20%
N
CDRH50D18RLDNP-101MC
13
0.54
0.23
0.28
600
±20%
68
±20%
M
CDRH50D18RLDNP-680MC
12
0.77
0.26
0.32
355
±20%
47
±20%
L
CDRH50D18RLDNP-470MC
11
0.97
0.30
0.38
255
±20%
33
±20%
K
CDRH50D18RLDNP-330MC
10
1.17
0.40
0.48
178
±20%
22
±20%
J
CDRH50D18RLDNP-220MC
09
1.40
0.47
0.58
120
±20%
15
±20%
H
CDRH50D18RLDNP-150MC
08
1.80
0.58
0.72
79
±25%
10
±20%
G
CDRH50D18RLDNP-100MC
07
2.22
0.70
0.85
52
±25%
6.8
±20%
F
CDRH50D18RLDNP-6R8MC
06
2.98
0.83
1.00
34
±25%
4.7
±20%
E
CDRH50D18RLDNP-4R7MC
05
3.15
0.98
1.17
31
±25%
3.6
±30%
D
CDRH50D18RLDNP-3R6NC
04
3.45
1.24
1.50
24
±25%
2.2
±30%
C
CDRH50D18RLDNP-2R2NC
03
3.95
1.46
1.75
20
±25%
1.6
±30%
B
CDRH50D18RLDNP-1R6NC
02
4.40
1.72
2.10
17
±25%
1.1
±30%
A
CDRH50D18RLDNP-1R1NC
01
(at 105
℃)
(at 20
℃)
Temperature
rise current
(
A)
※3
Saturation current
(
A)※2
D.C.R.
(m
Ω)
[Within]
(at 20
℃)
Inductance
(
μH)
[Within]
※1
Stamp
Part name
No.


Similar Part No. - CDRH50D18RLDNP-151MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH50D18RLDNP-151MC SUMIDA-CDRH50D18RLDNP-151MC Datasheet
144Kb / 4P
   SMD Power Inductor
More results

Similar Description - CDRH50D18RLDNP-151MC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
XFRCR875D-102M XFMRS-XFRCR875D-102M_15 Datasheet
59Kb / 1P
   Power Inductor
XFHCL2-1R8M XFMRS-XFHCL2-1R8M Datasheet
37Kb / 1P
   Power Inductor
XFRCH654-102M XFMRS-XFRCH654-102M Datasheet
59Kb / 1P
   Power Inductor
XFRCRH875-100M XFMRS-XFRCRH875-100M Datasheet
59Kb / 1P
   Power Inductor
XFRCR110D-102M XFMRS-XFRCR110D-102M_15 Datasheet
58Kb / 1P
   Power Inductor
9XFXXX6-S3P XFMRS-9XFXXX6-S3P Datasheet
49Kb / 1P
   POWER INDUCTOR
XFHCL2-1R6M XFMRS-XFHCL2-1R6M Datasheet
60Kb / 1P
   POWER INDUCTOR
XFRLH875-101M XFMRS-XFRLH875-101M Datasheet
32Kb / 1P
   POWER INDUCTOR
XFRCRH875-100M XFMRS-XFRCRH875-100M_15 Datasheet
59Kb / 1P
   Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com