Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDEP1411NP-7R4MC-150 Datasheet(PDF) 3 Page - Sumida Corporation

Part # CDEP1411NP-7R4MC-150
Description  Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP1411NP-7R4MC-150 Datasheet(HTML) 3 Page - Sumida Corporation

  CDEP1411NP-7R4MC-150 Datasheet HTML 1Page - Sumida Corporation CDEP1411NP-7R4MC-150 Datasheet HTML 2Page - Sumida Corporation CDEP1411NP-7R4MC-150 Datasheet HTML 3Page - Sumida Corporation CDEP1411NP-7R4MC-150 Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDEP1411
Rated Current Curve
Saturation current and Temperature rise
Part No.:CDEP1411NP-7R4MC-150
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
0.00
2.00
4.00
6.00
8.00
10.00 12.00 14.00 16.00 18.00
Current (A)
In
du
ct
an
ce
μ
0.00
10.00
20.00
30.00
40.00
50.00
60.00
70.00
80.00
L(20℃)
L(105℃)
Delta(△T)
Saturation current and Temperature rise
Part No.:CDEP1411NP-100MC-150
0.0
2.0
4.0
6.0
8.0
10.0
12.0
0.00
2.00
4.00
6.00
8.00
10.00
12.00
14.00
16.00
Current (A)
In
du
ct
an
ce
μ
0.00
10.00
20.00
30.00
40.00
50.00
60.00
L(20℃)
L(105℃)
Delta(△T)
In
du
ct
an
ce
μ
Saturation current and Temperature rise
Part No.:CDEP1411NP-120MC-150
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
0.00
2.00
4.00
6.00
8.00
10.00
12.00
14.00
Current (A)
0.00
10.00
20.00
30.00
40.00
50.00
60.00
70.00
80.00
L(20℃)
L(105℃)
Delta(△T)
Saturation current and Temperature rise
Part No.:CDEP1411NP-150MC-150
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
0.00
2.00
4.00
6.00
8.00
10.00
12.00
14.00
Current (A)
In
du
ct
an
ce
μ
0.00
10.00
20.00
30.00
40.00
50.00
60.00
70.00
80.00
L(20℃)
L(105℃)
Delta(△T)
Saturation current and Temperature rise
In
du
ct
an
ce
μ
Part No.:CDEP1411NP-180MC-150
0.0
4.0
8.0
12.0
16.0
20.0
24.0
0.00
2.00
4.00
6.00
8.00
10.00
12.00
Current (A)
0.00
10.00
20.00
30.00
40.00
50.00
60.00
L(20℃)
L(105℃)
Delta(△T)
In
du
ct
an
ce
μ
Saturation current and Temperature rise
Part No.:CDEP1411NP-220MC-150
0.0
4.0
8.0
12.0
16.0
20.0
24.0
0.00
2.00
4.00
6.00
8.00
10.00
12.00
Current (A)
0.00
10.00
20.00
30.00
40.00
50.00
60.00
L(20℃)
L(105℃)
Delta(△T)
Saturation current and Temperature rise
Part No.:CDEP1411NP-4R7MC-95
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0.00
5.00
10.00
15.00
20.00
25.00
30.00
Current (A)
In
du
ct
an
ce
μ
0.00
10.00
20.00
30.00
40.00
50.00
60.00
L(20℃)
L(105℃)
Delta(△T)
Current (A)
Saturation current and Temperature rise
Part No.:CDEP1411NP-6R1MC-95
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
0.00
5.00
10.00
15.00
20.00
25.00
30.00
In
du
ct
an
ce
μ
0.00
10.00
20.00
30.00
40.00
50.00
60.00
70.00
L(20℃)
L(105℃)
Delta(△T)


Similar Part No. - CDEP1411NP-7R4MC-150

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDEP1411NP-7R4MC-150 SUMIDA-CDEP1411NP-7R4MC-150 Datasheet
163Kb / 4P
   SMD Power Inductor
More results

Similar Description - CDEP1411NP-7R4MC-150

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
XFRCR875D-102M XFMRS-XFRCR875D-102M_15 Datasheet
59Kb / 1P
   Power Inductor
XFHCL2-1R8M XFMRS-XFHCL2-1R8M Datasheet
37Kb / 1P
   Power Inductor
XFRCH654-102M XFMRS-XFRCH654-102M Datasheet
59Kb / 1P
   Power Inductor
XFRCRH875-100M XFMRS-XFRCRH875-100M Datasheet
59Kb / 1P
   Power Inductor
XFRCR110D-102M XFMRS-XFRCR110D-102M_15 Datasheet
58Kb / 1P
   Power Inductor
9XFXXX6-S3P XFMRS-9XFXXX6-S3P Datasheet
49Kb / 1P
   POWER INDUCTOR
XFHCL2-1R6M XFMRS-XFHCL2-1R6M Datasheet
60Kb / 1P
   POWER INDUCTOR
XFRLH875-101M XFMRS-XFRLH875-101M Datasheet
32Kb / 1P
   POWER INDUCTOR
XFRCRH875-100M XFMRS-XFRCRH875-100M_15 Datasheet
59Kb / 1P
   Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com