Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z04 Datasheet(PDF) 2 Page - JIEJIE MICROELECTRONICS CO.,Ltd

Part # Z04
Description  4A TRICs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd

Z04 Datasheet(HTML) 2 Page - JIEJIE MICROELECTRONICS CO.,Ltd

  Z04 Datasheet HTML 1Page - JIEJIE MICROELECTRONICS CO.,Ltd Z04 Datasheet HTML 2Page - JIEJIE MICROELECTRONICS CO.,Ltd Z04 Datasheet HTML 3Page - JIEJIE MICROELECTRONICS CO.,Ltd Z04 Datasheet HTML 4Page - JIEJIE MICROELECTRONICS CO.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image


Similar Part No. - Z04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
Z04 STMICROELECTRONICS-Z04 Datasheet
88Kb / 8P
   4A TRIACS
logo
Pepperl+Fuchs Inc.
Z040 PF-Z040 Datasheet
590Kb / 3P
   Zener Barrier
logo
Kemet Corporation
Z0402C100APMST KEMET-Z0402C100APMST Datasheet
58Kb / 1P
   KEMET, Z-PMS, Ferrite Beads, Noise Suppression, 30 mOhms
Z0402C100ASMST KEMET-Z0402C100ASMST Datasheet
56Kb / 1P
   KEMET, Z-SMS, Ferrite Beads, Noise Suppression, 50 mOhms
Z0402C100CSMST KEMET-Z0402C100CSMST Datasheet
56Kb / 1P
   KEMET, Z-SMS, Ferrite Beads, Noise Suppression, 150 mOhms
More results

Similar Description - Z04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T08A STMICROELECTRONICS-T08A Datasheet
826Kb / 4P
   SENSITIVE GATE TRICS
logo
Unisonic Technologies
BTA04A UTC-BTA04A Datasheet
158Kb / 3P
   4A TRIACS
logo
JIEJIE MICROELECTRONICS...
BTA04 JIEJIE-BTA04 Datasheet
662Kb / 6P
   4A TRIACs
logo
Tiger Electronic Co.,Lt...
T405-600B-TR TGS-T405-600B-TR Datasheet
116Kb / 1P
   4A TRIACS
T435-600H TGS-T435-600H Datasheet
38Kb / 1P
   4A TRIACS
logo
STMicroelectronics
Z04 STMICROELECTRONICS-Z04 Datasheet
88Kb / 8P
   4A TRIACS
logo
Shindengen Electric Mfg...
D4F60-5063 SHINDENGEN-D4F60-5063 Datasheet
395Kb / 3P
   600V 4A
logo
SiPower Inc.
BTA204S-800E SIPOWER-BTA204S-800E Datasheet
866Kb / 7P
   4A Triacs
logo
Eaton All Rights Reserv...
CK4A EATON-CK4A Datasheet
200Kb / 4P
   ControlKeeper 4A
logo
Panasonic Battery Group
S PANASONICBATTERY-S Datasheet
82Kb / 5P
   2a2b/3a1b/4a 4A polarized power relays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com