Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB06-600B Datasheet(PDF) 3 Page - JIEJIE MICROELECTRONICS CO.,Ltd

Part # BTB06-600B
Description  6A TRIACs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd

BTB06-600B Datasheet(HTML) 3 Page - JIEJIE MICROELECTRONICS CO.,Ltd

  BTB06-600B Datasheet HTML 1Page - JIEJIE MICROELECTRONICS CO.,Ltd BTB06-600B Datasheet HTML 2Page - JIEJIE MICROELECTRONICS CO.,Ltd BTB06-600B Datasheet HTML 3Page - JIEJIE MICROELECTRONICS CO.,Ltd BTB06-600B Datasheet HTML 4Page - JIEJIE MICROELECTRONICS CO.,Ltd BTB06-600B Datasheet HTML 5Page - JIEJIE MICROELECTRONICS CO.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image


Similar Part No. - BTB06-600B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTB06-600B STMICROELECTRONICS-BTB06-600B Datasheet
65Kb / 6P
   SNUBBERLESS?? LOGIC LEVEL & STANDARD
BTB06-600B STMICROELECTRONICS-BTB06-600B Datasheet
64Kb / 5P
   STANDARD TRIACS
logo
Tiger Electronic Co.,Lt...
BTB06-600B TGS-BTB06-600B Datasheet
93Kb / 1P
   6A TRIACS
logo
Kersemi Electronic Co.,...
BTB06-600B KERSEMI-BTB06-600B Datasheet
1Mb / 5P
   6A TRIACS
logo
HAOPIN MICROELECTRONICS...
BTB06-600B HAOPIN-BTB06-600B Datasheet
393Kb / 5P
   Blocking voltage to 600 V
More results

Similar Description - BTB06-600B

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
BTB06-700B KERSEMI-BTB06-700B Datasheet
1Mb / 5P
   6A TRIACS
BTB06-600SW KERSEMI-BTB06-600SW Datasheet
1Mb / 5P
   6A TRIACS
logo
Unisonic Technologies
BTB06 UTC-BTB06_15 Datasheet
164Kb / 3P
   6A TRIACS
logo
Tiger Electronic Co.,Lt...
T610-600B-TR TGS-T610-600B-TR Datasheet
138Kb / 1P
   6A TRIACS
BTA06-800C TGS-BTA06-800C Datasheet
66Kb / 1P
   6A TRIACS
BTA06-600BF TGS-BTA06-600BF Datasheet
62Kb / 1P
   6A TRIACS
T610-600G-TR TGS-T610-600G-TR Datasheet
169Kb / 1P
   6A TRIACS
logo
Unisonic Technologies
BTB06A UTC-BTB06A Datasheet
162Kb / 4P
   6A TRIACS
BTA06 UTC-BTA06 Datasheet
164Kb / 3P
   6A TRIACS
logo
Tiger Electronic Co.,Lt...
BTA06-800B TGS-BTA06-800B Datasheet
217Kb / 1P
   6A TRIACS
logo
Unisonic Technologies
BTB06 UTC-BTB06 Datasheet
164Kb / 3P
   6A TRIACS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com