Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXFV36N50PS Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXFV36N50PS
Description  PolarHV HiPerFET Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFV36N50PS Datasheet(HTML) 3 Page - IXYS Corporation

  IXFV36N50PS Datasheet HTML 1Page - IXYS Corporation IXFV36N50PS Datasheet HTML 2Page - IXYS Corporation IXFV36N50PS Datasheet HTML 3Page - IXYS Corporation IXFV36N50PS Datasheet HTML 4Page - IXYS Corporation IXFV36N50PS Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2006 IXYS All rights reserved
IXFH36N50P IXFT 36N50P
IXFV 36N50P IXFV 36N50PS
Fig. 2. Exte nde d Output Characte ris tics
@ 25
ºC
0
10
20
30
40
50
60
70
80
0
2
4
6
8
10
12 14 16 18
20 22 24
V D S - Volts
VGS = 10V
8V
5.5V
5V
6V
6.5V
7V
Fig. 3. Output Characte ris tics
@ 125
ºC
0
4
8
12
16
20
24
28
32
36
02
46
8
10
12
14
16
V D S - Volts
VGS = 10V
7V
6V
4.5V
5V
5.5V
Fig. 1. Output Characte ris tics
@ 25
ºC
0
4
8
12
16
20
24
28
32
36
01
23
45
6
7
V D S - Volts
VGS = 10V
8V
7V
5V
6V
5.5V
Fig. 4. RDS(on) Norm alized to ID = 18A
V alue vs . Junction Te m pe rature
0.4
0.7
1
1.3
1.6
1.9
2.2
2.5
2.8
3.1
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
ID = 36A
ID = 18A
VGS = 10V
Fig. 6. Drain Curre nt vs . Cas e
Te m pe rature
0
5
10
15
20
25
30
35
40
-50
-25
0
25
50
75
100
125
150
TC - Degrees Centigrade
Fig. 5. RDS(on) Norm alize d to
ID = 18A Value vs . Drain Curre nt
0.6
1
1.4
1.8
2.2
2.6
3
3.4
0
1020304050
60
70
80
I D - Amperes
TJ = 125ºC
TJ = 25ºC
VGS = 10V


Similar Part No. - IXFV36N50PS

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFV30N50P IXYS-IXFV30N50P Datasheet
326Kb / 5P
   PolarHV HiPerFET Power MOSFET
IXFV30N50PS IXYS-IXFV30N50PS Datasheet
326Kb / 5P
   PolarHV HiPerFET Power MOSFET
IXFV30N60P IXYS-IXFV30N60P Datasheet
330Kb / 5P
   PolarHVTM HiPerFET Power MOSFET N-Channel Enhancement Mode
IXFV30N60PS IXYS-IXFV30N60PS Datasheet
330Kb / 5P
   PolarHVTM HiPerFET Power MOSFET N-Channel Enhancement Mode
More results

Similar Description - IXFV36N50PS

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH20N80P IXYS-IXFH20N80P Datasheet
331Kb / 5P
   PolarHV HiPerFET Power MOSFET
IXFN48N60P IXYS-IXFN48N60P Datasheet
90Kb / 4P
   PolarHV HiPerFET Power MOSFET
IXFN82N60P IXYS-IXFN82N60P Datasheet
158Kb / 5P
   PolarHV HiPerFET Power MOSFET
IXFN100N50P IXYS-IXFN100N50P Datasheet
158Kb / 5P
   PolarHV HiPerFET Power MOSFET
IXFI7N80P IXYS-IXFI7N80P Datasheet
146Kb / 4P
   PolarHV HiPerFET Power MOSFET
IXFN80N50P IXYS-IXFN80N50P Datasheet
162Kb / 5P
   PolarHV HiPerFET Power MOSFET
IXFH44N50P IXYS-IXFH44N50P Datasheet
301Kb / 5P
   PolarHV HiPerFET Power MOSFET
IXFN32N80P IXYS-IXFN32N80P Datasheet
98Kb / 4P
   PolarHV HiPerFET Power MOSFET
IXFA16N50P IXYS-IXFA16N50P Datasheet
221Kb / 4P
   PolarHV HiperFET Power MOSFET
IXFN44N80P IXYS-IXFN44N80P Datasheet
85Kb / 4P
   PolarHV HiPerFET Power MOSFET
IXFC30N60P IXYS-IXFC30N60P Datasheet
141Kb / 4P
   PolarHV HiPerFET Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com