Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXFH22N60P Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXFH22N60P
Description  PolarHV HiPerFET Power MOSFETs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFH22N60P Datasheet(HTML) 4 Page - IXYS Corporation

  IXFH22N60P Datasheet HTML 1Page - IXYS Corporation IXFH22N60P Datasheet HTML 2Page - IXYS Corporation IXFH22N60P Datasheet HTML 3Page - IXYS Corporation IXFH22N60P Datasheet HTML 4Page - IXYS Corporation IXFH22N60P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXFH 22N60P IXFV22N60P
IXFV 22N60PS
Fig. 11. Capacitance
10
100
1000
10000
0
5
10
15
20
25
30
35
40
V D S - Volts
C iss
C oss
C rss
f = 1MH z
Fig. 10. Gate Charge
0
1
2
3
4
5
6
7
8
9
10
0
1020
30405060
Q G - nanoCoulombs
VDS = 300V
ID = 11A
IG = 10mA
Fig. 7. Input Adm ittance
0
3
6
9
12
15
18
21
24
27
30
4.5
5
5.5
6
6.5
7
7.5
8
VG S - Volts
TJ = 125º C
25
º C
-40
º C
Fig. 8. Trans conductance
0
3
6
9
12
15
18
21
24
27
30
0
3
6
9
12
15
18
21
24
27
30
I D - Amperes
TJ = -40º C
25
º C
125
º C
Fig. 9. Source Curre nt vs .
Source -To-Drain V oltage
0
10
20
30
40
50
60
70
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
V S D - Volts
TJ = 125º C
TJ = 25º C
Fig. 12. Forw ard-Bias
Safe Operating Area
1
10
100
10
100
1000
V D S - Volts
100µs
1m s
DC
TJ = 150ºC
TC = 25ºC
R DS(on) Limit
10m s
25µs


Similar Part No. - IXFH22N60P

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXFH22N60P ISC-IXFH22N60P Datasheet
336Kb / 2P
   isc N-Channel MOSFET Transistor
logo
IXYS Corporation
IXFH22N60P3 IXYS-IXFH22N60P3 Datasheet
147Kb / 5P
   Polar3 HiperFET Power MOSFETs
IXFH22N60P3 IXYS-IXFH22N60P3 Datasheet
303Kb / 6P
   N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Rectifier
logo
Inchange Semiconductor ...
IXFH22N60P3 ISC-IXFH22N60P3 Datasheet
337Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IXFH22N60P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH140N10P IXYS-IXFH140N10P Datasheet
119Kb / 5P
   PolarHV HiPerFET Power MOSFETs
IXFH20N80P IXYS-IXFH20N80P Datasheet
331Kb / 5P
   PolarHV HiPerFET Power MOSFET
IXFN48N60P IXYS-IXFN48N60P Datasheet
90Kb / 4P
   PolarHV HiPerFET Power MOSFET
IXFN82N60P IXYS-IXFN82N60P Datasheet
158Kb / 5P
   PolarHV HiPerFET Power MOSFET
IXFN100N50P IXYS-IXFN100N50P Datasheet
158Kb / 5P
   PolarHV HiPerFET Power MOSFET
IXFI7N80P IXYS-IXFI7N80P Datasheet
146Kb / 4P
   PolarHV HiPerFET Power MOSFET
IXFN80N50P IXYS-IXFN80N50P Datasheet
162Kb / 5P
   PolarHV HiPerFET Power MOSFET
IXFH44N50P IXYS-IXFH44N50P Datasheet
301Kb / 5P
   PolarHV HiPerFET Power MOSFET
IXFN32N80P IXYS-IXFN32N80P Datasheet
98Kb / 4P
   PolarHV HiPerFET Power MOSFET
IXFA16N50P IXYS-IXFA16N50P Datasheet
221Kb / 4P
   PolarHV HiperFET Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com