Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXFT20N80P Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXFT20N80P
Description  PolarHV HiPerFET Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFT20N80P Datasheet(HTML) 3 Page - IXYS Corporation

  IXFT20N80P Datasheet HTML 1Page - IXYS Corporation IXFT20N80P Datasheet HTML 2Page - IXYS Corporation IXFT20N80P Datasheet HTML 3Page - IXYS Corporation IXFT20N80P Datasheet HTML 4Page - IXYS Corporation IXFT20N80P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2006 IXYS All rights reserved
Fig. 2. Exte nde d Output Characte ris tics
@ 25
ºC
0
4
8
12
16
20
24
28
32
36
0
3
6
9
12
15
18
21
24
27
30
V D S - Volts
VGS = 10V
7V
5V
6V
Fig. 3. Output Characte ris tics
@ 125
ºC
0
2
4
6
8
10
12
14
16
18
20
0
2
4
6
8
1012
141618
2022
V D S - Volts
VGS = 10V
7V
5V
6V
Fig. 1. Output Characte ris tics
@ 25
ºC
0
2
4
6
8
10
12
14
16
18
20
024
68
10
12
V D S - Volts
VGS = 10V
7V
6V
5V
Fig. 4. RDS(on) Norm alized to ID = 10A
V alue vs . Junction Te m pe rature
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
ID = 20A
ID = 10A
VGS = 10V
Fig. 6. Drain Curre nt vs . Cas e
Te m pe rature
0
2
4
6
8
10
12
14
16
18
20
22
-50
-25
0
255075
100
125
150
TC - Degrees Centigrade
Fig. 5. RDS(on) Norm alized to
ID = 10A Value vs. Drain Curre nt
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
0
5
10
15
20
25
30
35
40
I D - Amperes
TJ = 125º C
TJ = 25º C
VGS = 10V
IXFH 20N80P IXFT 20N80P
IXFV 20N80P IXFV 20N80PS


Similar Part No. - IXFT20N80P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFT20N80Q IXYS-IXFT20N80Q Datasheet
72Kb / 2P
   HiPerFETTM Power MOSFETs Q-Class
More results

Similar Description - IXFT20N80P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN48N60P IXYS-IXFN48N60P Datasheet
90Kb / 4P
   PolarHV HiPerFET Power MOSFET
IXFN82N60P IXYS-IXFN82N60P Datasheet
158Kb / 5P
   PolarHV HiPerFET Power MOSFET
IXFN100N50P IXYS-IXFN100N50P Datasheet
158Kb / 5P
   PolarHV HiPerFET Power MOSFET
IXFI7N80P IXYS-IXFI7N80P Datasheet
146Kb / 4P
   PolarHV HiPerFET Power MOSFET
IXFN80N50P IXYS-IXFN80N50P Datasheet
162Kb / 5P
   PolarHV HiPerFET Power MOSFET
IXFH44N50P IXYS-IXFH44N50P Datasheet
301Kb / 5P
   PolarHV HiPerFET Power MOSFET
IXFN32N80P IXYS-IXFN32N80P Datasheet
98Kb / 4P
   PolarHV HiPerFET Power MOSFET
IXFA16N50P IXYS-IXFA16N50P Datasheet
221Kb / 4P
   PolarHV HiperFET Power MOSFET
IXFN44N80P IXYS-IXFN44N80P Datasheet
85Kb / 4P
   PolarHV HiPerFET Power MOSFET
IXFC30N60P IXYS-IXFC30N60P Datasheet
141Kb / 4P
   PolarHV HiPerFET Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com