Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MASW-005100-11940G Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-005100-11940G
Description  HMIC SP5T Silicon PIN Diode Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-005100-11940G Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MASW-005100-11940G Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-005100-11940G Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-005100-11940G Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-005100-11940G Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-005100-11940G Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-005100-11940G Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASW-005100-11940G Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
V3
MASW-005100-1194
HMIC™ SP5T Silicon PIN Diode Switch
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
5
2 – 18 GHz Bias Network Schematic
HMIC Switch Die
100 Ω
39 pF
22 nH
22 pF
39 pF
DC
Bias
J1
22 nH
22 pF
J2
J3
J5
J6
J4
Fig. 1
Operation of the MASW-005100-1194 Switch
The simultaneous application of negative DC current to the low loss port and positive DC current to the
remaining isolated ports as shown in Figure 1 will operate the MASW-005100-1194 PIN diode switch. The
backside metalized area of the die is the RF and DC return ground plane. The DC return is achieved on
common Port J1. A current source should be used to supply the DC control currents. The voltages at
these points will not exceed ±1.5 volts and are typically 1.2 volts for supply currents up to ± 20 mA. For
the port in low loss state, the series diode must be forward biased and the shunt diode reverse biased.
For all the isolated ports, the shunt diode is forward biased and the series diode is reverse biased. A
typical bias network design which should provide >30 dB RF to DC isolation is shown in Figure 1.
Best
insertion loss, P1dB, IP3, and switching speed are achieved by using a voltage pull-up resistor in the
DC return path, J1 (not shown). A minimum value of |-2V| is recommended at this return node and
can be obtained using a standard, 65V, TTL controlled, PIN diode driver.


Similar Part No. - MASW-005100-11940G

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-005100-11940G MA-COM-MASW-005100-11940G Datasheet
558Kb / 7P
   HMIC??Silicon PIN Diode Switch
More results

Similar Description - MASW-005100-11940G

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4SW510 MA-COM-MA4SW510_15 Datasheet
474Kb / 7P
   HMIC Silicon SP5T PIN Diode Switch
MA4SW510 MA-COM-MA4SW510 Datasheet
474Kb / 7P
   HMIC??Silicon SP5T PIN Diode Switch
MASW-005100-1194 MA-COM-MASW-005100-1194 Datasheet
560Kb / 7P
   HMIC??SP5T Silicon PIN Diode Switch
MASW-005100-1194 MA-COM-MASW-005100-1194_14 Datasheet
1Mb / 6P
   HMIC Silicon SP5T PIN Diode Switch
MA4SW510 MA-COM-MA4SW510 Datasheet
489Kb / 7P
   HMIC??Silicon SP5T PIN Diode Switch RoHS Compliant
MASW-004100-1193 MA-COM-MASW-004100-1193 Datasheet
140Kb / 7P
   HMIC??Silicon PIN Diode Switch
MA4SW410B MA-COM-MA4SW410B_15 Datasheet
793Kb / 6P
   HMIC Silicon PIN Diode Switch
MA4SW510B MA-COM-MA4SW510B_15 Datasheet
531Kb / 7P
   HMIC Silicon PIN Diode Switch
MASW-005102 MA-COM-MASW-005102 Datasheet
534Kb / 7P
   HMIC??Silicon PIN Diode Switch
MA4SW510B-1 MA-COM-MA4SW510B-1 Datasheet
531Kb / 7P
   HMIC??Silicon PIN Diode Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com