Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS-7130AWG Datasheet(PDF) 4 Page - Optoway Technology Inc

Part # SPS-7130AWG
Description  3.3V / 1310 nm / 1.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-7130AWG Datasheet(HTML) 4 Page - Optoway Technology Inc

  SPS-7130AWG Datasheet HTML 1Page - Optoway Technology Inc SPS-7130AWG Datasheet HTML 2Page - Optoway Technology Inc SPS-7130AWG Datasheet HTML 3Page - Optoway Technology Inc SPS-7130AWG Datasheet HTML 4Page - Optoway Technology Inc SPS-7130AWG Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Optoway
SPS-7130WG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2008 V2.0
4
RECOMMENDED CIRCUIT SCHEMATIC
10nF
10
μF
10nF
10
μF
VeeR
POST
Amp
LD
Driver
Z=50
Ω
Z=50
Ω
Z=50
Ω
Z=50
Ω
VeeT
1
μH
1
μH
TD -
TD +
VccT
VccR
RD -
RD +
100
Ω
SFP module
SerDes
100
Ω
LOS
RD -
RD +
TD -
TD +
10nF
10
μF
Protocol
EEPROM
MODULE DETECT
SCL
SDA
LOSS OF SINGAL
Tx_DISABLE
Tx_FAULT
MOD_DEF(0)
MOD_DEF(1)
MOD_DEF(2)
4.7K to 10K
Ω
4.7K to 10K
Ω
4.7K to 10K
Ω
4.7K to 10K
Ω
Tx_FAULT
Tx_DISABLE
(1,17,20)
3
2
18
19
16
15
12
13
8
(9,10,11,14)
6
5
4
4.7K to 10K
Ω
Vcc 3.3V
Vcc 3.3V
IC
IC
depending on SERDES
PACKAGE DIAGRAM
Units in mm
Note: Specifications subject to change without notice.


Similar Part No. - SPS-7130AWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-7130AG OPTOWAY-SPS-7130AG Datasheet
149Kb / 4P
   3.3V / 1310 nm / 1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-7130AG OPTOWAY-SPS-7130AG Datasheet
148Kb / 5P
   3.3V / 1310 nm / 1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-7130AWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-7120WG OPTOWAY-SPS-7120WG Datasheet
149Kb / 4P
   3.3V / 1310 nm / 1.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-7110WG OPTOWAY-SPS-7110WG_08 Datasheet
148Kb / 5P
   3.3V / 1310 nm / 1.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-7111WG OPTOWAY-SPS-7111WG_08 Datasheet
147Kb / 5P
   3.3V / 1310 nm / 1.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-7130WG OPTOWAY-SPS-7130WG Datasheet
149Kb / 4P
   3.3V / 1310 nm / 1.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-7140WG OPTOWAY-SPS-7140WG Datasheet
149Kb / 4P
   3.3V / 1310 nm / 1.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-7120WG OPTOWAY-SPS-7120WG_08 Datasheet
148Kb / 5P
   3.3V / 1310 nm / 1.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-7111WG OPTOWAY-SPS-7111WG Datasheet
149Kb / 4P
   3.3V / 1310 nm / 1.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-7140WG OPTOWAY-SPS-7140WG_08 Datasheet
148Kb / 5P
   3.3V / 1310 nm / 1.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-7110WG OPTOWAY-SPS-7110WG Datasheet
149Kb / 4P
   3.3V / 1310 nm / 1.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-7111G OPTOWAY-SPS-7111G Datasheet
148Kb / 4P
   3.3V / 1310 nm / 1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com