Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM317LG-T92-K Datasheet(PDF) 3 Page - Unisonic Technologies

Part # LM317LG-T92-K
Description  LOW CURRENT 1.25V TO 37V ADJUSTABLE VOLTAGE REGULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM317LG-T92-K Datasheet(HTML) 3 Page - Unisonic Technologies

  LM317LG-T92-K Datasheet HTML 1Page - Unisonic Technologies LM317LG-T92-K Datasheet HTML 2Page - Unisonic Technologies LM317LG-T92-K Datasheet HTML 3Page - Unisonic Technologies LM317LG-T92-K Datasheet HTML 4Page - Unisonic Technologies LM317LG-T92-K Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LM317L
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R101-008.D
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATING
UNIT
Input-Output Differential Voltage
VIN-VOUT
40
V
Power Dissipation
PD
Internally Limited
Junction Temperature
TJ
+125
°C
Operating Junction Temperature
TOPR
-40 ~ +85
°C
Storage Temperature Range
TSTR
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
(VIN-VOUT=5V, IOUT=40mA, Ta=25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX
UNIT
Line Regulation
ΔV
OUT/VOUT 3V≦VIN-VOUT≦40V, ILOAD<20mA
0.01
0.04
%/V
VOUT≦5V
5
25
mV
Load Regulation
ΔV
OUT
5mA≦IOUT≦100mA
VOUT≧5V
0.1
0.5
%
Adjustable Pin Current
IADJ
50
100
μA
Adjustable Pin Current Change
ΔI
ADJ
3V≦VIN-VOUT≦40V,
5mA≦IOUT≦100mA, PD<625mW
0.2
5
μA
Reference Voltage
VREF
3V≦VIN-VOUT≦40V,
5mA≦IOUT≦100mA, PD<625mW
1.20
1.25
1.30
V
Temperature Stability
TMIN≦TJ≦TMAX
0.7
%/VOUT
Minimum Load Current for Regulation
IL(MIN)
VIN-VOUT=40V
3.5
10
mA
Maximum Output Current
IO(MAX)
VIN-VOUT=40V, PD≦625mW
50
mA
RMS Noise vs. %of VOUT
eN
10HZ≦f≦10KHZ
0.003 0.01 %/VOUT
CADJ=0
65
dB
Ripple Rejection
RR
VOUT=10V,f=120HZ,
CADJ =10μF
66
80
dB
Note: CADJ is connected between Adjust pin and Ground.


Similar Part No. - LM317LG-T92-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM317LG-T92-K UTC-LM317LG-T92-K Datasheet
215Kb / 5P
   ADJUSTABLE VOLTAGE REGULATOR
LM317LG-T92-K UTC-LM317LG-T92-K Datasheet
196Kb / 5P
   LOW CURRENT 1.25V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM317LG-T92-K UTC-LM317LG-T92-K Datasheet
428Kb / 6P
   LOW CURRENT 1.25V TO 37V ADJUSTABLE VOLTAGE REGULATOR
More results

Similar Description - LM317LG-T92-K

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
LM317L ETL-LM317L Datasheet
215Kb / 5P
   LOW CURRENT 1.25V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
Unisonic Technologies
UTCLM317L UTC-UTCLM317L Datasheet
47Kb / 5P
   LOW CURRENT 1.25V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM317L UTC-LM317L_16 Datasheet
196Kb / 5P
   LOW CURRENT 1.25V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM317L UTC-LM317L_V01 Datasheet
428Kb / 6P
   LOW CURRENT 1.25V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
STMicroelectronics
LM217L STMICROELECTRONICS-LM217L Datasheet
250Kb / 10P
   LOW CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
February 2003
LM217L STMICROELECTRONICS-LM217L_07 Datasheet
290Kb / 18P
   Low current 1.2 to 37V adjustable voltage regulator
LM217L STMICROELECTRONICS-LM217L_05 Datasheet
536Kb / 13P
   LOW CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM217L STMICROELECTRONICS-LM217L Datasheet
130Kb / 8P
   LOW CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
February 2003
logo
E-Tech Electronics LTD
LM317A ETL-LM317A Datasheet
254Kb / 5P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
Unisonic Technologies
LM317A UTC-LM317A_V01 Datasheet
301Kb / 6P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com