Electronic Components Datasheet Search |
|
MASW-003102-13590G Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc. |
|
MASW-003102-13590G Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc. |
2 / 7 page 2 HMIC™ Silicon PIN Diode Switches with Integrated Bias Network Rev. V5 MASW-002102-13580 MASW-003102-13590 • North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400 • India Tel: +91.80.43537383 • China Tel: +86.21.2407.1588 Visit www.macomtech.com for additional data sheets and product information. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions is considering for development. Performance is based on target specifications, simulated results, and/or prototype measurements. Commitment to develop is not guaranteed. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commitment to produce in volume is not guaranteed. MASW-002102-13580 (SPDT) Electrical Specifications @ TAMB = +25 oC, 20mA Bias current MASW-003102-13590 (SP3T) Electrical Specifications @ TAMB = +25 oC, 20mA Bias current Parameter Frequency Minimum Nominal Maximum Units Insertion Loss 2 GHz 1.5 1.8 dB 6 GHz 0.70 1.0 dB 12 GHz 0.90 1.2 dB 18 GHz 1.2 1.8 dB Isolation 2 GHz 55 60 dB 6 GHz 47 50 dB 12 GHz 40 45 dB 18 GHz 36 40 dB 2 GHz 14 dB 6 GHz 15 dB 12 GHz 15 dB 18 GHz 13.0 dB Switching Speed 1 - 50 ns Input Return Loss Parameter Frequency Minimum Nominal Maximum Units Insertion Loss 2 GHz 1.6 2.0 dB 6 GHz 0.8 1.1 dB 12 GHz 1.0 1.3 dB 18 GHz 1.3 1.9 dB Isolation 2 GHz 54 59 dB 6 GHz 47 50 dB 12 GHz 40 45 dB 18 GHz 36 40 dB 2 GHz 14 dB 6 GHz 15 dB 12 GHz 16 dB 18 GHz 14 dB Switching Speed 1 - 50 ns Input Return Loss 1. Typical switching speed measured from 10% to 90% of detected RF signal driven by TTL compatible drivers using RC output spiking network, R = 50 – 200Ω , C = 390 – 560pF. Note: |
Similar Part No. - MASW-003102-13590G |
|
Similar Description - MASW-003102-13590G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |