Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MASW-003102-13590G Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-003102-13590G
Description  HMIC Silicon PIN Diode Switches
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-003102-13590G Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASW-003102-13590G Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-003102-13590G Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-003102-13590G Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-003102-13590G Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-003102-13590G Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-003102-13590G Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASW-003102-13590G Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
HMIC™ Silicon PIN Diode Switches
with Integrated Bias Network
Rev. V5
MASW-002102-13580
MASW-003102-13590
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Parameter
Absolute Maximum
Operating Temperature
-65oC to +125oC
Storage Temperature
-65oC to +150oC
Junction Temperature
+175oC
Applied Reverse Voltage
50V
RF Incident Power
+33dBm C.W.
Bias Current +25°C
±20mA
Max. operating conditions for a combination
of RF power, D.C. bias and temperature:
+33dBm CW @ 15mA (per diode) @+85°C
MASW-002102-13580
MASW-003102-13590
Features
 Broad Bandwidth Specified up to 18 GHz
 Usable up to 26 GHz
 Integrated Bias Network
 Low Insertion Loss / High Isolation
 Rugged
 Fully Monolithic
 Glass Encapsulate Construction
 RoHS Compliant* and 260°C Reflow Compatible
Description
The MASW-002102-13580 and MASW-003102-13590
devices are SP2T and SP3T broad band switches with
integrated bias networks utilizing M/A-COM Technology
Solutions HMICTM (Heterolithic Microwave Integrated
Circuit) process, US Patent 5,268,310. This process
allows the incorporation of silicon pedestals that form
series and shunt diodes or vias by imbedding them in
low loss, low dispersion glass. By using small spacing
between elements, this combination of silicon and glass
gives HMIC devices low loss and high isolation per-
formance with exceptional repeatability through low
millimeter frequencies. Large bond pads facilitate the
use of low inductance ribbon bonds, while gold back-
side metallization allows for manual or automatic chip
bonding via 80/20 - Au/Sn, 62/36/2 - Sn/Pb/Ag solders
or electrically conductive silver epoxy.
Yellow areas denote wire bond pads
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Similar Part No. - MASW-003102-13590G

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-003102-13590G MA-COM-MASW-003102-13590G Datasheet
151Kb / 7P
   HMIC??Silicon PIN Diode Switches with Integrated Bias Network
More results

Similar Description - MASW-003102-13590G

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4SW110-210-310 MA-COM-MA4SW110-210-310 Datasheet
817Kb / 9P
   HMIC??Silicon PIN Diode Switches
MA4SW210B-310B MA-COM-MA4SW210B-310B_15 Datasheet
151Kb / 7P
   HMIC Silicon PIN Diode Switches
MA4SW210B-310B MA-COM-MA4SW210B-310B Datasheet
151Kb / 7P
   HMIC??Silicon PIN Diode Switches
MASW-001100-1190 MA-COM-MASW-001100-1190_2 Datasheet
343Kb / 9P
   HMIC Silicon PIN Diode Switches
MA4SW110 MA-COM-MA4SW110_15 Datasheet
906Kb / 9P
   HMIC Silicon PIN Diode Switches
MASW-001100-002100-003100 MA-COM-MASW-001100-002100-003100 Datasheet
343Kb / 9P
   HMIC??Silicon PIN Diode Switches
MASW-001100 MA-COM-MASW-001100_15 Datasheet
343Kb / 9P
   HMIC Silicon PIN Diode Switches
MASW-002102-003102 MA-COM-MASW-002102-003102 Datasheet
152Kb / 7P
   HMIC??Silicon PIN Diode Switches
MASW-00X100 MA-COM-MASW-00X100 Datasheet
946Kb / 8P
   HMIC Silicon PIN Diode Switches
MASW-002102-003102 MA-COM-MASW-002102-003102_15 Datasheet
152Kb / 7P
   HMIC??Silicon PIN Diode Switches
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com