Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MASW-000834_13560T_V8 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-000834_13560T_V8
Description  HMICTM PIN Diode SPDT 50 Watt Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-000834_13560T_V8 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MASW-000834_13560T_V8 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-000834_13560T_V8 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-000834_13560T_V8 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-000834_13560T_V8 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-000834_13560T_V8 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-000834_13560T_V8 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASW-000834_13560T_V8 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MASW-000834_13560T_V8 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MASW-000834_13560T_V8 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
HMICTM PIN Diode SPDT 50 Watt Switch for
0.05 - 6.0 GHz Higher Power Applications
Rev. V8
MASW-000834-13560T
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications at +25°C, Characteristic Impedance, 50mA / 25V, Z0 = 50 Ω
Parameter
Symbol
50mA / 25V Conditions
Units
Min.
Typ.
Max.
F = 2.3-2.7 GHz
Insertion Loss, RX
RX
IL
See Bias Table 2, pg. 10,
Pinc= 0 dBm
dB
0.38
Insertion Loss, TX
TX
IL
See Bias Table 2, pg. 10,
Pinc= 0 dBm
dB
0.30
Isolation, ANT To RX
RX
ISO
See Bias Table 2, pg. 10,
Pinc= 0 dBm
dB
41.8
Isolation, ANT To TX
TX
ISO
See Bias Table 2, pg. 10,
Pinc= 0 dBm
dB
18.7
Input Return Loss, TX
TX
RL
See Bias Table 2, pg. 10,
Pinc= 0 dBm
dB
31.3
Input Return Loss, RX
RX
RL
See Bias Table 2, pg. 10,
Pinc= 0 dBm
dB
22.8
F = 3.3-3.8 GHz
Insertion Loss, RX
RX
IL
See Bias Table 2, pg. 10,
Pinc= 0 dBm
dB
0.47
Insertion Loss, TX
TX
IL
See Bias Table 2, pg. 10,
Pinc= 0 dBm
dB
0.33
Isolation, ANT To RX
RX
ISO
See Bias Table 2, pg. 10,
Pinc= 0 dBm
dB
36.2
Isolation, ANT To TX
TX
ISO
See Bias Table 2, pg. 10,
Pinc= 0 dBm
dB
16.2
Input Return Loss, TX
TX
RL
See Bias Table 2, pg. 10,
Pinc= 0 dBm
dB
28.0
Input Return Loss, RX
RX
RL
See Bias Table 2, pg. 10,
Pinc= 0 dBm
dB
21.8
Insertion Loss, RX
RX
IL
See Bias Table 2, pg. 10,
Pinc= 0 dBm
dB
0.72
Insertion Loss, TX
TX
IL
See Bias Table 2, pg. 10,
Pinc= 0 dBm
dB
0.48
Isolation, ANT To RX
RX
ISO
See Bias Table 2, pg. 10,
Pinc= 0 dBm
dB
26.6
Isolation, ANT To TX
TX
ISO
See Bias Table 2, pg. 10,
Pinc= 0 dBm
dB
11.8
Input Return Loss, TX
TX
RL
See Bias Table 2, pg. 10,
Pinc= 0 dBm
dB
20.5
Input Return Loss, RX
RX
RL
See Bias Table 2, pg. 10,
Pinc= 0 dBm
dB
24.2
F = 4.9-5.9 GHz


Similar Part No. - MASW-000834_13560T_V8

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-000834_13560T MA-COM-MASW-000834_13560T_15 Datasheet
817Kb / 14P
   HMIC PIN Diode SPDT 50 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
More results

Similar Description - MASW-000834_13560T_V8

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-000834-13560T MA-COM-MASW-000834-13560T Datasheet
248Kb / 13P
   HMICTM PIN Diode SPDT 50 Watt Switch
MASW-000932-V1-APR11 MA-COM-MASW-000932-V1-APR11 Datasheet
132Kb / 6P
   HMICTM PIN Diode SPDT 80 Watt Switch
MASW-011021 MA-COM-MASW-011021 Datasheet
301Kb / 5P
   HMICTM Silicon PIN Diode SPDT Switch
MASW-002103-1363_V7 MA-COM-MASW-002103-1363_V7 Datasheet
285Kb / 8P
   HMICTM Silicon PIN Diode SPDT Switch
MASW011021 MA-COM-MASW011021_15 Datasheet
301Kb / 5P
   HMICTM Silicon PIN Diode SPDT Switch
MASW-002103-1363 MA-COM-MASW-002103-1363 Datasheet
378Kb / 8P
   HMICTM Silicon PIN Diode SPDT Switch 50 MHz - 20 GHz
MASW-000834-13560T MA-COM-MASW-000834-13560T Datasheet
255Kb / 12P
   HMICTM PIN Diode SPDT 50 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
MASW-000822-12770T_V6 MA-COM-MASW-000822-12770T_V6 Datasheet
216Kb / 5P
   HMICTM PIN Diode SP2T 10 Watt Switch
MASW-000822-12770T MA-COM-MASW-000822-12770T Datasheet
216Kb / 5P
   HMICTM PIN Diode SP2T 10 Watt Switch
MASW-000825-12770T MA-COM-MASW-000825-12770T Datasheet
218Kb / 8P
   HMICTM PIN Diode SP2T 20 Watt Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com