Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MASW-000825-001SMB Datasheet(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-000825-001SMB
Description  HMICTM PIN Diode SP2T 20 Watt Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-000825-001SMB Datasheet(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

  MASW-000825-001SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-000825-001SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-000825-001SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-000825-001SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-000825-001SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-000825-001SMB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASW-000825-001SMB Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MASW-000825-001SMB Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
HMICTM PIN Diode SP2T 20 Watt Switch for
0.05 - 6.0 GHz Higher Power Applications
Rev. V4
MASW-000825-12770T
7
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Small Signal Performance over temperature Characteristic Impedance,
Z0 = 50 Ω
-55.0
-50.0
-45.0
-40.0
-35.0
-30.0
-25.0
-20.0
-15.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
MASW-000825-1277OT, RX Isolation Vs. Temperature
Bias:+28V @ 0mA
+25ºC
-40ºC
+85ºC
Frequency (GHz)
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
MASW-000825-1277OT, TX Insertion Loss Vs. Temperature
Bias:+5V @ 35mA
+25ºC
-40ºC
+85ºC
Frequency (GHz)
-40.0
-35.0
-30.0
-25.0
-20.0
0.0
0.5
1.01.5
2.02.5
3.03.5
4.0
MASW-000825-1277OT, RX Return Loss Vs. Temperature
Bias:+5V @ 35mA
+25ºC
-40ºC
+85ºC
Frequency (GHz)
-40.0
-35.0
-30.0
-25.0
-20.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
MASW-000825-1277OT, TX Return Loss Vs. Temperature
Bias:+5V @ 35mA
+25ºC
-40ºC
+85ºC
Frequency (GHz)


Similar Part No. - MASW-000825-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-000825-12770T MA-COM-MASW-000825-12770T Datasheet
209Kb / 8P
   HMICTM PIN Diode SP2T 20 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
MASW-000825-12770T MA-COM-MASW-000825-12770T Datasheet
218Kb / 8P
   HMICTM PIN Diode SP2T 20 Watt Switch
MASW-000825-12770T MA-COM-MASW-000825-12770T_15 Datasheet
218Kb / 8P
   HMIC PIN Diode SP2T 20 Watt Switch
More results

Similar Description - MASW-000825-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-000825-12770T MA-COM-MASW-000825-12770T Datasheet
218Kb / 8P
   HMICTM PIN Diode SP2T 20 Watt Switch
MASW-000822-12770T_V6 MA-COM-MASW-000822-12770T_V6 Datasheet
216Kb / 5P
   HMICTM PIN Diode SP2T 10 Watt Switch
MASW-000822-12770T MA-COM-MASW-000822-12770T Datasheet
216Kb / 5P
   HMICTM PIN Diode SP2T 10 Watt Switch
MASW-000825-12770T MA-COM-MASW-000825-12770T_15 Datasheet
218Kb / 8P
   HMIC PIN Diode SP2T 20 Watt Switch
MASW-000823-12770T MA-COM-MASW-000823-12770T Datasheet
138Kb / 6P
   HMICTM PIN Diode SP2T 13 Watt Switch for TD-SCDMA Applications
MASW-000825-12770T MA-COM-MASW-000825-12770T Datasheet
209Kb / 8P
   HMICTM PIN Diode SP2T 20 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
MASW-000834_13560T_V8 MA-COM-MASW-000834_13560T_V8 Datasheet
248Kb / 13P
   HMICTM PIN Diode SPDT 50 Watt Switch
MASW-000834-13560T MA-COM-MASW-000834-13560T Datasheet
248Kb / 13P
   HMICTM PIN Diode SPDT 50 Watt Switch
MASW-000932-V1-APR11 MA-COM-MASW-000932-V1-APR11 Datasheet
132Kb / 6P
   HMICTM PIN Diode SPDT 80 Watt Switch
logo
Tyco Electronics
MASW-000822-12770T MACOM-MASW-000822-12770T Datasheet
215Kb / 10P
   HMICTM PIN Diode SP2T 8 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com