Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MASW-000822-12770T Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-000822-12770T
Description  HMICTM PIN Diode SP2T 10 Watt Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-000822-12770T Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASW-000822-12770T Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-000822-12770T Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-000822-12770T Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-000822-12770T Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-000822-12770T Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
HMICTM PIN Diode SP2T 10 Watt Switch for
0.05 - 6.0 GHz Higher Power Applications
Rev. V6
MASW-000822-1277OT
1
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Exceptional Broadband Performance
• Suitable for Higher Power WiMax & WLAN
Applications
• Lower Loss:
Tx = 0.40 dB @ 3.8 GHz, 22mA
Rx = 0.60 dB @ 3.8 GHz, 22mA
• Higher Isolation:
Rx-Tx = 21 dB @ 3.8 GHz
Tx-Rx = 26 dB @ 3.8 GHz
• Higher RF Input Power = 10 W C.W.
( Tx-Ant Port )
• Higher IIP3 = 65 dBm ( Tx-Ant Port ).
• Lower EVM (OFDM):
< 1.0% @ 8W Pin, ( Tx-Ant Port )
• Lead-Free 3 mm 16-Lead PQFN Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Reflow Compatible
Description
MA-COM’s MASW-000822-12770T is a Broadband,
high linearity, common anode PIN diode SPDT
switch in a lead-free 3 mm 16-lead PQFN package.
The MASW-00822-1277OT is ideally suited for 0.05
- 6.0 GHz applications, including WiMax & WLAN.
This SP2T switch offers excellent isolation to loss
ratio for both Tx and Rx states. The PIN diode
provides exceptional 10 W C.W power handling
coupled with 65 dBm IIP3 for maximum switch
performance @ 3.8GHz.
This MASW-000822-1277OT incorporates a PIN
diode die fabricated with M/A-COM’s patented
Silicon-Glass HMICTM process. This chip features
two silicon pedestals embedded in a low loss, low
dispersion glass. The diodes are formed on the top
of each pedestal. The topside is fully encapsulated
with silicon nitride and has an additional polymer
passivation layer. These polymer protective coatings
prevent damage and contamination during handling
and assembly.
Functional Schematic
Pin Configuration 1
1. The exposed pad centered on the package bottom must be
connected to RF and DC ground.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Ordering Information 2
Part Number
Package
MASW-000822-1277OT
1000 piece reel, 7 inch
MASW-000822-001SMB
Sample Board
2. Reference Application Note M513 for reel size information.
Pin
Function
Pin
Function
1
N/C
9
N/C
2
N/C
10
Rx
3
Tx
11
N/C
4
N/C
12
N/C
5
N/C
13
N/C
6
N/C
14
Ant
7
N/C
15
N/C
8
N/C
16
N/C


Similar Part No. - MASW-000822-12770T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW-000822-12770T MACOM-MASW-000822-12770T Datasheet
215Kb / 10P
   HMICTM PIN Diode SP2T 8 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
logo
M/A-COM Technology Solu...
MASW-000822-12770T MA-COM-MASW-000822-12770T Datasheet
216Kb / 5P
   HMICTM PIN Diode SP2T 10 Watt Switch
MASW-000822-12770T MA-COM-MASW-000822-12770T_15 Datasheet
812Kb / 6P
   HMIC PIN Diode SP2T 10 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
More results

Similar Description - MASW-000822-12770T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-000822-12770T MA-COM-MASW-000822-12770T Datasheet
216Kb / 5P
   HMICTM PIN Diode SP2T 10 Watt Switch
MASW-000825-12770T MA-COM-MASW-000825-12770T Datasheet
218Kb / 8P
   HMICTM PIN Diode SP2T 20 Watt Switch
MASW-000825-12770T_V4 MA-COM-MASW-000825-12770T_V4 Datasheet
218Kb / 8P
   HMICTM PIN Diode SP2T 20 Watt Switch
MASW-000823-12770T MA-COM-MASW-000823-12770T Datasheet
138Kb / 6P
   HMICTM PIN Diode SP2T 13 Watt Switch for TD-SCDMA Applications
MASW-000822-1277OT MA-COM-MASW-000822-1277OT Datasheet
215Kb / 5P
   HMICTM PIN Diode SP2T 10 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
MASW-000834_13560T_V8 MA-COM-MASW-000834_13560T_V8 Datasheet
248Kb / 13P
   HMICTM PIN Diode SPDT 50 Watt Switch
MASW-000834-13560T MA-COM-MASW-000834-13560T Datasheet
248Kb / 13P
   HMICTM PIN Diode SPDT 50 Watt Switch
MASW-000932-V1-APR11 MA-COM-MASW-000932-V1-APR11 Datasheet
132Kb / 6P
   HMICTM PIN Diode SPDT 80 Watt Switch
logo
Tyco Electronics
MASW-000822-12770T MACOM-MASW-000822-12770T Datasheet
215Kb / 10P
   HMICTM PIN Diode SP2T 8 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
logo
M/A-COM Technology Solu...
MASW-000825-12770T MA-COM-MASW-000825-12770T Datasheet
209Kb / 8P
   HMICTM PIN Diode SP2T 20 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com