Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPM-2100WG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPM-2100WG
Description  3.3V / 850 nm / 10.3 Gb/s Digital Diagnostic SFP LC Multi-Mode TRANSCEIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPM-2100WG Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPM-2100WG Datasheet HTML 1Page - Optoway Technology Inc SPM-2100WG Datasheet HTML 2Page - Optoway Technology Inc SPM-2100WG Datasheet HTML 3Page - Optoway Technology Inc SPM-2100WG Datasheet HTML 4Page - Optoway Technology Inc SPM-2100WG Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
SPM-2100WG
*********************************************************************************************************************************************************************
*********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
2009/10/1 V3.0
1
SPM-2100WG / SPM-2100BWG / SPM-2100AWG
(RoHS Compliant)
3.3V / 850 nm / 10.3 Gb/s Digital Diagnostic SFP+ LC Multi-Mode TRANSCEIVER
********************************************************************************************************************************************************************
FEATURES
l Up to 10.5 Gb/s Bi-directional Data Link
l Complaint to SFP+ MSA
l Compliant with 10GBASE-SR
l Compliant with 10GBASE- SW
l Link Distance at 10.3 Gbd
300 m links with OM3 MMF Cables
82 m links with OM2 MMF Cables
33 m links with OM1 MMF Cables
l SFF-8472 Digital Diagnostic Function
l AC/AC Coupling according to MSA
l Single +3.3 V Power Supply
l RoHS 6/6 Compliant
l 0 to 70oC Operation: SPM-2100WG
l -10 to 85oC Operation: SPM-2100BWG
l -40 to 85oC Operation: SPM-2100AWG
l Class 1 Laser International Safety Standard IEC 60825
Compliant
APPLICATIONS
l 10G Ethernet at 10.3125Gbps
DESCRIPTION
The SPM-2100WG series multi-mode transceivers is SFP+
module
for
bi-directional
serial
optical
data
communications such as10GBASE-SR and 10GBASE-SW.
It is with the SFP+ 20-pin connector to allow hot plug
capability. Digital diagnostic functions are available via an
I
2C. This module is designed for multi-mode fiber and
operates at a nominal wavelength of 850 nm. The
transmitter section uses a Vertical Cavity Surface Emitted
Laser (VCSEL) and is a Class 1 laser compliant according
to International Safety Standard IEC 60825. The receiver
section uses an integrated GaAs detector preamplifier (IDP)
mounted in an optical header and a limiting post-amplifier
IC.
LASER SAFETY
This multi-mode transceiver is a Class 1 laser product. It
complies with IEC 60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Gb/s)
10GBASE
Distance
(m)
Wavelength
(nm)
Package
Temp.
(
oC)
RoHS
Compliant
SPM-2100WG
10.3
SR / SW
300 / 82 / 33*
850 VCSEL
SFP+ with DMI
0 to 70
Yes
SPM-2100BWG
10.3
SR / SW
300 / 82 / 33*
850 VCSEL
SFP+ with DMI
-10 to 85
Yes
SPM-2100AWG
10.3
SR / SW
300 / 82 / 33*
850 VCSEL
SFP+ with DMI
-40 to 85
Yes
*: 300m for OM3 MMF, 82m for OM2 MMF, and 33 m for OM1 MMF.
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
0
70
SPM-2100WG
-10
85
SPM-2100BWG
Operating Case Temperature
Topr
-40
85
oC
SPM-2100AWG
Operating Relative Humidity
RH
5
95
%
Non condensing
Power Supply Voltage
Vcc
0
4
V
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units / Notes
Power Supply Voltage
Vcc
3.14
3.3
3.46
V
0
70
-10
85
Operating Case Temperature
Topr
-40
85
oC
Power Supply Current
ICC (TX+RX)
135
180
mA
Data Rate
10.3125
10.5
Gb/s


Similar Part No. - SPM-2100WG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-2100WG OPTOWAY-SPM-2100WG Datasheet
170Kb / 5P
   3.3V / 850 nm / 10.3 Gb/s Digital Diagnostic SFP LC Multi-Mode TRANSCEIVER
SPM-2100WG OPTOWAY-SPM-2100WG Datasheet
169Kb / 5P
   10.3 Gb/s Digital Diagnostic SFP LC Multi-Mode TRANSCEIVER
SPM-2100WG OPTOWAY-SPM-2100WG Datasheet
169Kb / 5P
   10.3 Gb/s Digital Diagnostic SFP LC Multi-Mode TRANSCEIVER
SPM-2100WG OPTOWAY-SPM-2100WG_15 Datasheet
169Kb / 5P
   10.3 Gb/s Digital Diagnostic SFP LC Multi-Mode TRANSCEIVER
SPM-2100WG_2015 OPTOWAY-SPM-2100WG_2015 Datasheet
169Kb / 5P
   10.3 Gb/s Digital Diagnostic SFP LC Multi-Mode TRANSCEIVER
More results

Similar Description - SPM-2100WG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-2100WG OPTOWAY-SPM-2100WG Datasheet
170Kb / 5P
   3.3V / 850 nm / 10.3 Gb/s Digital Diagnostic SFP LC Multi-Mode TRANSCEIVER
SPM-2100G OPTOWAY-SPM-2100G Datasheet
169Kb / 5P
   3.3V / 850 nm / 10.3 Gb/s SFP LC Multi-Mode TRANSCEIVER
SPM-2100WG_2015 OPTOWAY-SPM-2100WG_2015 Datasheet
169Kb / 5P
   10.3 Gb/s Digital Diagnostic SFP LC Multi-Mode TRANSCEIVER
SPM-2100WG OPTOWAY-SPM-2100WG_15 Datasheet
169Kb / 5P
   10.3 Gb/s Digital Diagnostic SFP LC Multi-Mode TRANSCEIVER
SPM-6100WG OPTOWAY-SPM-6100WG_15 Datasheet
257Kb / 10P
   850 nm Digital Diagnostic LC Multi-Mode SFP TRANSCEIVER
SPM-8100WG OPTOWAY-SPM-8100WG Datasheet
145Kb / 4P
   3.3V / 850 nm / 4.25 Gbps Digital Diagnostic Digital Diagnostic SFP LC Multi-Mode TRANSCEIVER
SPM-9100FWG OPTOWAY-SPM-9100FWG_08 Datasheet
148Kb / 5P
   3.3V / 850 nm / 2.125 Gbps Digital Diagnostic SFP LC MULTI-MODE TRANSCEIVER
SPM-7101WG OPTOWAY-SPM-7101WG Datasheet
149Kb / 4P
   3.3V / 850 nm / 1.25 Gbps Digital Diagnostic LC SFP MULTI-MODE TRANSCEIVER
SPM-7100WG OPTOWAY-SPM-7100WG_08 Datasheet
147Kb / 5P
   3.3V / 850 nm / 1.25 Gbps Digital Diagnostic LC SFP MULTI-MODE TRANSCEIVER
SPM-7100WG OPTOWAY-SPM-7100WG Datasheet
149Kb / 4P
   3.3V / 850 nm / 1.25 Gbps Digital Diagnostic LC SFP MULTI-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com